Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-GF Datasheet(PDF) 8 Page - IC-Haus GmbH

Part # IC-GF
Description  TRANSCEIVER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-GF Datasheet(HTML) 8 Page - IC-Haus GmbH

Back Button IC-GF Datasheet HTML 4Page - IC-Haus GmbH IC-GF Datasheet HTML 5Page - IC-Haus GmbH IC-GF Datasheet HTML 6Page - IC-Haus GmbH IC-GF Datasheet HTML 7Page - IC-Haus GmbH IC-GF Datasheet HTML 8Page - IC-Haus GmbH IC-GF Datasheet HTML 9Page - IC-Haus GmbH IC-GF Datasheet HTML 10Page - IC-Haus GmbH IC-GF Datasheet HTML 11Page - IC-Haus GmbH IC-GF Datasheet HTML 12Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
iC-GF
TRANSCEIVER
Rev C1, Page 8/26
ELECTRICAL CHARACTERISTICS
Operating Conditions: VBO = 9...30 V (referenced to VN), Tj = -40...125 °C, RSET = 6.8 kΩ ±1%, unless otherwise stated
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
High-Side Switch QP1, QP2
201
Vs()hi
Saturation Voltage hi vs. VBO
RSET = 5.1 kΩ;
I() = -100 mA
-1.4
V
I() = -50 mA
-0.85
V
I() = -10 mA
-0.35
V
202
Isc()hi
Short-Circuit Current hi
RSET = 6.8 kΩ, V() = 0...VBO − 3 V
-230
-150
-100
mA
RSET = 5.1 kΩ, V() = 0...VBO − 4 V
-325
-220
-140
mA
203
Vol()on
Overload Detection Threshold on QP1, QP2 hi → lo; referenced to VBO
-2.1
-1.5
V
204
Vol()off
Overload Detection Threshold off QP1, QP2 lo → hi; referenced to VBO
-1.9
-1.4
V
205
Vol()hys
Overload Detection Threshold
Hysteresis
Vol()hys = Vol()off − Vol()on
0.1
V
206
llk()
Leakage Current at QP1, QP2
OEN = lo;
V(QP1, QP2) = -6...0 V
-100
0
µA
V(QP1, QP2) = 0 V...VBO
-40
0
µA
V(QP1, QP2) > VBO...VN + 30 V
0
100
µA
207
SR()
Slew Rate (switch off → on)
VBO = 30 V, Cl = 2.2 nF
40
V/µs
208
Imax()
Maximum Current in QP1, QP2
V(ISET) = 0 V, VBO − QPx > 4 V
-520
-170
mA
209
Ir()
Reverse Current in QP1, QP2
QPx activated; V(QPx) = VBO...VBO + 6 V
1
mA
210
Iexc()
Excitation Current
NEXC = 0 (see Fig. 9)
-540
-300
mA
211
texc
Excitation Time
NEXC = 0 (see Fig. 9)
1.5
3.5
µs
212
tdead
Dead Time
Push-pull configuration, QPx activation delay
after QNx deactivation (see Fig. 9)
1.2
2.8
µs
Short-Circuit/Overload Monitor
301
toldly
Time to Overload Message
(NOVL 1 → 0, outputs tri-state)
Permanent overload (see Fig. 6)
126
160
213
µs
302
tolcl
Time to Overload Message Reset
(NOVL 0 → 1, outputs active)
No overload (see Fig. 6)
35
50
80
ms
303
tdscr
Time to Communication Request
acknowledge
SPI mode, ENSCR = 1,
QCFGx(1:0) = 01/10/11
70
90
µs
304
tdnscrmax
Maximum Time for no Communi-
cation Request acknowledge
40
µs
305
tdnscrmin
Minimum Time for no Communi-
cation Request acknowledge
151
µs
VBO Voltage Monitor
401
VBOon
Turn-On Threshold VBO
Referenced to GND
8
9
V
402
VBOoff
Turn-Off Threshold VBO
Decreasing voltage VBO
7.3
8.5
V
403
VBOhys
Hysteresis
VBOhys = VBOon − VBOoff
200
500
mV
404
tuvdly
Time to Undervoltage Message
(NUVD 1 → 0, switch tri-state)
Permanent undervoltage at VBR, VCC or
VCC3
25
120
µs
405
tuvcl
Time to Undervoltage Message
Reset
(NUVD 0 → 1, switch active)
No undervoltage at VBR, VCC and VCC3
(see Fig. 6)
35
50
80
ms
Temperature Monitor
501
Toff
Overtemperature Shutdown
(NOVL 1 → 0, switch tri-state)
Increasing temperature Tj
130
165
°C
502
ton
Overtemperature Shutdown Re-
set Delay
(NOVL 0 → 1, switch active)
Temperature Tj < Toff
35
50
80
ms
Inputs IN1/TX, IN2/MOSI, INV1/ENSPI, QCFG1/NCS, QCFG2/SCLK, OEN
601
Vt()hi
Input Threshold Voltage hi at
IN1/TX, IN2/MOSI, OEN, SCLK,
NCS
2
V
602
Vt()lo
Input Threshold Voltage lo at
IN1/TX, IN2/MOSI, OEN, SCLK,
NCS
0.8
V


Similar Part No. - IC-GF

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-GF ICHAUS-IC-GF Datasheet
1Mb / 30P
   TRANSCEIVER
IC-GF ICHAUS-IC-GF_15 Datasheet
1Mb / 30P
   TRANSCEIVER
More results

Similar Description - IC-GF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCN5121 ONSEMI-NCN5121 Datasheet
1Mb / 57P
   Transceiver
October, 2015 ??Rev. 0
logo
OPLINK Communications I...
TPP1XGDS0XG OPLINK-TPP1XGDS0XG Datasheet
265Kb / 6P
   Transceiver
TPP1XGJERXG OPLINK-TPP1XGJERXG Datasheet
266Kb / 6P
   Transceiver
logo
ON Semiconductor
NCN5110 ONSEMI-NCN5110 Datasheet
291Kb / 24P
   Transceiver
October, 2015 ??Rev. 0
NCN5130 ONSEMI-NCN5130 Datasheet
465Kb / 58P
   Transceiver
October, 2015 ??Rev. 2
logo
IC-Haus GmbH
IC-GF ICHAUS-IC-GF_15 Datasheet
1Mb / 30P
   TRANSCEIVER
logo
List of Unclassifed Man...
78P2253-IGT ETC-78P2253-IGT Datasheet
107Kb / 23P
   Transceiver
78P2241 ETC-78P2241 Datasheet
132Kb / 23P
   Transceiver
logo
Semtech Corporation
SX1231 SEMTECH-SX1231_10 Datasheet
1,017Kb / 81P
   Transceiver Low Power Integrated UHF Transceiver
logo
Texas Instruments
SN75LBC773 TI-SN75LBC773 Datasheet
173Kb / 13P
[Old version datasheet]   GEOPORTE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com