Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G04 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # 74LVC1G04
Description  SINGLE INVERTER GATE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC1G04 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button 74LVC1G04 Datasheet HTML 5Page - Diodes Incorporated 74LVC1G04 Datasheet HTML 6Page - Diodes Incorporated 74LVC1G04 Datasheet HTML 7Page - Diodes Incorporated 74LVC1G04 Datasheet HTML 8Page - Diodes Incorporated 74LVC1G04 Datasheet HTML 9Page - Diodes Incorporated 74LVC1G04 Datasheet HTML 10Page - Diodes Incorporated 74LVC1G04 Datasheet HTML 11Page - Diodes Incorporated 74LVC1G04 Datasheet HTML 12Page - Diodes Incorporated 74LVC1G04 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
74LVC1G04
SINGLE INVERTER GATE
74LVC1G04
Document number: DS32198 Rev. 2 - 2
9 of 14
www.diodes.com
October 2010
© Diodes Incorporated
Ordering Information
74LVC1G 04 XXX - 7
W5 : SOT25
Function
Package
7 : Tape & Reel
Packing
04 : 1-Input
Inverter Gate
SE : SOT353
Logic Device
74 : Logic Prefix
LVC : 1.65 to 5.5V
Family
1G : One gate
FZ4 : DFN1410
Device
Package
Code
Packaging
(Note 6)
7” Tape and Reel
Quantity
Part Number Suffix
74LVC1G04W5-7
W5
SOT25
3000/Tape & Reel
-7
74LVC1G04SE-7
SE
SOT353
3000/Tape & Reel
-7
74LVC1G04 FZ4-7
FZ4
DFN1410
5000/Tape & Reel
-7
Notes:
6. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.


Similar Part No. - 74LVC1G04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G04 PHILIPS-74LVC1G04 Datasheet
68Kb / 16P
   Single inverter
2002 Oct 02
74LVC1G04 NXP-74LVC1G04 Datasheet
82Kb / 15P
   Single inverter
Rev. 07-27 August 2007
74LVC1G04 NXP-74LVC1G04 Datasheet
92Kb / 15P
   Single inverter
Rev. 08-27 April 2009
logo
Diodes Incorporated
74LVC1G04 DIODES-74LVC1G04 Datasheet
199Kb / 11P
   SINGLE INVERTER GATE
DS32198 Rev. 1 - 2
logo
Silicon Supplies
74LVC1G04 SS-74LVC1G04 Datasheet
517Kb / 6P
   Low Voltage CMOS Logic
More results

Similar Description - 74LVC1G04

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHCT1G04-Q1 TI-SN74AHCT1G04-Q1 Datasheet
147Kb / 7P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1G04-Q1 TI1-SN74LVC1G04-Q1 Datasheet
362Kb / 12P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1G04MDBVREP TI1-SN74LVC1G04MDBVREP Datasheet
495Kb / 14P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1G04 TI1-SN74LVC1G04_18 Datasheet
2Mb / 45P
[Old version datasheet]   Single Inverter Gate
logo
Unisonic Technologies
U74LVC1G04 UTC-U74LVC1G04_15 Datasheet
170Kb / 5P
   SINGLE INVERTER GATE
logo
Texas Instruments
SN74LVC1G04-Q1 TI1-SN74LVC1G04-Q1_15 Datasheet
866Kb / 16P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1GU04 TI-SN74LVC1GU04 Datasheet
535Kb / 14P
[Old version datasheet]   SINGLE INVERTER GATE
logo
Diodes Incorporated
74LVC1G04 DIODES-74LVC1G04 Datasheet
199Kb / 11P
   SINGLE INVERTER GATE
DS32198 Rev. 1 - 2
logo
Texas Instruments
SN74AUC1GU04 TI-SN74AUC1GU04_10 Datasheet
445Kb / 12P
[Old version datasheet]   SINGLE INVERTER GATE
logo
Diodes Incorporated
74AHC1G04 DIODES-74AHC1G04_11 Datasheet
180Kb / 8P
   SINGLE INVERTER GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com