Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G97W6 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # 74LVC1G97W6
Description  CONFIGURABLE MULTIPLE-FUNCTION GATE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC1G97W6 Datasheet(HTML) 1 Page - Diodes Incorporated

  74LVC1G97W6 Datasheet HTML 1Page - Diodes Incorporated 74LVC1G97W6 Datasheet HTML 2Page - Diodes Incorporated 74LVC1G97W6 Datasheet HTML 3Page - Diodes Incorporated 74LVC1G97W6 Datasheet HTML 4Page - Diodes Incorporated 74LVC1G97W6 Datasheet HTML 5Page - Diodes Incorporated 74LVC1G97W6 Datasheet HTML 6Page - Diodes Incorporated 74LVC1G97W6 Datasheet HTML 7Page - Diodes Incorporated 74LVC1G97W6 Datasheet HTML 8Page - Diodes Incorporated 74LVC1G97W6 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
74LVC1G97
CONFIGURABLE MULTIPLE-FUNCTION GATE
74LVC1G97
Document number: DS35127 Rev. 1 - 2
1 of 13
www.diodes.com
January 2011
© Diodes Incorporated
Description
The 74LVC1G97 is a single 3-input positive configurable
multiple function gate with a standard totem pole output. The
output state is determined by eight patterns of 3-bit input.
The user can chose the logic functions MUX, AND, OR,
NAND, NOR, inverter or non-inverting buffer. All inputs can
be connected to ground or Vcc as required. The device is
designed for operation with a power supply range of 1.65V to
5.5V. The inputs are tolerant to 5.5V allowing this device to
be used in a mixed voltage environment. The device is fully
specified for partial power down applications using IOFF.
The IOFF circuitry disables the output preventing damaging
current backflow when the device is powered down.
The
user is reminded that the device can simulate several types
of logic gates but may respond differently due to the Schmitt
action at the inputs.
Pin Assignments
In1
IN0
Y
In2
(Top View)
6
4
3
2
1
GND
Vcc
5
SOT26 / SOT363
Features
Wide Supply Voltage Range from 1.65V to 5.5V
± 24mA Output Drive at 3.3V
CMOS low power consumption
IOFF Supports Partial-Power-Down Mode Operation
Inputs accept up to 5.5V
ESD Protection Exceeds JESD 22
o
200-V Machine Model (A115-A)
o
2000-V Human Body Model (A114-A)
Latch-Up Exceeds 100mA per JESD 78, Class II
Range of Package Options
SOT26, SOT363, and DFN1010: Available in “Green”
Molding Compound (no Br, Sb)
Lead Free Finish/ RoHS Compliant (Note 1)
Applications
Voltage Level Shifting
General Purpose Logic
Power Down Signal Isolation
Wide array of products such as:
o
PCs, networking, notebooks, netbooks, PDAs
o
Computer peripherals, hard drives, CD/DVD ROM
o
TV, DVD, DVR, set top box
o
Cell Phones, Personal Navigation / GPS
o
MP3 players ,Cameras, Video Recorders
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html.


Similar Part No. - 74LVC1G97W6

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74LVC1G97W6 DIODES-74LVC1G97W6 Datasheet
356Kb / 14P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
74LVC1G97W6-7 DIODES-74LVC1G97W6-7 Datasheet
356Kb / 14P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
More results

Similar Description - 74LVC1G97W6

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G98 TI-SN74LVC1G98_10 Datasheet
749Kb / 18P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74LVC1G58 DIODES-74LVC1G58 Datasheet
288Kb / 13P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
DS35126 Rev. 1 - 2
74LVC1G98 DIODES-74LVC1G98_11 Datasheet
351Kb / 14P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Renesas Technology Corp
HD74LV1GW97A RENESAS-HD74LV1GW97A Datasheet
102Kb / 9P
   Configurable Multiple-Function Gate
HD74LV1GW98A RENESAS-HD74LV1GW98A Datasheet
102Kb / 9P
   Configurable Multiple-Function Gate
logo
Texas Instruments
SN74LVC1G98-Q1 TI1-SN74LVC1G98-Q1 Datasheet
339Kb / 13P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74AUP1G97 DIODES-74AUP1G97 Datasheet
621Kb / 17P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
74AUP1G57 DIODES-74AUP1G57 Datasheet
759Kb / 16P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Texas Instruments
SN74LVC1G97-Q1 TI1-SN74LVC1G97-Q1 Datasheet
351Kb / 13P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74LVC1G57DRLR TI1-SN74LVC1G57DRLR Datasheet
1Mb / 24P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74LVC1G57_1107 DIODES-74LVC1G57_1107 Datasheet
341Kb / 13P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com