Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-HX Datasheet(PDF) 3 Page - IC-Haus GmbH

Part # IC-HX
Description  3-CHANNEL DIFFERENTIAL COLD LINE DRIVER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-HX Datasheet(HTML) 3 Page - IC-Haus GmbH

  IC-HX Datasheet HTML 1Page - IC-Haus GmbH IC-HX Datasheet HTML 2Page - IC-Haus GmbH IC-HX Datasheet HTML 3Page - IC-Haus GmbH IC-HX Datasheet HTML 4Page - IC-Haus GmbH IC-HX Datasheet HTML 5Page - IC-Haus GmbH IC-HX Datasheet HTML 6Page - IC-Haus GmbH IC-HX Datasheet HTML 7Page - IC-Haus GmbH IC-HX Datasheet HTML 8Page - IC-Haus GmbH IC-HX Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
preliminary
preliminary
iC-HX
3-CHANNEL DIFFERENTIAL COLD LINE DRIVER
Rev A1, Page 3/11
ABSOLUTE MAXIMUM RATINGS
Beyond these values damage may occur; device operation is not guaranteed. Absolute Maximum Ratings are no Operating Conditions.
Integrated circuits with system interfaces, e.g. via cable accessible pins (I/O pins, line drivers) are per principle endangered by injected
interferences, which may compromise the function or durability. The robustness of the devices has to be verified by the user during system
development with regards to applying standards and ensured where necessary by additional protective circuitry. By the manufacturer
suggested protective circuitry is for information only and given without responsibility and has to be verified within the actual system with
respect to actual interferences.
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Max.
G001 VCC
Supply Voltage
0
7
V
G002 VBx
Driver Supply Voltage VB1, VB2, VB3
0
40
V
G003 V()
Voltage at E1...6, A1...6, DIFF, ENA,
TNER
0
40
V
G004 I(Ax)
Driver Output Current (x=1...6)
-800
800
mA
G005 I(Ex)
Input Current Driver E1...E6, Diff, ENA,
TNER
-4
4
mA
G006 V(NER)
Voltage at NER
0
40
V
G007 I(NER)
Current in NER
-4
25
mA
G008 V()
ESD Suceptibility at all pins
HBM 100 pF discharged through 1.5 k Ω
2
kV
G009 Tj
Operating Junction Temperature
-40
140
°C
G010 Ts
Storage Temperature Range
-40
150
°C
THERMAL DATA
Operating conditions: VB1. . . 3 = 4.5. . . 40 V, VCC = 4.5. . . 5.5 V or VB1. . . 3 = VCC = 4. . . 5.5 V
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
T01
Ta
Operating Ambient Temperature Range
(extended range to -40°C on request)
-25
125
°C
T02
Rthja
Thermal Resistance Chip to Ambient
surface mounted, thermal pad soldered to
approx. 2 cm² heat sink
40
K/W
All voltages are referenced to ground unless otherwise stated.
All currents into the device pins are positive; all currents out of the device pins are negative.


Similar Part No. - IC-HX

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-HX ICHAUS-IC-HX Datasheet
913Kb / 14P
   3-CHANNEL DIFFERENTIAL COLD LINE DRIVER
IC-HX ICHAUS-IC-HX_17 Datasheet
913Kb / 14P
   3-CHANNEL DIFFERENTIAL COLD LINE DRIVER
More results

Similar Description - IC-HX

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-HX ICHAUS-IC-HX_17 Datasheet
913Kb / 14P
   3-CHANNEL DIFFERENTIAL COLD LINE DRIVER
IC-DL ICHAUS-IC-DL_17 Datasheet
530Kb / 10P
   3-CHANNEL DIFFERENTIAL LINE DRIVER
IC-VX ICHAUS-IC-VX Datasheet
603Kb / 11P
   3-CHANNEL DIFFERENTIAL LINE DRIVER
IC-DL ICHAUS-IC-DL Datasheet
305Kb / 9P
   3-CHANNEL DIFFERENTIAL LINE DRIVER
logo
List of Unclassifed Man...
ET9600 ETC1-ET9600 Datasheet
34Kb / 2P
   THREE CHANNEL DIFFERENTIAL LINE DRIVER IC
logo
Intersil Corporation
ISL1532 INTERSIL-ISL1532 Datasheet
58Kb / 2P
   Dual Channel Differential DSL Line Driver
ISL1533AIRZ INTERSIL-ISL1533AIRZ Datasheet
928Kb / 14P
   Dual Channel Differential DSL Line Driver
May 9, 2014
logo
Renesas Technology Corp
ISL1539 RENESAS-ISL1539 Datasheet
763Kb / 11P
   Dual Channel Differential VDSL2 Line Driver
June 21, 2013
logo
National Semiconductor ...
DS89C387 NSC-DS89C387 Datasheet
158Kb / 10P
   Twelve Channel CMOS Differential Line Driver
logo
Texas Instruments
DS89C387 TI1-DS89C387_16 Datasheet
339Kb / 15P
[Old version datasheet]   Twelve Channel CMOS Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com