Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-JXEVALJX2D Datasheet(PDF) 6 Page - IC-Haus GmbH

Part # IC-JXEVALJX2D
Description  16-FOLD 24 V HIGH-SIDE DRIVER WITH 關C INTERFACE
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-JXEVALJX2D Datasheet(HTML) 6 Page - IC-Haus GmbH

Back Button IC-JXEVALJX2D Datasheet HTML 2Page - IC-Haus GmbH IC-JXEVALJX2D Datasheet HTML 3Page - IC-Haus GmbH IC-JXEVALJX2D Datasheet HTML 4Page - IC-Haus GmbH IC-JXEVALJX2D Datasheet HTML 5Page - IC-Haus GmbH IC-JXEVALJX2D Datasheet HTML 6Page - IC-Haus GmbH IC-JXEVALJX2D Datasheet HTML 7Page - IC-Haus GmbH IC-JXEVALJX2D Datasheet HTML 8Page - IC-Haus GmbH IC-JXEVALJX2D Datasheet HTML 9Page - IC-Haus GmbH IC-JXEVALJX2D Datasheet HTML 10Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
iC-JX
16-FOLD 24 V HIGH-SIDE DRIVER WITH µC INTERFACE
Rev C1, Page 6/36
ELECTRICAL CHARACTERISTICS
Operating conditions: VCC = VDD = 3 ... 5.5 V, VBy = 12 ... 36 V, GNDA = GNDD = 0 V, RSET = 10 kΩ ±1% . All inputs on defined logic
states (high or low), Tj = -40 ... 125 °C unless otherwise stated. Functionality and parameters beyond operating conditions (for example
w.r. to independent voltage supplies) are to be verified within the individual application by FMEA methods.
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
108
SR()lo
Slew Rate lo
CL = 0 ... 100 pF, I(IOx) = -150mA
5
17
V/µs
109
tplh()
Propagation Delay until IOx: lo →
hi
V(IOx) > V0(IOx) + 1 V
6
µs
110
tphl()
Propagation Delay until IOx = off V(IOx) < 80 % (VBy - Vs(IOx)hi)
6
µs
I/O Stages: Current Sources at IO1...16
201
Ipd()
Pull-down Current Source
(200 µA)
V(IOx) = 3 V .. VBy;
160
200
240
µA
202
Ipd()
Pull-down Current Source
(600 µA)
V(IOx) = 3 V .. VBy;
510
600
690
µA
203
Ipd()
Pull-down Current Source (2 mA) V(IOx) = 3 V .. VBy;
1.6
2
2.4
mA
204
Ipu()
Pull-up Current Source (200 µA)
IOx = off, V(IOx) = 0 V .. VBy - 3 V
150
200
250
µA
205
Ipu()
Pull-up Current Source (600 µA)
IOx = off, V(IOx) = 0 V .. VBy - 3 V
510
600
690
µA
206
Ipu()
Pull-up Current Source (2 mA)
IOx = off, V(IOx) = 0 V ..VBy - 3 V
1.6
2
2.4
mA
207
tp()Ion
Turn-on Time
Current Source aktiv
I(IOx) > 90 % Ipd(IOx) resp.
I(IOx) > 90 %Ipu(IOx)
5
µs
208
tp()Ioff
Turn-off Time
Current Source inaktiv
I(IOx) < 10 % Ipd(IOx) resp.
I(IOx) < 10 % Ipu(IOx)
5
µs
209
Ifu()
Leakage Current
IOx with Input Function or
Output Function with IOx = off; VBy = 30 V
IL2 = IH2 = IL1 = IH1 = IL0 = IH0 = 0,
V(IOx) = 0V .. VBy
-50
70
µA
210
Irb()
Leakage Current
Conditions see Item-No. 209;
V(IOx) = -10 V .. 0 V, VBy = 30 V
-1.5
mA
211
Irb()
Leakage Current
Conditions see Item-No. 209; only Input Func-
tion
V(IOx) = VBy ... VBy + 0.3 V
250
µA
212
Irb()
Leakage Current
Conditions see Item-No. 209; only Input Func-
tion
V(IOx) = VBy + 0.3V ... VBy + 2V
1
mA
213
Irb()
Leakage Current
no supply voltages VBy
V(IO)max = 36V
5
mA
I/O Stages: Comparator IO 1..16
301
Vt()hi
Threshold voltage hi
IOx with input function
82
%VCC
302
Vt()lo
Threshold voltage lo
IOx with input function
66
%VCC
303
Vt()hys
Hysteresis
IOx with input function, Vt()hys = Vt()hi - Vt()lo
100
mV
304
Vt()hi
Threshold voltage hi referenced
to VBy
IOx with output function, Vt()hi = VBy - V(IOx)
5.0
V
305
Vt()lo
Threshold voltage lo referenced
to VBy
IOx with output function, Vt()lo = VBy - V(IOx)
6.7
V
306
Vt()hys
Hysteresis
IOx with output function, Vt()hys = Vt()lo - Vt()hi
100
mV
307
tp(IOx-Dx) Propagation Delay Input IOx to
Data Output Dx
I/O-Filter inaktive
20
µs
Thermal Shutdown
401
Toff1
Overtemperatur threshold level 1:
warning
120
145
°C
402
Ton1
Level 1 Release
115
140
°C
403
Thys1
Level 1 Hysteresis
Thys1 = Toff1 - Ton1
2
7
°C
404
Toff2
Overtemperatur threshold level 2:
shutdown
140
165
°C
405
Ton2
Level 2 Release
120
145
°C
406
Thys2
Level 2 Hysteresis
Thys2 = Toff2 - Ton2
13
35
°C
407
T
Temperature Difference Level 2
to Level 1
T = Toff2 - Toff1
13
35
°C


Similar Part No. - IC-JXEVALJX2D

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-JX ICHAUS-IC-JX Datasheet
1Mb / 48P
   16-FOLD 24 V HIGH-SIDE DRIVER
IC-JX ICHAUS-IC-JX_16 Datasheet
1Mb / 48P
   16-FOLD 24 V HIGH-SIDE DRIVER
More results

Similar Description - IC-JXEVALJX2D

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-JX ICHAUS-IC-JX_16 Datasheet
1Mb / 48P
   16-FOLD 24 V HIGH-SIDE DRIVER
logo
Melexis Microelectronic...
MLX10410 MELEXIS-MLX10410 Datasheet
92Kb / 7P
   8 Fold High Side Driver
logo
Infineon Technologies A...
TLE6240GP INFINEON-TLE6240GP Datasheet
814Kb / 23P
   Smart 16-fold Low-Side Switch
V3.1 26.Aug 2002
logo
Texas Instruments
TPS929240-Q1 TI-TPS929240-Q1 Datasheet
3Mb / 123P
[Old version datasheet]   TPS929240-Q1 24-Channel, Automotive, 40-V, High-Side (O)LED Driver with FlexWire Interface
JULY 2022
TPS929240-Q1 TI-TPS929240-Q1_V01 Datasheet
7Mb / 129P
[Old version datasheet]   TPS929240-Q1 24-Channel, Automotive, 40-V, High-Side (O)LED Driver With FlexWire™ Interface
REVISED APRIL 2023
logo
STMicroelectronics
VN9D5D20F STMICROELECTRONICS-VN9D5D20F Datasheet
2Mb / 96P
   4 channel high-side driver with 24-bit SPI interface for automotive applications
Rev 6 - April 2023
VN9D5D20FN STMICROELECTRONICS-VN9D5D20FN Datasheet
2Mb / 96P
   4 channel high-side driver with 24-bit SPI interface for automotive applications
Rev 7 - April 2023
VN9D30Q100F STMICROELECTRONICS-VN9D30Q100F Datasheet
3Mb / 100P
   6-channel high-side driver with 24-bit SPI interface for automotive applications
Rev 4 - May 2021
logo
Texas Instruments
TPS929160-Q1 TI-TPS929160-Q1 Datasheet
7Mb / 122P
[Old version datasheet]   TPS929160-Q1 16-Channel, Automotive, 40-V, High-Side (O)LED Driver With FlexWire™ Interface
APRIL 2023
TPS929120-Q1 TI1-TPS929120-Q1 Datasheet
1Mb / 104P
[Old version datasheet]   12-Channel Automotive 40-V High-Side LED Driver With FlexWire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com