Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-JXEVALJX2D Datasheet(PDF) 4 Page - IC-Haus GmbH

Part # IC-JXEVALJX2D
Description  16-FOLD 24 V HIGH-SIDE DRIVER WITH 關C INTERFACE
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-JXEVALJX2D Datasheet(HTML) 4 Page - IC-Haus GmbH

  IC-JXEVALJX2D Datasheet HTML 1Page - IC-Haus GmbH IC-JXEVALJX2D Datasheet HTML 2Page - IC-Haus GmbH IC-JXEVALJX2D Datasheet HTML 3Page - IC-Haus GmbH IC-JXEVALJX2D Datasheet HTML 4Page - IC-Haus GmbH IC-JXEVALJX2D Datasheet HTML 5Page - IC-Haus GmbH IC-JXEVALJX2D Datasheet HTML 6Page - IC-Haus GmbH IC-JXEVALJX2D Datasheet HTML 7Page - IC-Haus GmbH IC-JXEVALJX2D Datasheet HTML 8Page - IC-Haus GmbH IC-JXEVALJX2D Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
iC-JX
16-FOLD 24 V HIGH-SIDE DRIVER WITH µC INTERFACE
Rev C1, Page 4/36
ABSOLUTE MAXIMUM RATINGS
Beyond these values damage may occur; device operation is not guaranteed. Absolute Maximum Ratings are no Operating Conditions.
Integrated circuits with system interfaces, e.g. via cable accessible pins (I/O pins, line drivers) are per principle endangered by injected
interferences, which may compromise the function or durability. The robustness of the devices has to be verified by the user during system
development with regards to applying standards and ensured where necessary by additional protective circuitry. By the manufacturer
suggested protective circuitry is for information only and given without responsibility and has to be verified within the actual system with
respect to actual interferences.
(Legend: x = 1..16, y = 1..4)
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Max.
G001 VCC, VDD Supply Voltage
-0.3
6
V
G002 VBy
Driver Supply Voltage
-0.3
40
V
G003 V(IOx)
Voltages at IO1...16
IOx = off; see additional remark 1
-10
40
V
G004 Idc(IOx)
Current in IO1...16
see Figure 1
-500
150
mA
G005 Ipk(IOx)
Pulse current in IO1...16
IOx = hi, τ = 2 ms, T ≤ 2 s
see Figure 2
-1.0
A
G006 Imax()
Current in VCC, VDD
-100
100
mA
G007 Imax(VBy) Current in VB1...4
-8
8
A
G008 Ic()
Current in NCS, NWR, NRD, A0...4,
D0...7, NRES, CLK, BLFQ, POE, NSP,
RSET, VREF
D0...7 with input function
-20
20
mA
G009 I()
Current in D0...7, NINT,
D0...7 with output function
-25
25
mA
G010 Ilu()
Pulse current in NCS, NWR, NRD,
A0...4, D0...7, NRES, CLK, BLFQ,
NINT, NSP, POE, IO1...16, RSET,
VREF (latch up test)
Pulse width < 10 µs,
all inputs / outputs open
-100
100
mA
G011 Vd()
ESD-voltage, all pins
HBM 100 pF discharged over 1.5 kΩ
2
kV
G012 Vb()
Burst transients at IO1...16
after IEC 1000-4-4
4
kV
G013 Tj
Chip temperature
-40
150
°C
G014 Ts
Storage temperature
-40
150
°C
1) If the voltage supplies can not be guaranteed to be present at the time signals appear at the pins IO1..IO16,
additional diodes or sufficient current limiting ohmic resistors have to be connected in series to the IO-pins to
prevent reverse back biasing of the device.
THERMAL DATA
Operating conditions: VCC = VDD = 3 ... 5.5 V, VBy = 12 ... 36 V, GNDA = GNDD = 0 V, all inputs on defined logic states (high or low)
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
T01
Ta
Ambient temperature
extended temperature range on request
-40
85
°C
T02
Rthja
Thermal resistance chip/ambient
package mounted on PCB
55
K/W
All voltages are referenced to ground unless otherwise stated.
All currents flowing into the device pins are positive; all currents flowing out of the device pins are negative.


Similar Part No. - IC-JXEVALJX2D

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-JX ICHAUS-IC-JX Datasheet
1Mb / 48P
   16-FOLD 24 V HIGH-SIDE DRIVER
IC-JX ICHAUS-IC-JX_16 Datasheet
1Mb / 48P
   16-FOLD 24 V HIGH-SIDE DRIVER
More results

Similar Description - IC-JXEVALJX2D

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-JX ICHAUS-IC-JX_16 Datasheet
1Mb / 48P
   16-FOLD 24 V HIGH-SIDE DRIVER
logo
Melexis Microelectronic...
MLX10410 MELEXIS-MLX10410 Datasheet
92Kb / 7P
   8 Fold High Side Driver
logo
Infineon Technologies A...
TLE6240GP INFINEON-TLE6240GP Datasheet
814Kb / 23P
   Smart 16-fold Low-Side Switch
V3.1 26.Aug 2002
logo
Texas Instruments
TPS929240-Q1 TI-TPS929240-Q1 Datasheet
3Mb / 123P
[Old version datasheet]   TPS929240-Q1 24-Channel, Automotive, 40-V, High-Side (O)LED Driver with FlexWire Interface
JULY 2022
TPS929240-Q1 TI-TPS929240-Q1_V01 Datasheet
7Mb / 129P
[Old version datasheet]   TPS929240-Q1 24-Channel, Automotive, 40-V, High-Side (O)LED Driver With FlexWire™ Interface
REVISED APRIL 2023
logo
STMicroelectronics
VN9D5D20F STMICROELECTRONICS-VN9D5D20F Datasheet
2Mb / 96P
   4 channel high-side driver with 24-bit SPI interface for automotive applications
Rev 6 - April 2023
VN9D5D20FN STMICROELECTRONICS-VN9D5D20FN Datasheet
2Mb / 96P
   4 channel high-side driver with 24-bit SPI interface for automotive applications
Rev 7 - April 2023
VN9D30Q100F STMICROELECTRONICS-VN9D30Q100F Datasheet
3Mb / 100P
   6-channel high-side driver with 24-bit SPI interface for automotive applications
Rev 4 - May 2021
logo
Texas Instruments
TPS929160-Q1 TI-TPS929160-Q1 Datasheet
7Mb / 122P
[Old version datasheet]   TPS929160-Q1 16-Channel, Automotive, 40-V, High-Side (O)LED Driver With FlexWire™ Interface
APRIL 2023
TPS929120-Q1 TI1-TPS929120-Q1 Datasheet
1Mb / 104P
[Old version datasheet]   12-Channel Automotive 40-V High-Side LED Driver With FlexWire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com