Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA6544M Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LA6544M
Description  Four-Channel Bridge (BTL) Driver for CD-ROM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA6544M Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LA6544M Datasheet HTML 1Page - Sanyo Semicon Device LA6544M Datasheet HTML 2Page - Sanyo Semicon Device LA6544M Datasheet HTML 3Page - Sanyo Semicon Device LA6544M Datasheet HTML 4Page - Sanyo Semicon Device LA6544M Datasheet HTML 5Page - Sanyo Semicon Device LA6544M Datasheet HTML 6Page - Sanyo Semicon Device LA6544M Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Sample Application Circuit
No. 6295-5/7
LA6544M
A12683
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
RF
RF
(NC)
VSS2
VSS2-OUT
MUTE1
MUTE1
MUTE2
VIN1
VG1
VIN2
VG2
VIN3
VG3
VIN4
VG4
MUTE2
VCC
RF
RF
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
RF
RF
VSS1
VSS1-OUT
VO1
+
VO1
VS1
VO2
+
VO2
VO3
+
VO3
VS2
VO4
+
VO4
VREF OUT
VREF IN
RF
RF
Loading input
Focus input
Tracking input
Sled input
Focus coil
Tracking coil
VREF
VCC (12 V)
VS(5V)
M
Loading motor
Sled motor
M
LA6544M
Gain setting
Gain setting
Gain setting
Gain setting


Similar Part No. - LA6544M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA6544H SANYO-LA6544H Datasheet
282Kb / 7P
   LA6544H
More results

Similar Description - LA6544M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA6545M SANYO-LA6545M Datasheet
62Kb / 7P
   Four-Channel Bridge (BTL) Driver for CD-ROM
LA6543 SANYO-LA6543 Datasheet
77Kb / 7P
   4-Channel Bridge (BTL) Driver for CD-ROM
LA6543M SANYO-LA6543M Datasheet
75Kb / 7P
   4-Channel Bridge (BTL) Driver for CD-ROM
LA6542M SANYO-LA6542M Datasheet
73Kb / 7P
   4-Channel Bridge (BTL) Driver for CD-ROM
LA6539M SANYO-LA6539M Datasheet
137Kb / 4P
   Three-Channel CD-ROM Bridge Driver BTL
logo
Rohm
BA5995FM ROHM-BA5995FM Datasheet
122Kb / 8P
   BTL driver for CD/CD-ROM
BA5983FM ROHM-BA5983FM_1 Datasheet
114Kb / 6P
   BTL Driver For CD-ROM
BA5983FM ROHM-BA5983FM Datasheet
468Kb / 7P
   BTL Driver For CD-ROM
logo
Sanyo Semicon Device
LA6529M SANYO-LA6529M Datasheet
75Kb / 4P
   CD-ROM Drive Three-Channel Bridge BTL Driver
logo
Hitachi Semiconductor
HA13143 HITACHI-HA13143 Datasheet
42Kb / 7P
   Four-Channel BTL Driver for CD Players
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com