Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-LSHCOBGALSH2C-4R Datasheet(PDF) 5 Page - IC-Haus GmbH

Part # IC-LSHCOBGALSH2C-4R
Description  3-CHANNEL SIN/COS PHOTOSENSOR ARRAY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-LSHCOBGALSH2C-4R Datasheet(HTML) 5 Page - IC-Haus GmbH

  IC-LSHCOBGALSH2C-4R Datasheet HTML 1Page - IC-Haus GmbH IC-LSHCOBGALSH2C-4R Datasheet HTML 2Page - IC-Haus GmbH IC-LSHCOBGALSH2C-4R Datasheet HTML 3Page - IC-Haus GmbH IC-LSHCOBGALSH2C-4R Datasheet HTML 4Page - IC-Haus GmbH IC-LSHCOBGALSH2C-4R Datasheet HTML 5Page - IC-Haus GmbH IC-LSHCOBGALSH2C-4R Datasheet HTML 6Page - IC-Haus GmbH IC-LSHCOBGALSH2C-4R Datasheet HTML 7Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
preliminary
preliminary
iC-LSHC
3-CHANNEL SIN/COS PHOTOSENSOR ARRAY
Rev B1, Page 5/7
ELECTRICAL CHARACTERISTICS
Operating conditions: VCC = 4.5...5.5 V, Tj = -40..125 °C, unless otherwise stated
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
Total Device
001
VCC
Permissible Supply Voltage
4.5
5.5
V
002
I(VCC)
Supply Current in VCC
no output load, photocurrents within linear op-
erating range (no override)
9.5
15
mA
003
Vc()hi
Clamp-Voltage hi at all pins
I() = 4 mA
11
V
004
Vc()lo
Clamp-Voltage lo at all pins
I() = -4 mA
-1.2
-0.3
V
Photosensors
101
λ ar
Spectral Application Range
Se(λ ar) = 0.25 x S(λ )max
400
950
nm
102
λ pk
Peak Sensitivity Wavelength
680
nm
103
Aph()
Radiant Sensitive Area
0.8 mm x 0.33 mm
0.264
mm2
104
S(λ )
Spectral Sensitivity
λ LED = 740 nm
0.5
A/W
105
S(λ pk)max Maximum Spectral Sensitivity
λ LED = λ pk
0.55
A/W
106
E()mxr
Irradiance For Maximum Signal
Level
λ LED = 740 nm, Vout() not yet saturated
0.15
0.5
0.8
mW/
cm2
Photocurrent Amplifiers
201
Iph()
Permissible Photocurrent
Operating Range
0
280
nA
202
η ()r
Photo Sensitivity
(light-to-voltage conversion ratio)
λ LED = 740 nm
0.8
1.2
2.0
V/µW
203
Z()
Equivalent Transimpedance Gain Z = Vout() / Iph()
2.69
4.0
5.46
MΩ
204
TCz
Temperature Coefficient of
Transimpedance Gain
-0.12
%/°C
209
Z()pn
Transimpedance Gain Matching
P vs. N path per diff. channel
-0.2
0.2
%
210
Vout()pn Signal Matching
no illumination, any output to any output
-35
35
mV
211
Vout()pn Signal Matching
no illumination, P.. output vs. corresponding N..
output
-2.5
2.5
mV
212
fc()hi
Cut-off Frequency (-3 dB)
120
180
280
kHz
213
VNoise()
RMS Output Noise
illuminated to 500 mV signal level above dark
level, 500 kHz band width
0.5
mV
Signal Outputs
301
Vout()mx
Permissible Maximum Output
Voltage
illumination to E()mxr, linear gain
2.45
2.72
3.02
V
302
Vout()d
Dark Signal Level
no illumination, load 20 kΩ vs. +2 V
600
770
1000
mV
303
Vout()acmx Maximum Signal Level
Vout()acmx = Vout()mx - Vout()d
1.48
1.96
2.35
V
304
Isc()hi
Short-Circuit Current hi
load current to ground
100
420
800
µA
305
Isc()lo
Short-Circuit Current lo
load current to IC
250
480
700
µA
306
Ri()
Internal Output Resistance
f = 1 kHz
70
110
180
307
ton()
Power-On Settling Time
VCC = 0 V → 5 V
100
µs
Reference Voltage VREF
401
VREF
Reference Voltage
I(VREF) = 0...+1.6 mA
600
770
1000
mV
402
dVout()
Load Balancing
I(VREF) = 0...+1.6 mA
-10
+10
mV
403
Isc()hi
Short-Circuit Current hi
load current to ground
200
420
800
µA
404
Isc()lo
Short-Circuit Current lo
load current to IC
2
4.5
10
mA


Similar Part No. - IC-LSHCOBGALSH2C-4R

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-LSHC ICHAUS-IC-LSHC Datasheet
669Kb / 9P
   3-CHANNEL SIN/COS PHOTOSENSOR ARRAY
IC-LSHC ICHAUS-IC-LSHC_17 Datasheet
669Kb / 9P
   3-CHANNEL SIN/COS PHOTOSENSOR ARRAY
More results

Similar Description - IC-LSHCOBGALSH2C-4R

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-LSHC ICHAUS-IC-LSHC_17 Datasheet
669Kb / 9P
   3-CHANNEL SIN/COS PHOTOSENSOR ARRAY
IC-MSB ICHAUS-IC-MSB_17 Datasheet
1,014Kb / 32P
   SIN/COS SIGNAL CONDITIONER
IC-LSC ICHAUS-IC-LSC Datasheet
336Kb / 7P
   -CHANNEL ACTIVE PHOTOSENSOR ARRAY
IC-TW28 ICHAUS-IC-TW28 Datasheet
2Mb / 80P
   10-BIT SIN/COS INTERPOLATOR
IC-TW8 ICHAUS-IC-TW8_16 Datasheet
1Mb / 67P
   16-BIT SIN/COS INTERPOLATOR
IC-TW2 ICHAUS-IC-TW2_13 Datasheet
569Kb / 28P
   8-BIT SIN/COS INTERPOLATION IC
IC-RC1000 ICHAUS-IC-RC1000_12 Datasheet
448Kb / 10P
   SIN/COS SIGNAL SAFETY MONITOR IC
IC-RC1000 ICHAUS-IC-RC1000_14 Datasheet
527Kb / 14P
   SIN/COS SIGNAL SAFETY MONITOR IC
IC-RC1000 ICHAUS-IC-RC1000 Datasheet
397Kb / 10P
   SIN/COS SIGNAL SAFETY MONITOR IC
IC-LSC ICHAUS-IC-LSC_13 Datasheet
517Kb / 8P
   12-CHANNEL ACTIVE PHOTOSENSOR ARRAY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com