Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-LSHCOBGALSH2C-4R Datasheet(PDF) 7 Page - IC-Haus GmbH

Part # IC-LSHCOBGALSH2C-4R
Description  3-CHANNEL SIN/COS PHOTOSENSOR ARRAY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-LSHCOBGALSH2C-4R Datasheet(HTML) 7 Page - IC-Haus GmbH

  IC-LSHCOBGALSH2C-4R Datasheet HTML 1Page - IC-Haus GmbH IC-LSHCOBGALSH2C-4R Datasheet HTML 2Page - IC-Haus GmbH IC-LSHCOBGALSH2C-4R Datasheet HTML 3Page - IC-Haus GmbH IC-LSHCOBGALSH2C-4R Datasheet HTML 4Page - IC-Haus GmbH IC-LSHCOBGALSH2C-4R Datasheet HTML 5Page - IC-Haus GmbH IC-LSHCOBGALSH2C-4R Datasheet HTML 6Page - IC-Haus GmbH IC-LSHCOBGALSH2C-4R Datasheet HTML 7Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
preliminary
preliminary
iC-LSHC
3-CHANNEL SIN/COS PHOTOSENSOR ARRAY
Rev B1, Page 7/7
ORDERING INFORMATION
Type
Package
Options
Order Designation
iC-LSHC
-
iC-LSHC chip
optoBGA 6.2 mm x 5.2 mm
iC-LSHC OBGA LSH2C
optoBGA 6.2 mm x 5.2 mm
reticle 26-256 NMS
iC-LSHC OBGA LSH2C-4R
optoBGA 6.2 mm x 5.2 mm
reticle 26-1024 NMS
iC-LSHC OBGA LSH2C-1R
optoBGA 6.2 mm x 5.2 mm
reticle 26-2048 NMS
iC-LSHC OBGA LSH2C-2R
optoBGA 6.2 mm x 5.2 mm
reticle 42-2048 NMS
iC-LSHC OBGA LSH2C-6R
Nonius Code Disc
255/256/240 PPR,
OD/ID ∅26/11.6 mm, glass
LSHC4S 26-256N
Nonius Code Disc
255/256/240 PPR,
OD/ID ∅26/7 mm, plastic
LSHC5S 26-256N
Nonius Code Disc
1023/1024/992 PPR,
OD/ID ∅26/11.6 mm, glass
LSHC1S 26-1024N
Nonius Code Disc
2047/2048/2016 PPR,
OD/ID ∅26/11.6 mm, glass
LSHC2S 26-2048N
Nonius Code Disc
2047/2048/2016 PPR,
OD/ID ∅42/18 mm, glass
LSHC6S 42-2048N
For technical support, information about prices and terms of delivery please contact:
iC-Haus GmbH
Tel.: +49 (61 35) 92 92-0
Am Kuemmerling 18
Fax: +49 (61 35) 92 92-192
D-55294 Bodenheim
Web: http://www.ichaus.com
GERMANY
E-Mail: sales@ichaus.com
Appointed local distributors: http://www.ichaus.com/sales_partners


Similar Part No. - IC-LSHCOBGALSH2C-4R

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-LSHC ICHAUS-IC-LSHC Datasheet
669Kb / 9P
   3-CHANNEL SIN/COS PHOTOSENSOR ARRAY
IC-LSHC ICHAUS-IC-LSHC_17 Datasheet
669Kb / 9P
   3-CHANNEL SIN/COS PHOTOSENSOR ARRAY
More results

Similar Description - IC-LSHCOBGALSH2C-4R

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-LSHC ICHAUS-IC-LSHC_17 Datasheet
669Kb / 9P
   3-CHANNEL SIN/COS PHOTOSENSOR ARRAY
IC-MSB ICHAUS-IC-MSB_17 Datasheet
1,014Kb / 32P
   SIN/COS SIGNAL CONDITIONER
IC-LSC ICHAUS-IC-LSC Datasheet
336Kb / 7P
   -CHANNEL ACTIVE PHOTOSENSOR ARRAY
IC-TW28 ICHAUS-IC-TW28 Datasheet
2Mb / 80P
   10-BIT SIN/COS INTERPOLATOR
IC-TW8 ICHAUS-IC-TW8_16 Datasheet
1Mb / 67P
   16-BIT SIN/COS INTERPOLATOR
IC-TW2 ICHAUS-IC-TW2_13 Datasheet
569Kb / 28P
   8-BIT SIN/COS INTERPOLATION IC
IC-RC1000 ICHAUS-IC-RC1000_12 Datasheet
448Kb / 10P
   SIN/COS SIGNAL SAFETY MONITOR IC
IC-RC1000 ICHAUS-IC-RC1000_14 Datasheet
527Kb / 14P
   SIN/COS SIGNAL SAFETY MONITOR IC
IC-RC1000 ICHAUS-IC-RC1000 Datasheet
397Kb / 10P
   SIN/COS SIGNAL SAFETY MONITOR IC
IC-LSC ICHAUS-IC-LSC_13 Datasheet
517Kb / 8P
   12-CHANNEL ACTIVE PHOTOSENSOR ARRAY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com