Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-MB3EVALMB3D-S Datasheet(PDF) 5 Page - IC-Haus GmbH

Part # IC-MB3EVALMB3D-S
Description  BiSS INTERFACE MASTER, 1-Chan./3-Slaves
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MB3EVALMB3D-S Datasheet(HTML) 5 Page - IC-Haus GmbH

  IC-MB3EVALMB3D-S Datasheet HTML 1Page - IC-Haus GmbH IC-MB3EVALMB3D-S Datasheet HTML 2Page - IC-Haus GmbH IC-MB3EVALMB3D-S Datasheet HTML 3Page - IC-Haus GmbH IC-MB3EVALMB3D-S Datasheet HTML 4Page - IC-Haus GmbH IC-MB3EVALMB3D-S Datasheet HTML 5Page - IC-Haus GmbH IC-MB3EVALMB3D-S Datasheet HTML 6Page - IC-Haus GmbH IC-MB3EVALMB3D-S Datasheet HTML 7Page - IC-Haus GmbH IC-MB3EVALMB3D-S Datasheet HTML 8Page - IC-Haus GmbH IC-MB3EVALMB3D-S Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
iC-MB3
BiSS INTERFACE MASTER, 1-Chan./3-Slaves
Rev D1, Page 5/26
ELECTRICAL CHARACTERISTICS
Operating Conditions: VDD = 3 ... 5.5 V, Tj = -25 ... +125 °C, unless otherwise noted
Item
Symbol
Parameter
Conditions
Tj
Fig.
Unit
°C
Min.
Typ.
Max.
Total Device
001 VDD
Permissible Supply Voltage
3
5.5
V
002 I(VDD)
Supply Current in VDD
outputs not loaded,
f(CLK) = 20 MHz
20
mA
003 Vc()hi
Clamp Voltage hi
at all pins excluding VDD, GND
Vc()hi = V() - VDD, I() = 1 mA;
outputs tristate
0.3
1.6
V
004 Vc()lo
Clamp Voltage lo
at all pins excluding VDD, GND
I() = -1mA; outputs tristate
-1.6
-0.3
V
Control Interface: EOT, NER, GETSENS
201 Vs()hi
Saturation Voltage hi
at EOT
Vs()hi = VDD - V();
I() = -4 mA
VDD = 3 V; I() = -2 mA
400
400
mV
mV
202 Vs()lo
Saturation Voltage lo
at EOT, NER
I() = 4 mA
VDD = 3 V, I() = 2 mA
420
420
mV
mV
203 Vt()hi
Threshold Voltage hi
at NER, GETSENS
2V
204 Vt()lo
Threshold Voltage lo
at NER, GETSENS
VDD = 3 V
0.8
0.4
V
V
205 Vt()hys
Threshold Voltage Hysteresis
at NER, GETSENS
300
500
mV
206 Ipu()
Pull-Up Current at NER
vs. VDD
V() = 0 ... VDD - 1.5 V
-600
-300
-60
µA
207 Ipd()
Pull-Down Current at GETSENS
vs. GND
V() = 1.5 V ... VDD
4
35
70
µA
BiSS Interface: MA1, SL1
301 Vs(MA1)hi Saturation Voltage hi
Vs()hi = VDD - V();
I() = -4 mA
VDD = 3 V, I() = -2 mA
400
400
mV
mV
302 Vs(MA1)lo Saturation Voltage lo
I() = 4 mA
VDD = 3 V, I() = 2 mA
420
420
mV
mV
303 Vt(SL1)hi
Threshold Voltage hi
2V
304 Vt(SL1)lo
Threshold Voltage lo
VDD = 3 V
0.8
0.4
V
V
305 Vt(SL1)hys Threshold Voltage Hysteresis
300
500
mV
306 Ipu(SL1)
Pull-Up Strom vs. VDD
V() = 0 ... VDD - 1.5 V
-70
-35
-5
µA
µC Interface: bidirectional data bus DB7 ... 0, Inputs NWR_E, NRD_RNW, NCS,
ALE, INT_NMOT, CFGSPI
401 Vs()hi
Saturation Voltage hi
at DB7...0
Vs()hi = VDD - V();
I() = -4 mA
VDD = 3 V, I() = -2 mA
400
400
mV
mV
402 Vs()lo
Saturation Voltage lo
at DB7...0
I() = 4 mA
VDD = 3 V, I() = 2 mA
420
420
mV
mV
403 Vt()hi
Threshold Voltage hi
2V
404 Vt()lo
Threshold Voltage lo
VDD = 3 V
0.8
0.4
V
V
405 Vt()hys
Threshold Voltage Hysteresis
300
500
mV
406 Ipd()
Pull-Down Current at DB7...0,
ALE, CFGSPI, INT_NMOT
to GND
V() = 1.5 V ... VDD
4
35
70
µA
407 Ipu()
Pull-Up Current at NRD_RNW,
NWR_E, NCS vs.VDD
V() = 0 ... VDD - 1.5 V
-70
-35
-4
µA


Similar Part No. - IC-MB3EVALMB3D-S

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-MB4 ICHAUS-IC-MB4 Datasheet
1Mb / 40P
   BiSS INTERFACE MASTER
IC-MB4ICSYMB4U ICHAUS-IC-MB4ICSYMB4U Datasheet
1Mb / 5P
   BiSS, SSI, PC-USB 2.0 ADAPTER
IC-MB4 ICHAUS-IC-MB4_15 Datasheet
1Mb / 40P
   BiSS INTERFACE MASTER
More results

Similar Description - IC-MB3EVALMB3D-S

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-MB4 ICHAUS-IC-MB4_15 Datasheet
1Mb / 40P
   BiSS INTERFACE MASTER
logo
PHOENIX CONTACT
2867953 PHOENIX-2867953 Datasheet
101Kb / 4P
   Up to 254 slaves can be connected to one master
logo
Pepperl+Fuchs Inc.
VBM-CTR-K20-R2 PF-VBM-CTR-K20-R2 Datasheet
275Kb / 2P
   AS-Interface master
VBM-CLX-DM PF-VBM-CLX-DM Datasheet
362Kb / 3P
   AS-Interface master
VBM-CTR-PCI-DM PF-VBM-CTR-PCI-DM Datasheet
238Kb / 2P
   AS-Interface master
2019-08-23
BW2087 PF-BW2087 Datasheet
257Kb / 2P
   AS-Interface master
logo
WAGO Kontakttechnik Gmb...
750-655 WAGO-750-655 Datasheet
510Kb / 14P
   AS Interface Master
logo
Digital Core Design
DI2CM DCD-DI2CM Datasheet
148Kb / 5P
   I2C Bus Interface - Master
DI2CMS DCD-DI2CMS Datasheet
153Kb / 6P
   I2C Bus Interface - Master/Slave
DSPI DCD-DSPI Datasheet
94Kb / 6P
   Serial Peripheral Interface - Master/Slave
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com