Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC1410S105 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # ADC1410S105
Description  Single 14-bit ADC 65, 80, 105 or 125 Msps CMOS or LVDS DDR digital outputs
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ADC1410S105 Datasheet(HTML) 5 Page - NXP Semiconductors

  ADC1410S105 Datasheet HTML 1Page - NXP Semiconductors ADC1410S105 Datasheet HTML 2Page - NXP Semiconductors ADC1410S105 Datasheet HTML 3Page - NXP Semiconductors ADC1410S105 Datasheet HTML 4Page - NXP Semiconductors ADC1410S105 Datasheet HTML 5Page - NXP Semiconductors ADC1410S105 Datasheet HTML 6Page - NXP Semiconductors ADC1410S105 Datasheet HTML 7Page - NXP Semiconductors ADC1410S105 Datasheet HTML 8Page - NXP Semiconductors ADC1410S105 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
ADC1410S065_080_105_125_2
© NXP B.V. 2009. All rights reserved.
Objective data sheet
Rev. 02 — 4 June 2009
5 of 35
NXP Semiconductors
ADC1410S065/080/105/125
Single 14-bit ADC 65, 80, 105 or 125 Msps
[1]
P: power supply; G: ground; I: input; O: output; I/O: input/output.
D13
17
O
data output bit 13 (MSB)
D12
18
O
data output bit 12
D11
19
O
data output bit 11
D10
20
O
data output bit10
D9
21
O
data output bit 9
D8
22
O
data output bit 8
D7
23
O
data output bit 7
D6
24
O
data output bit 6
D5
25
O
data output bit 5
D4
26
O
data output bit 4
D3
27
O
data output bit 3
D2
28
O
data output bit 2
D1
29
O
data output bit 1
D0
30
O
data output bit 0 (LSB)
DAV
31
O
data valid output clock
n.c.
32
-
not connected
VDDO
33
P
output power supply
OGND
34
G
output ground
OTR
35
O
out of range
SCLK/DFS
36
I
SPI clock / data format select
SDIO/ODS
37
I/O
SPI data IO / output data standard
CS
38
I
SPI chip select
SENSE
39
I
reference programming pin
VREF
40
I/O
voltage reference input/output
Table 3.
Pin description (LVDS/DDR) digital outputs)
Symbol
Pin [1]
Type [2]
Description
D12_D13_M
17
O
differential output data D12 and D13 multiplexed, complement
D12_D13_P
18
O
differential output data D12 and D13 multiplexed, true
D10_D11_M
19
O
differential output data D10 and D11 multiplexed, complement
D10_D11_P
20
O
differential output data D10 and D11 multiplexed, true
D8_D9_M
21
O
differential output data D8 and D9 multiplexed, complement
D8_D9_P
22
O
differential output data D8 and D9 multiplexed, true
D6_D7_M
23
O
differential output data D6 and D7 multiplexed, complement
D6_D7_P
24
O
differential output data D6 and D7 multiplexed, true
D4_D5_M
25
O
differential output data D4 and D5 multiplexed, complement
D4_D5_P
26
O
differential output data D4 and D5 multiplexed, true
D2_D3_M
27
O
differential output data D2 and D3 multiplexed, complement
D2_D3_P
28
O
differential output data D2 and D3 multiplexed, true
D0_D1_M
29
O
differential output data D0 and D1 multiplexed, complement
Table 2.
Pin description (CMOS digital outputs)
Symbol
Pin
Type [2]
Description


Similar Part No. - ADC1410S105

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ADC1410S105HN-C1 IDT-ADC1410S105HN-C1 Datasheet
539Kb / 38P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
NXP Semiconductors
ADC1410S105HN/C1 NXP-ADC1410S105HN/C1 Datasheet
290Kb / 37P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 03-12 April 2010
More results

Similar Description - ADC1410S105

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1410S NXP-ADC1410S Datasheet
290Kb / 37P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 03-12 April 2010
logo
Integrated Device Techn...
ADC1410S IDT-ADC1410S Datasheet
539Kb / 38P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
Renesas Technology Corp
ADC1410S RENESAS-ADC1410S Datasheet
543Kb / 38P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
NXP Semiconductors
ADC1412D065 NXP-ADC1412D065 Datasheet
295Kb / 37P
   Dual 14-bit ADC 65, 80, 105 or 125 Msps CMOS or LVDS DDR digital outputs
Rev. 02-4 June 2009
logo
Integrated Device Techn...
ADC1412D IDT-ADC1412D Datasheet
605Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
Renesas Technology Corp
ADC1412D RENESAS-ADC1412D Datasheet
609Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
NXP Semiconductors
ADC1412D NXP-ADC1412D Datasheet
1Mb / 40P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 03-6 August 2010
ADC1210S NXP-ADC1210S Datasheet
288Kb / 36P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 01-9 April 2010
logo
Renesas Technology Corp
ADC1210S RENESAS-ADC1210S Datasheet
390Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
Integrated Device Techn...
ADC1210S IDT-ADC1210S Datasheet
386Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com