Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH180N Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AH180N
Description  MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH180N Datasheet(HTML) 4 Page - Diodes Incorporated

  AH180N Datasheet HTML 1Page - Diodes Incorporated AH180N Datasheet HTML 2Page - Diodes Incorporated AH180N Datasheet HTML 3Page - Diodes Incorporated AH180N Datasheet HTML 4Page - Diodes Incorporated AH180N Datasheet HTML 5Page - Diodes Incorporated AH180N Datasheet HTML 6Page - Diodes Incorporated AH180N Datasheet HTML 7Page - Diodes Incorporated AH180N Datasheet HTML 8Page - Diodes Incorporated AH180N Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AH180N
MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
AH180N
Document number: DS32174 Rev. 3 - 2
4 of 9
www.diodes.com
January 2011
© Diodes Incorporated
Magnetic Characteristics (TA = 25°C, Vdd = 3V, Note 2 & 3)
(1mT=10 Gauss)
Symbol
Parameter
Min
Typ.
Max
Unit
Bops(south pole to brand side)
Operation Point
-
35
50
Gauss
Bopn(north pole to brand side)
-50
-35
-
Brps(south pole to brand side)
Release Point
10
25
-
Brpn(north pole to brand side)
-
-25
-10
Bhy(|Bopx|-|Brpx|)
Hysteresis
-
10
-
Notes:
2. Typical data is at TA = 25°C, Vdd = 3V, and for design information only.
3. The magnetic characteristics may vary with supply voltage, operating temperature and after soldering.
Bhy
Vsat
Vcc
Bopn
Brpn
0
( Magnetic flux density B )
Output
Turn on
Turn off
( off-state )
( on-state )
Bhy
Vsat
Vcc
Brps
Bops
0
( Magnetic flux density B )
Output
Turn off
Turn on
( off-state )
( on-state )


Similar Part No. - AH180N

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH180N DIODES-AH180N Datasheet
159Kb / 8P
   MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
AH180N-WG-7 DIODES-AH180N-WG-7 Datasheet
159Kb / 8P
   MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
AH180N-WG-7 DIODES-AH180N-WG-7 Datasheet
159Kb / 8P
   MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
AH180N-WSG-7 DIODES-AH180N-WSG-7 Datasheet
159Kb / 8P
   MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
AH180N-WSG-7 DIODES-AH180N-WSG-7 Datasheet
159Kb / 8P
   MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
More results

Similar Description - AH180N

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH180N DIODES-AH180N_12 Datasheet
159Kb / 8P
   MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
AH180N-WSG-7 DIODES-AH180N-WSG-7 Datasheet
159Kb / 8P
   MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
AH1891 DIODES-AH1891 Datasheet
256Kb / 7P
   MINIATURE MICROPOWER OMNIPOLAR HALL EFFECT SWITCH
AH1804 DIODES-AH1804 Datasheet
196Kb / 9P
   MICROPOWER OMNIPOLAR HALL EFFECT SENSOR SWITCH
AH180 DIODES-AH180 Datasheet
148Kb / 9P
   MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR SWITCH
DS31023 Rev. 17 - 2
AH1892 DIODES-AH1892 Datasheet
299Kb / 11P
   PROGRAMMABLE MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR SWITCH
AH9249 DIODES-AH9249 Datasheet
333Kb / 14P
   High Sensitivity Micropower Omnipolar Hall-Effect Switch
AH1810 DIODES-AH1810 Datasheet
162Kb / 7P
   HIGH SENSIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
AH1812 DIODES-AH1812 Datasheet
300Kb / 8P
   HIGH SENSIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
AH9251 DIODES-AH9251 Datasheet
447Kb / 10P
   MEDIUM SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com