Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC1415S125 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # ADC1415S125
Description  Single 14-bit ADC 65, 80, 105 or 125 Msps with Input Buffer CMOS or LVDS DDR digital outputs
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ADC1415S125 Datasheet(HTML) 2 Page - NXP Semiconductors

  ADC1415S125 Datasheet HTML 1Page - NXP Semiconductors ADC1415S125 Datasheet HTML 2Page - NXP Semiconductors ADC1415S125 Datasheet HTML 3Page - NXP Semiconductors ADC1415S125 Datasheet HTML 4Page - NXP Semiconductors ADC1415S125 Datasheet HTML 5Page - NXP Semiconductors ADC1415S125 Datasheet HTML 6Page - NXP Semiconductors ADC1415S125 Datasheet HTML 7Page - NXP Semiconductors ADC1415S125 Datasheet HTML 8Page - NXP Semiconductors ADC1415S125 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
ADC1415S065_080_105_125_2
© NXP B.V. 2009. All rights reserved.
Objective data sheet
Rev. 02 — 4 June 2009
2 of 33
NXP Semiconductors
ADC1415S065/080/105/125
Single 14-bit ADC 65, 80, 105 or 125 Msps with input buffer
4.
Ordering information
5.
Block diagram
Table 1.
Ordering information
Type number
fs (Msps) Package
Name
Description
Version
ADC1415S125HN/C1 125
HVQFN40
plastic thermal enhanced very thin quad flat package; no
leads; 40 terminals; body 6
× 6 × 0.85 mm
SOT618-1
ADC1415S105HN/C1 105
HVQFN40
plastic thermal enhanced very thin quad flat package; no
leads; 40 terminals; body 6
× 6 × 0.85 mm
SOT618-1
ADC1415S080HN/C1 80
HVQFN40
plastic thermal enhanced very thin quad flat package; no
leads; 40 terminals; body 6
× 6 × 0.85 mm
SOT618-1
ADC1415S065HN/C1 65
HVQFN40
plastic thermal enhanced very thin quad flat package; no
leads; 40 terminals; body 6
× 6 × 0.85 mm
SOT618-1
Fig 1.
Block diagram
ADC1415S
PGA
SPI INTERFACE
OUTPUT
DRIVERS
SYSTEM
REFERENCE AND
POWER
MANAGEMENT
ERROR
CORRECTION AND
DIGITAL
PROCESSING
ADC CORE
14-BIT
PIPELINED
S/H
INPUT
STAGE
INP
OTR
PWD
CMOS:
D13 to D0
or
LVDS/DDR:
D13P, D13M
to D0P, D0M
INM
CLOCK INPUT
STAGE AND DUTY
CYCLE CONTROL
005aaa101
OE
INPUT
BUFFER
CMOS:
DAV
or
LVDS/DDR:
DAVP
DAVM


Similar Part No. - ADC1415S125

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1415S125HN PHILIPS-ADC1415S125HN Datasheet
304Kb / 42P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Mspswith input buffer; CMOS or LVDS DDR digital outputs
Rev. 4-17 December 2010
logo
Integrated Device Techn...
ADC1415S125HN-C1 IDT-ADC1415S125HN-C1 Datasheet
383Kb / 40P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
logo
NXP Semiconductors
ADC1415S125HN/C1 NXP-ADC1415S125HN/C1 Datasheet
288Kb / 39P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
Rev. 03-12 April 2010
More results

Similar Description - ADC1415S125

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1415S NXP-ADC1415S Datasheet
288Kb / 39P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
Rev. 03-12 April 2010
logo
Integrated Device Techn...
ADC1415S IDT-ADC1415S Datasheet
383Kb / 40P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
logo
NXP Semiconductors
ADC1410S065 NXP-ADC1410S065 Datasheet
287Kb / 35P
   Single 14-bit ADC 65, 80, 105 or 125 Msps CMOS or LVDS DDR digital outputs
Rev. 02-4 June 2009
ADC1415S PHILIPS-ADC1415S_10 Datasheet
304Kb / 42P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Mspswith input buffer; CMOS or LVDS DDR digital outputs
Rev. 4-17 December 2010
ADC1410S NXP-ADC1410S Datasheet
290Kb / 37P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 03-12 April 2010
logo
Integrated Device Techn...
ADC1410S IDT-ADC1410S Datasheet
539Kb / 38P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
Renesas Technology Corp
ADC1410S RENESAS-ADC1410S Datasheet
543Kb / 38P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
NXP Semiconductors
ADC1412D065 NXP-ADC1412D065 Datasheet
295Kb / 37P
   Dual 14-bit ADC 65, 80, 105 or 125 Msps CMOS or LVDS DDR digital outputs
Rev. 02-4 June 2009
logo
Integrated Device Techn...
ADC1015S IDT-ADC1015S Datasheet
382Kb / 40P
   Single 10-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
logo
NXP Semiconductors
ADC1215S NXP-ADC1215S Datasheet
287Kb / 39P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
Rev. 01-12 April 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com