Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC1610S125 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # ADC1610S125
Description  Single 16-bit ADC 125 Msps CMOS or LVDS DDR digital outputs
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ADC1610S125 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button ADC1610S125 Datasheet HTML 4Page - NXP Semiconductors ADC1610S125 Datasheet HTML 5Page - NXP Semiconductors ADC1610S125 Datasheet HTML 6Page - NXP Semiconductors ADC1610S125 Datasheet HTML 7Page - NXP Semiconductors ADC1610S125 Datasheet HTML 8Page - NXP Semiconductors ADC1610S125 Datasheet HTML 9Page - NXP Semiconductors ADC1610S125 Datasheet HTML 10Page - NXP Semiconductors ADC1610S125 Datasheet HTML 11Page - NXP Semiconductors ADC1610S125 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
ADC1610S125_1
© NXP B.V. 2009. All rights reserved.
Objective data sheet
Rev. 01 — 28 May 2009
8 of 33
NXP Semiconductors
ADC1610S125
Single 16-bit ADC 125 Msps
10. Dynamic characteristics
10.1 Dynamic characteristics
Table 7.
Dynamic characteristics
Typical values measured at VDDA =3V, VDDO = 1.8 V, Tamb =25 °C and CL = 5 pF; min. and max. values are across the full
temperature range Tamb = −40 °C to +85 °C at VDDA =3V, VDDO = 1.8 V; VINP − VINM = −1 dBFS; internal reference mode;
applied to CMOS and LVDS interface; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Analog signal processing
α2H
second harmonic level
fi = 3 MHz
-
95
-
dBc
fi = 30 MHz
-
92
-
dBc
fi = 70 MHz
-
89
-
dBc
fi = 170 MHz
-
88
-
dBc
α3H
third harmonic level
fi = 3 MHz
-
90
-
dBc
fi = 30 MHz
-
89
-
dBc
fi = 70 MHz
-
88
-
dBc
fi = 170 MHz
-
87
-
dBc
THD
total harmonic distortion
fi = 3 MHz
-
87
-
dBc
fi = 30 MHz
-
86
-
dBc
fi = 70 MHz
-
83
-
dBc
fi = 170 MHz
-
79
-
dBc
ENOB
effective number of bits
fi = 3 MHz
-
11.8
-
bits
fi = 30 MHz
-
11.7
-
bits
fi = 70 MHz
-
11.6
-
bits
fi = 170 MHz
-
11.5
-
bits
SNR
signal-to-noise ratio
fi = 3 MHz
-
73
-
dBFS
fi = 30 MHz
-
72.2
-
dBFS
fi = 70 MHz
-
71.6
-
dBFS
fi = 170 MHz
-
71
-
dBFS
at
−20 dBFS
fi = 3 MHz
-
74
-
dBFS
fi = 30 MHz
-
73.5
-
dBFS
fi = 70 MHz
-
73.4
-
dBFS
fi = 170 MHz
-
73.3
-
dBFS
SFDR
spurious-free dynamic range
fi = 3 MHz
-
90
-
dBc
fi = 30 MHz
-
89
-
dBc
fi = 70 MHz
-
88
-
dBc
fi = 170 MHz
-
87
-
dBc
IMD
Intermodulation distortion
fi = 3 MHz
-
93
-
dBc
fi = 30 MHz
-
92
-
dBc
fi = 70 MHz
-
91
-
dBc
fi = 170 MHz
-
90
-
dBc


Similar Part No. - ADC1610S125

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1610S125HN PHILIPS-ADC1610S125HN Datasheet
311Kb / 40P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 3-25 January 2011
logo
Integrated Device Techn...
ADC1610S125HN-C1 IDT-ADC1610S125HN-C1 Datasheet
353Kb / 38P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
NXP Semiconductors
ADC1610S125HN/C1 NXP-ADC1610S125HN/C1 Datasheet
287Kb / 38P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 02-12 April 2010
More results

Similar Description - ADC1610S125

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ADC1610S RENESAS-ADC1610S Datasheet
357Kb / 38P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
NXP Semiconductors
ADC1610S NXP-ADC1610S Datasheet
287Kb / 38P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 02-12 April 2010
logo
Integrated Device Techn...
ADC1610S IDT-ADC1610S Datasheet
353Kb / 38P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
NXP Semiconductors
ADC1610S PHILIPS-ADC1610S_11 Datasheet
311Kb / 40P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 3-25 January 2011
ADC1010S NXP-ADC1010S Datasheet
284Kb / 36P
   Single 10-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 01-9 April 2010
logo
Integrated Device Techn...
ADC1210S IDT-ADC1210S Datasheet
386Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
NXP Semiconductors
ADC1410S NXP-ADC1410S Datasheet
290Kb / 37P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 03-12 April 2010
ADC1210S NXP-ADC1210S Datasheet
288Kb / 36P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 01-9 April 2010
logo
Renesas Technology Corp
ADC1210S RENESAS-ADC1210S Datasheet
390Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
Integrated Device Techn...
ADC1010S IDT-ADC1010S Datasheet
386Kb / 37P
   Single 10-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com