Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA70001 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LA70001
Description  Record/Playback Amplifiers for VHS Format VCRs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA70001 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LA70001 Datasheet HTML 1Page - Sanyo Semicon Device LA70001 Datasheet HTML 2Page - Sanyo Semicon Device LA70001 Datasheet HTML 3Page - Sanyo Semicon Device LA70001 Datasheet HTML 4Page - Sanyo Semicon Device LA70001 Datasheet HTML 5Page - Sanyo Semicon Device LA70001 Datasheet HTML 6Page - Sanyo Semicon Device LA70001 Datasheet HTML 7Page - Sanyo Semicon Device LA70001 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Overview
The LA70001 and LA70001M ICs provide record and
playback amplifiers for VHS format VCRs. A system with
an adjustment-free Y/C record current can be achieved by
combining the LA70001/M with an LA71000M or
LA71500M video signal processing IC.
Features
• Direct connection of the head to the playback amplifier
input allows the number of external devices to be
reduced.
• A fixed-current drive technique that is strongly resistant
to load fluctuations is adopted in the record amplifier for
stable recording characteristics. The record amplifier
includes a built-in AGC circuit.
• These products have the same package dimensions as
the LA70011 and LA70011M to allow a common PCB
to be used. These products can also share the same PCB
with the LA70020 by mounting the IC at the right end of
the LA70020 socket.
Package Dimensions
unit: mm
3067-DIP24S
unit: mm
3112-MFP24S
Monolithic Linear IC
13098RM (OT) No. 5709-1/8
SANYO: DIP24S
[LA70001]
SANYO: MFP24S
[LA70001M]
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-0005 JAPAN
Record/Playback Amplifiers for VHS Format VCRs
LA70001, 70001M
Ordering number : EN5709
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
7.0
V
Ta
≤ 65°C [LA70001]
600
mW
Allowable power dissipation
Pd max
Ta
≤ 65°C [LA70001M]
500
mW
(Using a 114.3
× 76.1 × 1.6 mm glass epoxy PCB)
Operating temperature
Topr
–10 to +65
°C
Storage temperature
Tstg
–40 to +150
°C
Specifications
Maximum Ratings at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
VCC
5.0
V
Operating supply voltage range
VCC op
4.8 to 5.5
V
Operating Conditions at Ta = 25°C


Similar Part No. - LA70001

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA70011 SANYO-LA70011 Datasheet
134Kb / 11P
   Recording/Playback Amplifier for VHS VCRs
LA70011M SANYO-LA70011M Datasheet
134Kb / 11P
   Recording/Playback Amplifier for VHS VCRs
LA70020 SANYO-LA70020 Datasheet
173Kb / 13P
   Recording/Playback Amplifier for VHS VCRs
LA70020M SANYO-LA70020M Datasheet
173Kb / 13P
   Recording/Playback Amplifier for VHS VCRs
More results

Similar Description - LA70001

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7416 SANYO-LA7416 Datasheet
187Kb / 7P
   Playback Amplifier and Record Amplifier for VHS VCRs?
LA7411 SANYO-LA7411 Datasheet
120Kb / 5P
   Playback Amplifier and Record Amplifier for VHS VCRs
LA70020 SANYO-LA70020 Datasheet
173Kb / 13P
   Recording/Playback Amplifier for VHS VCRs
LA7415 SANYO-LA7415 Datasheet
200Kb / 12P
   VHS VCR Playback Head and Record Amplifiers
LA70011 SANYO-LA70011 Datasheet
134Kb / 11P
   Recording/Playback Amplifier for VHS VCRs
logo
Rohm
BA8400FV ROHM-BA8400FV Datasheet
124Kb / 9P
   CTL recording / playback amplifier for VHS VCRs
BA7107 ROHM-BA7107 Datasheet
349Kb / 6P
   SECAM chroma signal processor for VHS VCRs
logo
Sanyo Semicon Device
LA7357 SANYO-LA7357 Datasheet
105Kb / 6P
   PAL/SECAM Discrimination Circuit for VHS VCRs
LA71525M SANYO-LA71525M Datasheet
277Kb / 25P
   Video/audio signal processor for VHS VCRs
logo
Rohm
BA7207AS ROHM-BA7207AS Datasheet
250Kb / 17P
   SECAM chroma signal processor for VHS VCRs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com