Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMIS-42665 Datasheet(PDF) 8 Page - ON Semiconductor

Part # AMIS-42665
Description  High-Speed Low Power CAN Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AMIS-42665 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button AMIS-42665 Datasheet HTML 3Page - ON Semiconductor AMIS-42665 Datasheet HTML 4Page - ON Semiconductor AMIS-42665 Datasheet HTML 5Page - ON Semiconductor AMIS-42665 Datasheet HTML 6Page - ON Semiconductor AMIS-42665 Datasheet HTML 7Page - ON Semiconductor AMIS-42665 Datasheet HTML 8Page - ON Semiconductor AMIS-42665 Datasheet HTML 9Page - ON Semiconductor AMIS-42665 Datasheet HTML 10Page - ON Semiconductor AMIS-42665 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
AMIS−42665
http://onsemi.com
8
MEASUREMENT SETUPS AND DEFINITIONS
AMIS−
42665
VCC
GND
2
3
CANH
CANL
VSPLIT
5
6
7
PC20040829.5
STB
8
RxD
4
TxD
1
1 nF
100 nF
+5 V
15 pF
1 nF
Transient
Generator
Figure 5. Test Circuit for Automotive Transients
VRxD
High
Low
0.5
0.9
PC20040829.7
Hysteresis
Figure 6. Hysteresis of the Receiver
Vi(dif)(hys)
AMIS−
42665
VCC
GND
2
3
CANH
CANL
VSPLIT
5
6
7
RLT
PC20040829.4
STB
8
RxD
4
TxD
1
100 pF
100 nF
+5 V
15 pF
Figure 7. : Test Circuit for Timing Characteristics
CLT
60 W


Similar Part No. - AMIS-42665

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-42665 AMI-AMIS-42665 Datasheet
370Kb / 13P
   High-Speed Low Power CAN Transceiver
logo
ON Semiconductor
AMIS-42665 ONSEMI-AMIS-42665 Datasheet
198Kb / 11P
   High-Speed Low Power CAN Transceiver
January, 2009 ??Rev. 7
AMIS-42665 ONSEMI-AMIS-42665_13 Datasheet
176Kb / 11P
   High-Speed Low Power CAN Transceiver
January, 2013 ??Rev. 10
More results

Similar Description - AMIS-42665

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7340 ONSEMI-NCV7340 Datasheet
177Kb / 12P
   High Speed Low Power CAN Transceiver
May, 2010 ??Rev. 1
logo
AMI SEMICONDUCTOR
AMIS-42675 AMI-AMIS-42675 Datasheet
565Kb / 12P
   High-Speed Low Power CAN Transceiver
AMIS-42665 AMI-AMIS-42665 Datasheet
370Kb / 13P
   High-Speed Low Power CAN Transceiver
logo
ON Semiconductor
AMIS-42665 ONSEMI-AMIS-42665 Datasheet
198Kb / 11P
   High-Speed Low Power CAN Transceiver
January, 2009 ??Rev. 7
NCV7342 ONSEMI-NCV7342_16 Datasheet
136Kb / 15P
   High Speed Low Power CAN Transceiver
February, 2016 ??Rev. 3
NCV7349 ONSEMI-NCV7349 Datasheet
112Kb / 12P
   High Speed Low Power CAN Transceiver
December, 2014 ??Rev. 1
NCV7340 ONSEMI-NCV7340_11 Datasheet
142Kb / 11P
   High Speed Low Power CAN Transceiver
October, 2011 ??Rev. 3
NCV7341 ONSEMI-NCV7341 Datasheet
184Kb / 18P
   High Speed Low Power CAN Transceiver
November, 2008 ??Rev. 3
AMIS-42665 ONSEMI-AMIS-42665_13 Datasheet
176Kb / 11P
   High-Speed Low Power CAN Transceiver
January, 2013 ??Rev. 10
NCV7342 ONSEMI-NCV7342 Datasheet
183Kb / 15P
   High Speed Low Power CAN Transceiver
December, 2013 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com