Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-MH Datasheet(PDF) 1 Page - IC-Haus GmbH

Part # IC-MH
Description  12 BIT ANGULAR HALL ENCODER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MH Datasheet(HTML) 1 Page - IC-Haus GmbH

  IC-MH Datasheet HTML 1Page - IC-Haus GmbH IC-MH Datasheet HTML 2Page - IC-Haus GmbH IC-MH Datasheet HTML 3Page - IC-Haus GmbH IC-MH Datasheet HTML 4Page - IC-Haus GmbH IC-MH Datasheet HTML 5Page - IC-Haus GmbH IC-MH Datasheet HTML 6Page - IC-Haus GmbH IC-MH Datasheet HTML 7Page - IC-Haus GmbH IC-MH Datasheet HTML 8Page - IC-Haus GmbH IC-MH Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
iC-MH
12 BIT ANGULAR HALL ENCODER
Rev B1, Page 1/23
FEATURES
o Real-time system for rotation speed up to 120,000 rpm
o Integrated Hall sensors with automatic offset compensation
o 4x sensor arrangement for fault-tolerant adjustment
o Amplitude control for optimum operating point
o Interpolator with 4096 angular increments/resolution better
than 0.1°
o Programmable resolution, hysteresis, edge spacing, zero
position and rotating direction
o Incremental output of sensor position up to 8 MHz edge rate
o RS422-compatible AB encoder signals with index Z
o UVW commutation signals for EC motor applications
o Serial interface for data output and configuration
o SSI-compatible output mode
o Integrated ZAP diodes for module setup and OEM data,
programmable via serial interface
o Signal error (e.g. magnet loss) can also be read out via serial
interface
o Extended temperature range from -40 to +125 °C
APPLICATIONS
o Digital angular sensor
technology, 0–360°
o Incremental angular encoder
o Absolute angular encoder
o Brushless motors
o Motor feedback
o Rotational speed control
PACKAGES
QFN28 5 x 5 mm²
BLOCK DIAGRAM
2
2
S L I
S L O
M A
P T E
N E R R
V P A
V P D
A
B
Z
U
V
W
V N A
V N D
B
B
B
B
LOGIC
CONVERSION
PHASE
SHIFT
V Z A P
TEST
ERROR MONITOR
INCR INTERFACE
SINE-TO-DIG
SINE-TO-COM
HALL SENSOR
AMPL CONTROL
RAM
BIAS/VREF
ZAPROM
RS422
ZAP CONTROL
16 Byte ZROM
0x00
0x7F
SIN + COS
AMPLITUDE
CORRECTION
INTERFACE
SERIAL
0x0F
0x10
0x1F
0x77
+ 5V
+ 5V
iC-MH
C301107-2
Copyright © 2008 iC-Haus
http://www.ichaus.com


Similar Part No. - IC-MH

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-MH ICHAUS-IC-MH Datasheet
666Kb / 26P
   12-BIT ANGULAR HALL ENCODER
IC-MH16 ICHAUS-IC-MH16 Datasheet
792Kb / 25P
   12-BIT ANGULAR HALL ENCODER
IC-MH16 ICHAUS-IC-MH16_15 Datasheet
792Kb / 25P
   12-BIT ANGULAR HALL ENCODER
IC-MH8 ICHAUS-IC-MH8 Datasheet
276Kb / 2P
   12 BIT HALL ENCODER
IC-MH8 ICHAUS-IC-MH8 Datasheet
713Kb / 25P
   12 BIT ANGULAR HALL ENCODER
More results

Similar Description - IC-MH

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-MH16 ICHAUS-IC-MH16_15 Datasheet
792Kb / 25P
   12-BIT ANGULAR HALL ENCODER
IC-MH8 ICHAUS-IC-MH8_11 Datasheet
713Kb / 25P
   12 BIT ANGULAR HALL ENCODER
IC-MH8 ICHAUS-IC-MH8_14 Datasheet
605Kb / 25P
   12 BIT ANGULAR HALL ENCODER
IC-MH ICHAUS-IC-MH_17 Datasheet
666Kb / 26P
   12-BIT ANGULAR HALL ENCODER
IC-MA ICHAUS-IC-MA_14 Datasheet
363Kb / 19P
   8-BIT ANGULAR HALL SENSOR / ENCODER
IC-MA ICHAUS-IC-MA Datasheet
302Kb / 18P
   ANGULAR HALL SENSOR / ENCODER
IC-MH8 ICHAUS-IC-MH8 Datasheet
276Kb / 2P
   12 BIT HALL ENCODER
MHL200 ICHAUS-MHL200 Datasheet
613Kb / 28P
   12-BIT LINEAR /ROTARY POSITION HALL ENCODER
IC-MHL200 ICHAUS-IC-MHL200 Datasheet
1,021Kb / 33P
   12-BIT LINEAR / ROTARY POSITION HALL ENCODER
logo
Broadcom Corporation.
AEAT-8800-Q24 BOARDCOM-AEAT-8800-Q24 Datasheet
1Mb / 21P
   10-Bit to16-Bit Programmable Angular Magnetic Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com