Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2111 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP2111
Description  2A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2111 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP2111 Datasheet HTML 3Page - Diodes Incorporated AP2111 Datasheet HTML 4Page - Diodes Incorporated AP2111 Datasheet HTML 5Page - Diodes Incorporated AP2111 Datasheet HTML 6Page - Diodes Incorporated AP2111 Datasheet HTML 7Page - Diodes Incorporated AP2111 Datasheet HTML 8Page - Diodes Incorporated AP2111 Datasheet HTML 9Page - Diodes Incorporated AP2111 Datasheet HTML 10Page - Diodes Incorporated AP2111 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
AP2101/AP2111
2A SINGLE CHANNEL CURRENT-LIMITED POWER
SWITCH
AP2101/AP2111 Rev. 2
7 of 14
MARCH 2010
www.diodes.com
© Diodes Incorporated
Typical Performance Characteristics
(Continued)
Device Enabled
1ms/div
Device Disabled
1ms/div
UVLO Increasing
1ms/div
UVLO Decreasing
10ms/div
Turn-On Time vs Input Voltage
250
350
450
550
650
750
850
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
Input Voltage (V)
Turn-Off Time vs Input Voltage
25
30
35
40
45
50
55
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
Input Voltage (V)
Vflag
5V/div
Iout
1A/div
Ven
5V/div
Vout
5V/div
Vflag
5V/div
Iout
1A/div
Ven
5V/div
Vout
5V/div
CL=1uF
RL=10Ω
TA=25°C
CL=1uF
RL=10Ω
TA=25°C
Iout
500mA/div
TA=25°C
CL=100uF
RL=2.5Ω
Vin
2V/div
Iout
500mA/div
TA=25°C
CL=100uF
RL=2.5Ω
Vin
2V/div
VIN=5V
TA=25°C
CL=100uF
RL=2.5Ω
VIN=5V
TA=25°C
CL=100uF
RL=2.5Ω


Similar Part No. - AP2111

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2111 BCDSEMI-AP2111 Datasheet
62Kb / 2P
   600mA CMOS LDO REGULATOR WITH ENABLE
logo
Diodes Incorporated
AP2111 DIODES-AP2111 Datasheet
365Kb / 14P
   2A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2111 Rev. 1
logo
BCD Semiconductor Manuf...
AP2111 BCDSEMI-AP2111 Datasheet
688Kb / 20P
   600mA CMOS LDO REGULATOR WITH ENABLE
AP2111H-1.2TRG1 BCDSEMI-AP2111H-1.2TRG1 Datasheet
688Kb / 20P
   600mA CMOS LDO REGULATOR WITH ENABLE
AP2111H-1.2TRG1 BCDSEMI-AP2111H-1.2TRG1 Datasheet
820Kb / 22P
   600mA CMOS LDO REGULATOR WITH ENABLE
More results

Similar Description - AP2111

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2101 DIODES-AP2101 Datasheet
365Kb / 14P
   2A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2111 Rev. 1
logo
Monolithic Power System...
MP62260 MPS-MP62260 Datasheet
417Kb / 11P
   3.3V/5V, Single-Channel 2A Current-Limited Power Distribution Switch
MP62180 MPS-MP62180 Datasheet
353Kb / 12P
   3.3V/5V, Single-Channel 2A Current-Limited Power Distribution Switch
logo
Diodes Incorporated
AP2171WG-7 DIODES-AP2171WG-7 Datasheet
457Kb / 18P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2151A DIODES-AP2151A Datasheet
893Kb / 18P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
January 2018
logo
Monolithic Power System...
MP62040 MPS-MP62040 Datasheet
339Kb / 8P
   1.7V ??5.5V, Ultra-Small, Single-Channel 2A Current-Limited Power Distribution Switch
logo
Diodes Incorporated
AP2501 DIODES-AP2501_13 Datasheet
509Kb / 18P
   2.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2141 DIODES-AP2141_13 Datasheet
481Kb / 17P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2141WG-7 DIODES-AP2141WG-7 Datasheet
481Kb / 17P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2141A DIODES-AP2141A Datasheet
1Mb / 17P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
April 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com