Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-MN Datasheet(PDF) 6 Page - IC-Haus GmbH

Part # IC-MN
Description  25-BIT NONIUS ENCODER WITH 3-CH. SAMPLING 13-BIT Sin/D INTERPOLATION
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MN Datasheet(HTML) 6 Page - IC-Haus GmbH

Back Button IC-MN Datasheet HTML 2Page - IC-Haus GmbH IC-MN Datasheet HTML 3Page - IC-Haus GmbH IC-MN Datasheet HTML 4Page - IC-Haus GmbH IC-MN Datasheet HTML 5Page - IC-Haus GmbH IC-MN Datasheet HTML 6Page - IC-Haus GmbH IC-MN Datasheet HTML 7Page - IC-Haus GmbH IC-MN Datasheet HTML 8Page - IC-Haus GmbH IC-MN Datasheet HTML 9Page - IC-Haus GmbH IC-MN Datasheet HTML 10Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 59 page
background image
iC-MN 25-BIT NONIUS ENCODER
WITH 3-CH. SAMPLING 13-BIT Sin/D INTERPOLATION
Rev D1, Page 6/59
ABSOLUTE MAXIMUM RATINGS
These ratings do not imply operating conditions; functional operation is not guaranteed. Beyond these ratings device damage may occur.
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Max.
G001 V()
Voltage at VDD, GND, NSLO, SLO,
NERR, PSOUT, NSOUT, PCOUT,
NCOUT, VACO
referenced to GND
-6
6
V
G002 V()
Voltage at MA, NMA
referenced to GND
-9
14
V
G003 V()
Pin-to-Pin Voltage vs. VDD, GND,
NSLO, SLO, NERR, PSOUT, NSOUT,
PCOUT, NCOUT, VACO
6
V
G004 V()
Voltage at NSINS, PSINS, PCINS,
NCINS, NSINM, PSINM, PCINM,
NCINM, NSINN, PSINN, PCINN,
NCINN, DIR, PRES, SCL, SDA, MAO,
SLI, MTSLI, T2, MTMA, T3, T0, T1,
ACOM, ACON, ACOS, GNDA, VDDA
referenced to AGND, V() < VDD + 0.3 V
-0.3
6
V
G005 I(VDD)
Current in VDD
-100
400
mA
G006 I()
Current in VDDA, GNDA, PSOUT,
NSOUT, PCOUT, NCOUT
-50
50
mA
G007 I()
Current in PSINM, NSINM, PCINM,
NCINM, PSINS, NSINS, PCINS,
NCINS, PSINN, NSINN, PCINN,
NCINN, DIR, PRES, SCL, SDA, MAO,
SLI, T3, T2, NERR, T0, T1
-20
20
mA
G008 I()
Current in SLO, NSLO, VACO
-120
120
mA
G009 I()
Current in MA, NMA
-0.6
1
mA
G010 I(ACOM)
Current in ACOM
-100
20
mA
G011 I()
Current in ACOS, ACON
-50
20
mA
G012 Vd()
ESD Susceptibility at all pins
HBM 100 pF discharged through 1.5 kΩ
2
kV
G013 Tj
Junction Temperature
-40
150
° C
G014 Ts
Storage Temperature Range
-40
150
° C
THERMAL DATA
Operating conditions: VDD = 5 V ±10 %
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
T01
Ta
Operating Ambient Temperature Range package QFN48
-40
110
° C
T02
Rthja
Thermal Resistance Chip to Ambient;
QFN48
QFN48 surface mounted to PCB according to
JEDEC 51
30
K/W
All voltages are referenced to ground unless otherwise stated.
All currents flowing into the device pins are positive; all currents flowing out of the device pins are negative.


Similar Part No. - IC-MN

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-MN ICHAUS-IC-MN Datasheet
1Mb / 62P
   25-BIT NONIUS ENCODER WITH 3-CH. SAMPLING 13-BIT Sin/D INTERPOLATION
IC-MNF ICHAUS-IC-MNF Datasheet
2Mb / 104P
   26-BIT NONIUS ENCODER WITH 3-CH. SAMPLING 14-BIT Sin/D INTERPOLATION
IC-MN ICHAUS-IC-MN_16 Datasheet
1Mb / 62P
   25-BIT NONIUS ENCODER WITH 3-CH. SAMPLING 13-BIT Sin/D INTERPOLATION
More results

Similar Description - IC-MN

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-MN ICHAUS-IC-MN_16 Datasheet
1Mb / 62P
   25-BIT NONIUS ENCODER WITH 3-CH. SAMPLING 13-BIT Sin/D INTERPOLATION
IC-MNF ICHAUS-IC-MNF Datasheet
2Mb / 104P
   26-BIT NONIUS ENCODER WITH 3-CH. SAMPLING 14-BIT Sin/D INTERPOLATION
IC-NQI ICHAUS-IC-NQI Datasheet
1Mb / 26P
   13-bit Sin/D CONVERTER WITH CALIBRATION
IC-TW2 ICHAUS-IC-TW2_13 Datasheet
569Kb / 28P
   8-BIT SIN/COS INTERPOLATION IC
IC-NQ ICHAUS-IC-NQ Datasheet
1Mb / 25P
   13-bit Sin/D CONVERTER WITH CALIBRATION
IC-NQL ICHAUS-IC-NQL Datasheet
907Kb / 24P
   13-bit Sin/D CONVERTER WITH SSI INTERFACE
IC-MG ICHAUS-IC-MG Datasheet
356Kb / 20P
   8-Bit Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
IC-NQC ICHAUS-IC-NQC Datasheet
1Mb / 29P
   13-bit Sin/D CONVERTER WITH SIGNAL CALIBRATION
IC-NQC ICHAUS-IC-NQC_11 Datasheet
1Mb / 29P
   13-bit Sin/D CONVERTER WITH SIGNAL CALIBRATION
IC-NQL ICHAUS-IC-NQL_11 Datasheet
894Kb / 24P
   13-bit Sin/D CONVERTER WITH SSI INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com