Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-MSBTSSOP20 Datasheet(PDF) 9 Page - IC-Haus GmbH

Part # IC-MSBTSSOP20
Description  SIN/COS SIGNAL CONDITIONER WITH 1Vpp DRIVER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MSBTSSOP20 Datasheet(HTML) 9 Page - IC-Haus GmbH

Back Button IC-MSBTSSOP20 Datasheet HTML 5Page - IC-Haus GmbH IC-MSBTSSOP20 Datasheet HTML 6Page - IC-Haus GmbH IC-MSBTSSOP20 Datasheet HTML 7Page - IC-Haus GmbH IC-MSBTSSOP20 Datasheet HTML 8Page - IC-Haus GmbH IC-MSBTSSOP20 Datasheet HTML 9Page - IC-Haus GmbH IC-MSBTSSOP20 Datasheet HTML 10Page - IC-Haus GmbH IC-MSBTSSOP20 Datasheet HTML 11Page - IC-Haus GmbH IC-MSBTSSOP20 Datasheet HTML 12Page - IC-Haus GmbH IC-MSBTSSOP20 Datasheet HTML 13Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
iC-MSBSAFETY, iC-MSB2
SIN/COS SIGNAL CONDITIONER WITH 1Vpp DRIVER
Rev D2, Page 9/29
ELECTRICAL CHARACTERISTICS
Operating conditions: VDD = 4.3...5.5 V, Tj = -40...125 °C, IBN calibrated to 200 µA, reference point GNDS, unless otherwise stated.
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
Supply Switch and Reverse Polarity Protection VDDS, GNDS
C01
Vs()
Saturation Voltage
VDDS vs. VDD
Vs(VDDS) = VDD − V(VDDS)
I(VDDS) = -10 mA...0 mA
150
mV
I(VDDS) = -20 mA...-10 mA
250
mV
C02
Vs()
Saturation Voltage
GNDS vs. GND
Vs(GNDS) = V(GNDS) − GND
I(GNDS) = 0 mA...10 mA
150
mV
I(GNDS) = 10 mA...20 mA
250
mV
Serial Configuration Interface SCL, SDA
D01
Vs()lo
Saturation Voltage lo
I() = 4 mA
400
mV
D02
Isc()
Short-circuit Current lo
4
80
mA
D03
Vt()hi
Input Threshold Voltage hi
2
V
D04
Vt()lo
Input Threshold Voltage lo
0.8
V
D05
Vt()hys
Input Hysteresis
Vt()hys = Vt()hi − Vt()lo
300
500
mV
D06
Ipu()
Input Pull-up Current
V() = 0...VDDS − 1 V
-600
-300
-60
µA
D07
Vpu()
Input Pull-up Voltage
Vpu() = VDDS − V(), I() = -5 µA
0.4
V
D08
fclk(SCL)
Clock Frequency at SCL
ENFAST = 0
60
80
100
kHz
ENFAST = 1
240
320
400
kHz
D09
tbusy()cfg
Duration of Startup Configuration IBN not calibated, EEPROM access without
read failure, time to outputs operational;
ENFAST = 0
40
55
ms
ENFAST = 1
25
35
ms
D10
tbusy()err
End Of I2C Communication;
Time Until I2C Slave Is Enabled
IBN not calibrated;
V(SDA) = 0 V
4
12
ms
V(SCL) = 0 V or arbitration lost
indef.
ms
no EEPROM
45
135
ms
CRC ERROR
95
285
ms
D11
td()
Start Of Master Activity On I2C
Protocol Error
SCL without clock signal: V(SCL) = constant;
IBN not calibrated
25
80
240
µs
IBN calibrated to 200 µA
64
80
120
µs
D12
td()i2c
Delay for I2C-Slave-Mode Enable no EEPROM, V(SDA) = 0 V
4
6.2
ms
Temperature Monitoring
E01
VTs
Temperature Sensor Voltage
VTs() = VDDS − V(PS), Tj = 27 °C,
600
650
700
mV
Calibration Mode 3, no load
E02
TCs
Temp. Co. of Temperature Sen-
sor Voltage
-1.8
mV/K
E03
VTth
Temperature Warning Activation
Threshold
VTth() = VDDS − V(NS), Tj = 27 °C,
Calibration Mode 3, no load;
CFGTA(3:0) = 0x00
260
310
360
mV
CFGTA(3:0) = 0x0F
470
550
630
mV
E04
TCth
Temp. Co. Temperature Warning
Activation Threshold
0.06
%/K
E05
Thys
Temperature Warning Hysteresis
4
12
20
°C
E06
T
Relative Shutdown Temperature
T = Toff − Twarn
4
12
20
°C


Similar Part No. - IC-MSBTSSOP20

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-MSB ICHAUS-IC-MSB Datasheet
1,014Kb / 32P
   SIN/COS SIGNAL CONDITIONER
IC-MSB ICHAUS-IC-MSB_17 Datasheet
1,014Kb / 32P
   SIN/COS SIGNAL CONDITIONER
More results

Similar Description - IC-MSBTSSOP20

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-MSA ICHAUS-IC-MSA Datasheet
718Kb / 29P
   SIN/COS SIGNAL CONDITIONER with AGC and 1Vpp DRIVER
IC-MSB ICHAUS-IC-MSB_17 Datasheet
1,014Kb / 32P
   SIN/COS SIGNAL CONDITIONER
IC-MSC ICHAUS-IC-MSC Datasheet
1Mb / 35P
   SIN/COS SIGNAL CONDITIONER WITH FAIL-SAFE 1 Vpp LINE DRIVER
IC-MQF ICHAUS-IC-MQF_15 Datasheet
836Kb / 38P
   Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
IC-MQ ICHAUS-IC-MQ_15 Datasheet
1Mb / 43P
   Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
IC-RC1000 ICHAUS-IC-RC1000_12 Datasheet
448Kb / 10P
   SIN/COS SIGNAL SAFETY MONITOR IC
IC-RC1000 ICHAUS-IC-RC1000_14 Datasheet
527Kb / 14P
   SIN/COS SIGNAL SAFETY MONITOR IC
IC-RC1000 ICHAUS-IC-RC1000 Datasheet
397Kb / 10P
   SIN/COS SIGNAL SAFETY MONITOR IC
IC-MG ICHAUS-IC-MG Datasheet
356Kb / 20P
   8-Bit Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
IC-MG ICHAUS-IC-MG_14 Datasheet
604Kb / 22P
   8-Bit Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com