Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-MSBTSSOP20-TP Datasheet(PDF) 7 Page - IC-Haus GmbH

Part # IC-MSBTSSOP20-TP
Description  SIN/COS SIGNAL CONDITIONER WITH 1Vpp DRIVER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MSBTSSOP20-TP Datasheet(HTML) 7 Page - IC-Haus GmbH

Back Button IC-MSBTSSOP20-TP Datasheet HTML 3Page - IC-Haus GmbH IC-MSBTSSOP20-TP Datasheet HTML 4Page - IC-Haus GmbH IC-MSBTSSOP20-TP Datasheet HTML 5Page - IC-Haus GmbH IC-MSBTSSOP20-TP Datasheet HTML 6Page - IC-Haus GmbH IC-MSBTSSOP20-TP Datasheet HTML 7Page - IC-Haus GmbH IC-MSBTSSOP20-TP Datasheet HTML 8Page - IC-Haus GmbH IC-MSBTSSOP20-TP Datasheet HTML 9Page - IC-Haus GmbH IC-MSBTSSOP20-TP Datasheet HTML 10Page - IC-Haus GmbH IC-MSBTSSOP20-TP Datasheet HTML 11Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
iC-MSBSAFETY, iC-MSB2
SIN/COS SIGNAL CONDITIONER WITH 1Vpp DRIVER
Rev D2, Page 7/29
ELECTRICAL CHARACTERISTICS
Operating conditions: VDD = 4.3...5.5 V, Tj = -40...125 °C, IBN calibrated to 200 µA, reference point GNDS, unless otherwise stated.
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
Signal Conditioning, Inputs X1, X2
201
Vin()sig
Permissible Input Voltage Range RIN0(3:0) = 0x01
0.75
VDDS
− 1.5
V
RIN0(3:0) = 0x09
0
VDDS
V
202
Iin()sig
Permissible Input Current Range RIN0(0) = 0, BIAS0 = 0
-300
-10
µA
RIN0(0) = 0, BIAS0 = 1
10
300
µA
203
Iin()
Input Current
RIN0(3:0) = 0x01
-10
10
µA
204
Vout(X2)
Output Voltage at X2
BIASEX = 10, I(X2) = 0, referenced to VREFin12
95
100
105
%
205
Vin(X2)
Permissible Input Voltage at X2
BIASEX = 11
0.5
VDDS
− 2
V
206
Rin(X2)
Input Resistance at X2
BIASEX = 11, RIN0(3:0) = 0x01,
RIN12(3:0) = 0x01
20
27
30
kΩ
207
Rin()
Input Resistance vs. VREFin
Tj = 27 °C;
RIN0(3:0) = 0x09
16
20
24
kΩ
RIN0(3:0) = 0x00
1.1
1.6
2.1
kΩ
RIN0(3:0) = 0x02
1.6
2.3
3.0
kΩ
RIN0(3:0) = 0x04
2.2
3.2
4.2
kΩ
RIN0(3:0) = 0x06
3.2
4.6
6.0
kΩ
208
TCRin()
Temperature Coefficient Rin
0.15
%/K
209
VREFin0
Reference Voltage
RIN0(0) = 0, BIAS0 = 1
1.35
1.5
1.65
V
RIN0(0) = 0, BIAS0 = 0
2.25
2.5
2.75
V
210
G0
Selectable Gain Factors
RIN0(3:0) = 0x01, GR0 and GF0 = 0x0
2
RIN0(3:0) = 0x01, GR0 and GF0 = max.
100
RIN0(3:0) = 0x09, GR0 and GF0 = 0x0
0.5
RIN0(3:0) = 0x09, GR0 and GF0 = max
25
211
Gdiff
Differential Gain Accuracy
calibration range 5 bit
-0.5
0.5
LSB
212
Gabs
Absolute Gain Accuracy
calibration range 5 bit, guaranteed monotony
-1
1
LSB
213
Vin()diff
Recommended Differential Input
Voltage
Vin()diff = V(CHP0) - V(CHN0),
RIN0(3:0) = 0x01
10
500
mVpp
RIN0(3:0) = 0x09
40
2000
mVpp
214
Vin()os
Input Offset Voltage
referred to side of input
0
75
µV
215
VOScal
Offset Calibration Range
referenced to the selected source (REFVOS);
OR0 = 00
±100
%V()
OR0 = 01
±200
%V()
OR0 = 10
±600
%V()
OR0 = 11
±1200
%V()
216
VOSdiff
Differential Linearity Error of
Offset Correction
calibration range 6 bit
-0.5
0.5
LSB
217
VOSint
Integral Linearity Error of Offset
Correction
calibration range 6 bit
-1
1
LSB
Signal Filter
301
fg
Cut-off Frequency
4000
kHz
302
phi
Phase Shift
fin 500 kHz for sine/cosine
10
°
Index Pulse Comparator Output PZ, NZ
401
Vpk()
Output Amplitude With Sensor
Tracking via ACO
EAZ = 1, ADJ(4:0) = 0x19
225
250
275
mV
402
SR()
Output Slew Rate
EAZ = 1
1
V/µs
Line Driver Outputs PS, NS, PC, NC, PZ, NZ
501
Vpk()max
Permissible Output Amplitude
VDD = 4.5 V, DC level = VDD / 2,
300
mV
RL = 50 Ω vs. VDD / 2
502
Vpk()
Output Amplitude With Sensor
Tracking via ACO
ADJ (8:0) = 0x19
225
250
275
mV
503
fg
Cut-off Frequency
CL = 250 pF
500
kHz
504
Vos
Offset Voltage
±200
µV
505
Isc()
Short-circuit Current
pin shorten to VDD or GND
10
30
50
mA
506
Ilk()
Tristate Leakage Current
tristate or reversed supply
-1
1
µA


Similar Part No. - IC-MSBTSSOP20-TP

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-MSB ICHAUS-IC-MSB Datasheet
1,014Kb / 32P
   SIN/COS SIGNAL CONDITIONER
IC-MSB ICHAUS-IC-MSB_17 Datasheet
1,014Kb / 32P
   SIN/COS SIGNAL CONDITIONER
More results

Similar Description - IC-MSBTSSOP20-TP

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-MSA ICHAUS-IC-MSA Datasheet
718Kb / 29P
   SIN/COS SIGNAL CONDITIONER with AGC and 1Vpp DRIVER
IC-MSB ICHAUS-IC-MSB_17 Datasheet
1,014Kb / 32P
   SIN/COS SIGNAL CONDITIONER
IC-MSC ICHAUS-IC-MSC Datasheet
1Mb / 35P
   SIN/COS SIGNAL CONDITIONER WITH FAIL-SAFE 1 Vpp LINE DRIVER
IC-MQF ICHAUS-IC-MQF_15 Datasheet
836Kb / 38P
   Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
IC-MQ ICHAUS-IC-MQ_15 Datasheet
1Mb / 43P
   Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
IC-RC1000 ICHAUS-IC-RC1000_12 Datasheet
448Kb / 10P
   SIN/COS SIGNAL SAFETY MONITOR IC
IC-RC1000 ICHAUS-IC-RC1000_14 Datasheet
527Kb / 14P
   SIN/COS SIGNAL SAFETY MONITOR IC
IC-RC1000 ICHAUS-IC-RC1000 Datasheet
397Kb / 10P
   SIN/COS SIGNAL SAFETY MONITOR IC
IC-MG ICHAUS-IC-MG Datasheet
356Kb / 20P
   8-Bit Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
IC-MG ICHAUS-IC-MG_14 Datasheet
604Kb / 22P
   8-Bit Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com