Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-MSB2EVALMSB1D Datasheet(PDF) 8 Page - IC-Haus GmbH

Part # IC-MSB2EVALMSB1D
Description  SIN/COS SIGNAL CONDITIONER WITH 1Vpp DRIVER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MSB2EVALMSB1D Datasheet(HTML) 8 Page - IC-Haus GmbH

Back Button IC-MSB2EVALMSB1D Datasheet HTML 4Page - IC-Haus GmbH IC-MSB2EVALMSB1D Datasheet HTML 5Page - IC-Haus GmbH IC-MSB2EVALMSB1D Datasheet HTML 6Page - IC-Haus GmbH IC-MSB2EVALMSB1D Datasheet HTML 7Page - IC-Haus GmbH IC-MSB2EVALMSB1D Datasheet HTML 8Page - IC-Haus GmbH IC-MSB2EVALMSB1D Datasheet HTML 9Page - IC-Haus GmbH IC-MSB2EVALMSB1D Datasheet HTML 10Page - IC-Haus GmbH IC-MSB2EVALMSB1D Datasheet HTML 11Page - IC-Haus GmbH IC-MSB2EVALMSB1D Datasheet HTML 12Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
iC-MSBSAFETY, iC-MSB2
SIN/COS SIGNAL CONDITIONER WITH 1Vpp DRIVER
Rev D2, Page 8/29
ELECTRICAL CHARACTERISTICS
Operating conditions: VDD = 4.3...5.5 V, Tj = -40...125 °C, IBN calibrated to 200 µA, reference point GNDS, unless otherwise stated.
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
Signal Level Controller ACO
601
Vs()hi
Saturation Voltage hi
at ACO vs. VDD
Vs() = VDD - V();
ADJ(8:0) = 0x11F, I() = -5 mA
1
V
ADJ(8:0) = 0x13F, I() = -10 mA
1
V
ADJ(8:0) = 0x15F, I() = -25 mA
1
V
ADJ(8:0) = 0x17F, I() = -50 mA
1
V
602
Isc()hi
Short-circuit Current hi in ACO
V() = 0 ... VDD - 1 V;
ADJ(8:0) = 0x11F
-10
-5
mA
ADJ(8:0) = 0x13F
-20
-10
mA
ADJ(8:0) = 0x15F
-50
-25
mA
ADJ(8:0) = 0x17F
-100
-50
mA
603
tr()
Current Rise Time in ACO
I(ACO): 0 → 90 % setpoint
1
ms
604
tset()
Current Settling Time in ACO
Square control active, I(ACO): 50 → 100 %
setpoint
400
µs
605
It()min
Control Range Monitoring 1:
lower limit
referenced to range ADJ(6:5)
3
%Isc
606
It()max
Control Range Monitoring 2:
upper limit
referenced to range ADJ(6:5)
90
%Isc
607
Vt()min
Signal Level Monitoring 1:
lower limit
referenced to Vscq()
40
%Vpp
608
Vt()max
Signal Level Monitoring 2:
upper limit
referenced to Vscq()
130
%Vpp
Test Current ERR
701
I(ERR)
Permissible Test Current
test mode activated
0
1
mA
Bias Current Source and Reference Voltages
801
IBN()
Bias Current Source
MODE(3:0) = 0x01, I(NC) vs. VDDS
180
200
220
µA
802
VPAH
Reference Voltage VPAH
referenced to GND
45
50
55
%VDD
803
V05
Reference Voltage V05
450
500
550
mV
804
V025
Reference Voltage V025
50
%V05
Power-Down-Reset
901
VDDon
Turn-on Threshold
(power-on release)
increasing voltage at VDD vs. GND
3.7
4
4.3
V
902
VDDoff
Turn-off Threshold
(power-down reset)
decreasing voltage at VDD vs. GND
3.2
3.5
3.8
V
903
VDDhys
Threshold Hysteresis
VDDhys = VDDon − VDDoff
0.3
V
Clock Oscillator
A01
fclk()
Internal Clock Frequency
MODE(3:0) = 0x0A, fclk(NS)
120
160
200
kHz
Error Signal Input/Output, Pin ERR
B01
Vs()lo
Saturation Voltage lo
vs. GND, I() = 4 mA
0.4
V
B02
Isc()
Short-circuit Current lo
vs. GND; V(ERR) ≤ VDD
4
mA
V(ERR) > VTMon
2
mA
B03
Vt()hi
Input Threshold Voltage hi
vs. GND
2
V
B04
Vt()lo
Input Threshold Voltage lo
vs. GND
0.8
V
B05
Vt()hys
Input Hysteresis
Vt()hys = Vt()hi − Vt()lo
300
500
mV
B06
Ipu()
Input Pull-up Current
V() = 0...VDD − 1 V, EPU = 1
-400
-300
-200
µA
B07
Rpu()
Input Pull-Up Resistor
EPU = 0
500
kΩ
B08
Vpu()
Pull-up Voltage
Vpu() = VDD - V(), I() = -5 µA, EPU = 1
0.4
V
B09
VTMon
Test Mode Activation Threshold
increasing voltage at ERR
VDD +
1.5
V
B10
VTMoff
Test Mode Disabling Threshold
decreasing voltage at ERR
VDD +
0.5
V
B11
VTMhys
Test Mode Hysteresis
VTMhys = VTMon − VTMoff
0.15
0.3
V
B12
Ilk()
Leakage Current
tristate or reversed supply voltage
-1
-10
-50
µA


Similar Part No. - IC-MSB2EVALMSB1D

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-MSB ICHAUS-IC-MSB Datasheet
1,014Kb / 32P
   SIN/COS SIGNAL CONDITIONER
IC-MSB ICHAUS-IC-MSB_17 Datasheet
1,014Kb / 32P
   SIN/COS SIGNAL CONDITIONER
More results

Similar Description - IC-MSB2EVALMSB1D

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-MSA ICHAUS-IC-MSA Datasheet
718Kb / 29P
   SIN/COS SIGNAL CONDITIONER with AGC and 1Vpp DRIVER
IC-MSB ICHAUS-IC-MSB_17 Datasheet
1,014Kb / 32P
   SIN/COS SIGNAL CONDITIONER
IC-MSC ICHAUS-IC-MSC Datasheet
1Mb / 35P
   SIN/COS SIGNAL CONDITIONER WITH FAIL-SAFE 1 Vpp LINE DRIVER
IC-MQF ICHAUS-IC-MQF_15 Datasheet
836Kb / 38P
   Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
IC-MQ ICHAUS-IC-MQ_15 Datasheet
1Mb / 43P
   Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
IC-RC1000 ICHAUS-IC-RC1000_12 Datasheet
448Kb / 10P
   SIN/COS SIGNAL SAFETY MONITOR IC
IC-RC1000 ICHAUS-IC-RC1000_14 Datasheet
527Kb / 14P
   SIN/COS SIGNAL SAFETY MONITOR IC
IC-RC1000 ICHAUS-IC-RC1000 Datasheet
397Kb / 10P
   SIN/COS SIGNAL SAFETY MONITOR IC
IC-MG ICHAUS-IC-MG Datasheet
356Kb / 20P
   8-Bit Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
IC-MG ICHAUS-IC-MG_14 Datasheet
604Kb / 22P
   8-Bit Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com