Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2142A Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP2142A
Description  0.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2142A Datasheet(HTML) 1 Page - Diodes Incorporated

  AP2142A Datasheet HTML 1Page - Diodes Incorporated AP2142A Datasheet HTML 2Page - Diodes Incorporated AP2142A Datasheet HTML 3Page - Diodes Incorporated AP2142A Datasheet HTML 4Page - Diodes Incorporated AP2142A Datasheet HTML 5Page - Diodes Incorporated AP2142A Datasheet HTML 6Page - Diodes Incorporated AP2142A Datasheet HTML 7Page - Diodes Incorporated AP2142A Datasheet HTML 8Page - Diodes Incorporated AP2142A Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
AP2142A/AP2152A
0.5A DUAL CHANNEL CURRENT-LIMITED POWER
SWITCH WITH OUTPUT DISCHARGE
AP2142A/2152A
Document number: DS32191 Rev. 2 - 2
1 of 17
www.diodes.com
October 2010
© Diodes Incorporated
Description
The AP2142A and AP2152A are dual channel current-limited
integrated high-side power switches optimized for Universal
Serial Bus (USB) and other hot-swap applications. The family
of devices complies with USB standards and available with
both polarities of Enable input.
The devices have fast short-circuit response time for
improved overall system robustness, and have integrated
output discharge function to ensure completely controlled
discharging of the output voltage capacitor. They provide a
complete protection solution for application subject to heavy
capacitive loads and the prospect of short circuit, and offer
reverse current blocking, over-current, over-temperature and
short-circuit protection, as well as controlled rise time and
under-voltage lockout functionality. A 7ms deglitch capability
on the open-drain Flag output prevents false over-current
reporting and does not require any external components.
All
devices
are
available
in
SO-8,
MSOP-8-EP
and
DFN3030E-8 packages.
Features
Dual channel current-limited power switch with output
discharge
Fast short-circuit response time: 2µs
0.7A accurate current limiting
Reverse Current Blocking
85m
Ω on-resistance
Input voltage range: 2.7V – 5.5V
Built-in soft-start with 0.6ms typical rise time
Short circuit and thermal protection
Fault report (FLG) with blanking time (7ms typ)
ESD protection: 2KV HBM, 300V MM
Active high (AP2152A) or active low (AP2142A) enable
Ambient temperature range: -40ºC to 85°C
SO-8, MSOP-8-EP and DFN3030E-8 (Exposed Pad):
Available in “Green” Molding Compound (No Br, Sb)
Lead Free Finish/ RoHS Compliant (Note 1)
UL Recognized, File Number E322375
IEC60950-1 CB Scheme Certified
Applications
Pin Assignments
SO-8
( Top View )
1
2
3
4
8
7
6
5
FLG1
OUT1
FLG2
OUT2
GND
EN2
EN1
IN
MSOP-8-EP
1
2
3
4
8
7
6
5
FLG1
OUT1
FLG2
OUT2
GND
EN2
EN1
IN
( Top View )
( Top View )
EN2
GND
FLG1
1
2
IN
3
4
6
5
8
7
FLG2
EN1
OUT1
OUT2
DFN3030E-8
LCD TVs & Monitors
Set-Top-Boxes, Residential Gateways
Laptops, Desktops, Servers,
Printers, Docking Stations, HUBs
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html.


Similar Part No. - AP2142A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2142 DIODES-AP2142 Datasheet
2Mb / 17P
   0.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH
AP2142SG-13 DIODES-AP2142SG-13 Datasheet
2Mb / 17P
   0.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH
More results

Similar Description - AP2142A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2145 DIODES-AP2145_10 Datasheet
405Kb / 13P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32031 Rev. 2 - 2
AP2141D DIODES-AP2141D Datasheet
565Kb / 18P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32242 Rev. 1 - 2
AP2141D_1009 DIODES-AP2141D_1009 Datasheet
504Kb / 17P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32242 Rev. 2 - 2
AP2182A DIODES-AP2182A Datasheet
772Kb / 17P
   1.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32193 Rev. 2 - 2
AP2162A DIODES-AP2162A Datasheet
762Kb / 17P
   1.0A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32192 Rev. 2 - 2
AP2142SG-13 DIODES-AP2142SG-13 Datasheet
2Mb / 17P
   0.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH
AP2146 DIODES-AP2146 Datasheet
535Kb / 17P
   0.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH
AP2146/AP2156 Rev 1
AP2171DM8G-13 DIODES-AP2171DM8G-13 Datasheet
602Kb / 19P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
AP2161D DIODES-AP2161D Datasheet
543Kb / 18P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32250 Rev. 1 - 2
AP2181D DIODES-AP2181D Datasheet
468Kb / 18P
   1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32251 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com