Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-NT Datasheet(PDF) 4 Page - IC-Haus GmbH

Part # IC-NT
Description  LIGHT CHAIN PULSE DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-NT Datasheet(HTML) 4 Page - IC-Haus GmbH

  IC-NT Datasheet HTML 1Page - IC-Haus GmbH IC-NT Datasheet HTML 2Page - IC-Haus GmbH IC-NT Datasheet HTML 3Page - IC-Haus GmbH IC-NT Datasheet HTML 4Page - IC-Haus GmbH IC-NT Datasheet HTML 5Page - IC-Haus GmbH IC-NT Datasheet HTML 6Page - IC-Haus GmbH IC-NT Datasheet HTML 7Page - IC-Haus GmbH IC-NT Datasheet HTML 8Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
iC-NT
LIGHT CHAIN PULSE DRIVER
Rev A0, Page 4/8
ELECTRICAL CHARACTERISTICS
Operating Conditions:
VDD= 4.75..5.5V, RSET= 1.8..4.5k
Ω, Tj= -20..125°C, unless otherwise noted
Item
Symbol
Parameter
Conditions
Tj
Fig.
Unit
°C
Min.
Typ.
Max.
Total Device
001
VDD
Permissible Supply Voltage
Range
4.75
5.5
V
002
I(VDD)
Supply Current in VDD
(Standby)
Analog section disabled; DIN= lo,
CLK,SHEN= hi or lo,
logic levels: lo= 0..0.45V,
hi= VDD-0.45V..VDD
60
µA
003
I(VDD)
Supply Current in VDD
Analog section disabled; DIN= lo
CLK, SHEN hi or lo,
logic levels: lo= 22%VDD,
hi= 78%VDD
1
mA
004
I(VDD)
Supply Current in VDD
Analog section enabled;
RSET
≥ 1.8kΩ,
LED current sink off
-20
27
85
Toff
7.5
7.5
8.5
1.0
mA
mA
mA
mA
005
I(VDD)
Supply Current in VDD
Analog section enabled;
RSET
≥ 1.8kΩ,
LED current sink on
-20
27
85
Toff
25
25
26
1.0
mA
mA
mA
mA
006
VDDon
Turn-on Threshold VDD
(Power-on Release)
4.3
V
007
VDDoff
Undervoltage Threshold at VDD
(Power-down Reset)
decreasing voltage VDD
2.7
V
008
VDDhys
Hysteresis
VDDhys= VDDon-VDDoff
100
mV
009
Vc()hi
Clamp Voltage hi at DIN, CLK,
SHEN, DOUT, ISET, LED
Vc()hi= V()-VDD,
I()= 10mA
0.4
1.25
V
010
Vc()lo
Clamp Voltage lo at DIN, CLK,
SHEN, DOUT, ISET, LED
I()= -10mA, VDD= 0V
other pins open
-1.25
-0.4
V
011
Toff
Shutdown Temperature
110
150
°C
LED Current Sink
101
V(ISET)
Reference Voltage at ISET
-20
27
85
Toff
1.27
1.50
1.79
0
V
V
V
V
102
TC(ISET) Temperature Coefficient of
Reference Voltage at ISET
27
0.30
0.33
0.36
%/K
103
CR()
Current Ratio I(LED) / -I(ISET)
1200
104
I(LED)
LED Pulse Current
duty cycle I(LED)
≤ 1%,
RSET= 1.8k
Ω,
V(LED)= 1.0V..VDD
-20
27
85
Toff
0.65
0.82
0.93
0.85
1.00
1.2
0
1.06
1.18
1.48
A
A
A
A
105
I(LED)
LED Pulse Current
duty cycle I(LED)
≤ 1%,
RSET= 4.5k
Ω,
V(LED)= 0.85V..VDD
-20
27
85
Toff
0.26
0.33
0.37
0.34
0.40
0.48
0
0.44
0.48
0.61
A
A
A
A
106
tr(LED)
LED Current Rise Time
3
150
ns
107
tf(LED)
LED Current Fall Time
3
150
ns
108
tdis(LED) LED Discharge Duration
LED shutdown, switch Sdis
closed
400
ns


Similar Part No. - IC-NT

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-NE ICHAUS-IC-NE Datasheet
230Kb / 9P
   LIGHT-GRID PULSE RECEIVER
IC-NEMSOP8 ICHAUS-IC-NEMSOP8 Datasheet
230Kb / 9P
   LIGHT-GRID PULSE RECEIVER
IC-NESO8 ICHAUS-IC-NESO8 Datasheet
230Kb / 9P
   LIGHT-GRID PULSE RECEIVER
IC-NG ICHAUS-IC-NG Datasheet
498Kb / 21P
   8-BIT Sin/D CONVERTER-PROCESSOR
IC-NQ ICHAUS-IC-NQ Datasheet
1Mb / 25P
   13-bit Sin/D CONVERTER WITH CALIBRATION
More results

Similar Description - IC-NT

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-NX ICHAUS-IC-NX Datasheet
306Kb / 10P
   8-CHANNEL LIGHT-GRID PULSE DRIVER
IC-NE ICHAUS-IC-NE Datasheet
230Kb / 9P
   LIGHT-GRID PULSE RECEIVER
IC-LQNP ICHAUS-IC-LQNP_16 Datasheet
507Kb / 11P
   PULSE AND AC LIGHT SENSOR
IC-LQNP ICHAUS-IC-LQNP Datasheet
271Kb / 10P
   PULSE AND AC LIGHT SENSOR
IC-ME ICHAUS-IC-ME Datasheet
444Kb / 11P
   DUAL LIGHT-GRID PULSE RECEIVER
logo
NEC
UPD71084 NEC-UPD71084 Datasheet
296Kb / 8P
   Clock Pulse Generator/Driver
logo
Rohm
BU9764FV ROHM-BU9764FV Datasheet
38Kb / 4P
   Pulse driver for LCD drive
logo
IC-Haus GmbH
IC-HN ICHAUS-IC-HN Datasheet
351Kb / 6P
   SHORT PULSE 1.4A LASER DRIVER
logo
New Japan Radio
NJW4372 NJRC-NJW4372 Datasheet
226Kb / 1P
   Pulse Input Stepper Motor Driver
logo
Mallory Sonalert Produc...
ZT028LAFP1R MSPI-ZT028LAFP1R Datasheet
132Kb / 1P
   Fast Pulse Sound and Light @ 10 PPS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com