Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-OCCDIP16 Datasheet(PDF) 4 Page - IC-Haus GmbH

Part # IC-OCCDIP16
Description  INTEGRATING LIGHT-VOLTAGE CONVERTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-OCCDIP16 Datasheet(HTML) 4 Page - IC-Haus GmbH

  IC-OCCDIP16 Datasheet HTML 1Page - IC-Haus GmbH IC-OCCDIP16 Datasheet HTML 2Page - IC-Haus GmbH IC-OCCDIP16 Datasheet HTML 3Page - IC-Haus GmbH IC-OCCDIP16 Datasheet HTML 4Page - IC-Haus GmbH IC-OCCDIP16 Datasheet HTML 5Page - IC-Haus GmbH IC-OCCDIP16 Datasheet HTML 6Page - IC-Haus GmbH IC-OCCDIP16 Datasheet HTML 7Page - IC-Haus GmbH IC-OCCDIP16 Datasheet HTML 8Page - IC-Haus GmbH IC-OCCDIP16 Datasheet HTML 9Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
iC-OC
INTEGRATING LIGHT-VOLTAGE CONVERTER
Rev D1, Page 4/9
ELECTRICAL CHARACTERISTICS
Operating Conditions: VDD = 5 V ±10 %, RL(VDD/AOUT) = 1 kΩ, Tj = 0...85 °C unless otherwise noted
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
Total Device
001
VDD
Permissible Supply Voltage
Range
4.5
5.5
V
002
I(VDD)
Supply Current in VDD
100
700
µA
003
Vc()hi
Clamp Voltage hi at DIN, CLK,
DOUT, AOUT
Vc()hi = V() − VDD, I() = 10 mA,
other pins open
0.3
1.5
V
004
Vc()lo
Clamp Voltage lo at DIN, CLK,
DOUT, AOUT
I() = -10 mA, other pins open
-1.5
-0.3
V
005
Aph()
Radiant Sensitive Area
ca. 0.97 x 0.47
mm²
006
λ
ar
Spectral Application Range
S(λar) = 0.25 x S(λ)max
300
950
nm
Analogue Output AOUT
201
V0()
Output Voltage at no illuminance V0() = VDD − V(AOUT)max,
AOUT active (* see below)
0.7
1.4
V
202
Vd()
Variation of Output Voltage at no
illuminance
Vd() = V(AOUT)t1 − V(AOUT)t2,
t = t2 − t1 = 1 ms
-10
10
mV
203
Vs()
Saturation Voltage
Tenfold illuminance
VDD = 4.5 V
1.4
V
VDD = 5 V
1.45
V
VDD = 5.5 V
1.5
V
204
V()
Repeatability (standard deviation
at repeated measurement)
20 measurements at constant LED illuminance,
Vav(AOUT) ≈ 2.91 V, ∆t = 25 µs
15
mV
205
Vlin()
Output Voltage Linearity Range
Vlin() = VDD − V0() − V(AOUT)
1.7
V
206
K
Transfer Factor
output voltage vs. light power
BMST assembly incl. sealing;
λLED = 628 nm, ∆λ = ±23 nm
0.22
0.27
0.32
V/pWS
λLED = 880 nm, ∆λ = ±40 nm
0.13
0.16
0.19
V/pWS
207
klin
Transfer Factor Deviation within
linearity range
-5
5
%
208
I()
Leakage Current
V(AOUT) = 0...VDD,
AOUT high impedance (* see below)
-2
2
µA
Shift-Register DIN, CLK, DOUT
301
Vt()hi
Threshold Voltage hi at DIN, CLK
2.2
V
302
Vt()lo
Threshold Voltage lo at DIN, CLK
0.8
V
303
Vt()hys
Hysteresis at DIN, CLK
Vt()hys = Vt()hi − Vt()lo
250
1300
mV
304
Ii()
Input Current in DIN, CLK
V() = 0...VDD
-1
1
µA
305
f()
Permissible Frequency at CLK
10
MHz
306
tw()hi
Permis. Pulse Width hi at CLK
20
ns
307
tw()lo
Permis. Pulse Width lo at CLK
20
ns
308
tplh
Propagation Delay: CLK hi → lo
until DOUT lo → hi
CL(DOUT) = 50 pF (see Fig. 2)
40
ns
309
tphl
Propagation Delay: CLK hi → lo
until DOUT hi → lo
CL(DOUT) = 50 pF (see Fig. 2)
40
ns
310
tpon
Propagation Delay: CLK lo → hi
until AOUT active
CL(VDD/AOUT) = 1 nF (see Fig. 2)
800
ns
311
tpoff
Propagation Delay: CLK lo → hi
until AOUT high impedance
CL(VDD/AOUT) = 1 nF (see Fig. 2)
100
ns
312
Vs()hi
Saturation Voltage hi at DOUT
Vs()hi = VDD − V(), I() = -1 mA
0.4
V
313
Vs()lo
Saturation Voltage lo at DOUT
I() = 1 mA
0.4
V
Low Voltage Detection
401
VDDon
Turn-on Threshold VDD
Increasing voltage at VDD
2.1
3.8
V
402
VDDoff
Undervoltage Threshold VDD
Decreasing voltage at VDD
1.0
2.1
V
403
VDDhys
Hysteresis
VDDhys = VDDon − VDDoff
0.5
2
V
(*) AOUT active: SOUT1 or SOUT2 closed; AOUT high impedance: SOUT1 and SOUT2 open.


Similar Part No. - IC-OCCDIP16

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-OD ICHAUS-IC-OD Datasheet
302Kb / 9P
   OPTICAL POSITION-SENSITIVE DETECTOR (PSD)
IC-OD ICHAUS-IC-OD Datasheet
578Kb / 11P
   OPTICAL POSITION-SENSITIVE DETECTOR (PSD)
IC-OD ICHAUS-IC-OD Datasheet
508Kb / 11P
   OPTICAL POSITION-SENSITIVE DETECTOR
IC-ODCHIP ICHAUS-IC-ODCHIP Datasheet
302Kb / 9P
   OPTICAL POSITION-SENSITIVE DETECTOR (PSD)
IC-ODL ICHAUS-IC-ODL Datasheet
302Kb / 9P
   OPTICAL POSITION-SENSITIVE DETECTOR (PSD)
More results

Similar Description - IC-OCCDIP16

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
ADC150 RHOPOINT-ADC150 Datasheet
217Kb / 9P
   Programmable Integrating A/D Converter
ADC180 RHOPOINT-ADC180 Datasheet
259Kb / 7P
   Programmable Integrating A/D Converter
logo
List of Unclassifed Man...
ADC150 ETC-ADC150 Datasheet
131Kb / 9P
   Programmable Integrating A/D Converter
ADC180 ETC-ADC180 Datasheet
137Kb / 7P
   Programmable Integrating A/D Converter
ADC100C ETC-ADC100C Datasheet
127Kb / 7P
   Precision 22 Bit Integrating A/D Converter
logo
Mitsubishi Electric Sem...
M62301SP MITSUBISHI-M62301SP Datasheet
102Kb / 9P
   10~12-BIT 4CH INTEGRATING A-D CONVERTER
logo
Microchip Technology
TC850 MICROCHIP-TC850_13 Datasheet
350Kb / 30P
   15-Bit, Fast Integrating CMOS A/D Converter
11/29/12
TC850 MICROCHIP-TC850 Datasheet
539Kb / 26P
   15-Bit, Fast Integrating CMOS A/D Converter
2006
logo
List of Unclassifed Man...
TSL257 ETC-TSL257 Datasheet
79Kb / 6P
   HIGHSENSITIVITY LIGHTTOVOLTAGE CONVERTER
logo
ams AG
TSL2563 AMSCO-TSL2563 Datasheet
1Mb / 43P
   LOW-VOLTAGE LIGHT-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com