Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMX624D5 Datasheet(PDF) 6 Page - CML Microcircuits

Part # CMX624D5
Description  V.23 / Bell 202 Modem
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX624D5 Datasheet(HTML) 6 Page - CML Microcircuits

Back Button CMX624D5 Datasheet HTML 2Page - CML Microcircuits CMX624D5 Datasheet HTML 3Page - CML Microcircuits CMX624D5 Datasheet HTML 4Page - CML Microcircuits CMX624D5 Datasheet HTML 5Page - CML Microcircuits CMX624D5 Datasheet HTML 6Page - CML Microcircuits CMX624D5 Datasheet HTML 7Page - CML Microcircuits CMX624D5 Datasheet HTML 8Page - CML Microcircuits CMX624D5 Datasheet HTML 9Page - CML Microcircuits CMX624D5 Datasheet HTML 10Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
V23 / Bell 202 Modem
CMX624
 2003 CML Microsystems Plc
6
D/624/7
1.4
External Components
R1
100k
C1, C2
18pF
X1
3.579545MHz
C3, C4
0.1
µF
C5
*
Resistors
±5%, capacitors ±10% unless otherwise stated.
* This component is only required for compatibility with CMX644A,
see CMX644A Data Sheet for further details.
Figure 2 Recommended External Components for Typical Application
1.5
General Description
The CMX624 contains a V.23/Bell 202 compatible FSK modem capable of duplex operation at 1200/75 or
1200/150 bps over a 2-wire line or 1200/1200 bps over a 4-wire line, a flexible FSK data UART, a receive
FSK or Call Progress Tone energy detector, a 2100Hz detector, a DTMF generator, a Tx line driving buffer
amplifier, a telephone line Ringing Signal or Line Voltage Reversal detector and a 3.579545MHz Xtal
oscillator. These functions are all controlled over a ‘C-BUS’ serial
µC interface which also carries the
transmit and receive FSK modem data.
1.5.1
Xtal Osc and Clock Dividers
Frequency and timing accuracy of the CMX624 is determined by a 3.579545MHz clock present at the
XTAL/CLOCK pin. This may be generated by the on-chip oscillator inverter using the external components
C1, C2 and X1 of Figure 2, or may be supplied from an external source to the XTAL/CLOCK input. If the
clock is supplied from an external source, C1, C2 and X1 should not be fitted.
The on-chip oscillator is turned off in the 'Zero-Power' mode.
If the clock is provided by an external source which is not always running, then the 'Zero-Power' mode
must be set when the clock is not available. Failure to observe this rule may cause a rise in the supply
current drawn by CMX624.


Similar Part No. - CMX624D5

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
CMX625 CMLMICRO-CMX625 Datasheet
862Kb / 34P
   ISDN TA POTS Interface
CMX625D5 CMLMICRO-CMX625D5 Datasheet
862Kb / 34P
   ISDN TA POTS Interface
CMX625P4 CMLMICRO-CMX625P4 Datasheet
862Kb / 34P
   ISDN TA POTS Interface
More results

Similar Description - CMX624D5

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
CMX644A CMLMICRO-CMX644A Datasheet
1Mb / 34P
   V.22 and Bell 212A Modem
logo
List of Unclassifed Man...
73K324L ETC-73K324L Datasheet
183Kb / 31P
   CCITT V.22bis, V.22, V.21, V.23, Bell 212A Single-Chip Modem
logo
TDK Electronics
73K224L TDK-73K224L Datasheet
206Kb / 32P
   V.22bis/V.22/V.21/ Bell 212A/Bell 103 Single-Chip Modem
logo
Zarlink Semiconductor I...
MT3530 ZARLINK-MT3530 Datasheet
584Kb / 13P
   BELL 103/V.21 SINGLE CHIP MODEM
logo
Mitel Networks Corporat...
MT35212A MITEL-MT35212A Datasheet
200Kb / 5P
   BELL 212A/CCITT V.22 Modem Filter
logo
TDK Electronics
73K222BL TDK-73K222BL Datasheet
273Kb / 26P
   V.22, V.21, Bell 212A, Bell 103 Single-Chip Modem with Integrated Hybrid
73K222AL TDK-73K222AL Datasheet
160Kb / 28P
   V.22, V.21, Bell 212A, 103 Single-Chip Modem
logo
Motorola, Inc
MC145745 MOTOROLA-MC145745 Datasheet
175Kb / 16P
   V.21/V.23 TELEMETER MODEM
logo
STMicroelectronics
TS7514 STMICROELECTRONICS-TS7514 Datasheet
170Kb / 19P
   PROGRAMMABLE V.23 MODEM WITH DTMF
logo
TDK Electronics
73K321L TDK-73K321L Datasheet
140Kb / 24P
   CCITT V.23, V.21 Single-Chip Modem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com