Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SMA36AT3 Datasheet(PDF) 3 Page - ON Semiconductor

Part # 1SMA36AT3
Description  400 Watt Peak Power Zener Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1SMA36AT3 Datasheet(HTML) 3 Page - ON Semiconductor

  1SMA36AT3 Datasheet HTML 1Page - ON Semiconductor 1SMA36AT3 Datasheet HTML 2Page - ON Semiconductor 1SMA36AT3 Datasheet HTML 3Page - ON Semiconductor 1SMA36AT3 Datasheet HTML 4Page - ON Semiconductor 1SMA36AT3 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
1SMA5.0AT3 Series
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS
Device
Device
Marking
VRWM
(Note 6)
IR @
VRWM
Breakdown Voltage
VC @ IPP
(Note 8)
C Typ.
(Note 9)
VBR (Volts) (Note 7)
@ IT
VC
IPP
Volts
mA
Min
Nom
Max
mA
Volts
Amps
pF
1SMA5.0AT3, G
QE
5.0
400
6.4
6.7
7.0
10
9.2
43.5
2035
1SMA6.0AT3, G
QG
6.0
400
6.67
7.02
7.37
10
10.3
38.8
1730
1SMA6.5AT3, G
QK
6.5
250
7.22
7.6
7.98
10
11.2
35.7
1605
1SMA7.0AT3, G
QM
7.0
250
7.78
8.19
8.6
10
12.0
33.3
1505
1SMA7.5AT3, G
QP
7.5
50
8.33
8.77
9.21
1
12.9
31.0
1415
1SMA8.0AT3, G
QR
8.0
25
8.89
9.36
9.83
1
13.6
29.4
1035
1SMA8.5AT3, G
QT
8.5
5.0
9.44
9.92
10.4
1
14.4
27.8
1265
1SMA9.0AT3, G
QV
9.0
2.5
10
10.55
11.1
1
15.4
26.0
1200
1SMA10AT3, G
QX
10
2.5
11.1
11.7
12.3
1
17.0
23.5
1090
1SMA11AT3, G
QZ
11
2.5
12.2
12.85
13.5
1
18.2
22.0
1000
1SMA12AT3, G
RE
12
2.5
13.3
14.0
14.7
1
19.9
20.1
925
1SMA13AT3, G
RG
13
2.5
14.4
15.15
15.9
1
21.5
18.6
860
1SMA15AT3, G
RM
15
2.5
16.7
17.6
18.5
1
24.4
16.4
758
1SMA16AT3, G
RP
16
2.5
17.8
18.75
19.7
1
26.0
15.4
715
1SMA17AT3, G
RR
17
2.5
18.9
19.9
20.9
1
27.6
14.5
680
1SMA18AT3, G
RT
18
2.5
20
21.05
22.1
1
29.2
13.7
645
1SMA20AT3, G
RV
20
2.5
22.2
23.35
24.5
1
32.4
12.3
585
1SMA22AT3, G
RX
22
2.5
24.4
25.65
26.9
1
35.5
11.3
540
1SMA24AT3, G
RZ
24
2.5
26.7
28.1
29.5
1
38.9
10.3
500
1SMA26AT3, G
SE
26
2.5
28.9
30.4
31.9
1
42.1
9.5
460
1SMA28AT3, G
SG
28
2.5
31.1
32.75
34.4
1
45.4
8.8
430
1SMA30AT3, G
SK
30
2.5
33.3
35.05
36.8
1
48.4
8.3
405
1SMA33AT3, G
SM
33
2.5
36.7
38.65
40.6
1
53.3
7.5
375
1SMA36AT3, G
SP
36
2.5
40
42.1
44.2
1
58.1
6.9
345
1SMA40AT3, G
SR
40
2.5
44.4
46.75
49.1
1
64.5
6.2
315
1SMA43AT3, G
ST
43
2.5
47.8
50.3
52.8
1
69.4
5.8
295
1SMA45AT3, G
SV
45
2.5
50
52.65
55.3
1
72.2
5.5
280
1SMA48AT3, G
SX
48
2.5
53.3
56.1
58.9
1
77.4
5.2
265
1SMA51AT3, G
SZ
51
2.5
56.7
59.7
62.7
1
82.4
4.9
250
1SMA54AT3, G
TE
54
2.5
60
63.15
66.3
1
87.1
4.6
240
1SMA58AT3, G
TG
58
2.5
64.4
67.8
71.5
1
93.6
4.3
225
1SMA64AT3, G
TM
64
2.5
71.1
74.85
78.6
1
103
3.9
205
1SMA70AT3, G
TP
70
2.5
77.8
81.9
86.0
1
113
3.5
190
1SMA75AT3, G
TR
75
2.5
83.3
87.7
92.1
1
121
3.3
180
6. A transient suppressor is normally selected according to the working peak reverse voltage (VRWM), which should be equal to or greater than
the DC or continuous peak operating voltage level.
7. VBR measured at pulse test current IT at an ambient temperature of 25°C.
8. Surge current waveform per Figure 2 and derate per Figure 3.
9. Bias voltage = 0 V, F = 1.0 MHz, TJ = 25°C.
†Please see 1SMA10CAT3 to 1SMA75CAT3 for Bidirectional devices.
* The “G” suffix indicates Pb−Free package available.


Similar Part No. - 1SMA36AT3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1SMA36AT3 MOTOROLA-1SMA36AT3 Datasheet
88Kb / 4P
   Zener Transient Voltage Suppressors
logo
ON Semiconductor
1SMA36AT3 ONSEMI-1SMA36AT3 Datasheet
55Kb / 6P
   400 Watt Peak Power Zener Transient Voltage Suppressors
April, 2004 ??Rev. 6
1SMA36AT3G ONSEMI-1SMA36AT3G Datasheet
148Kb / 5P
   400 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 14
1SMA36AT3G ONSEMI-1SMA36AT3G Datasheet
131Kb / 5P
   400 Watt Peak Power Zener Transient Voltage Suppressors Unidirectional
February, 2012 ??Rev. 14
1SMA36AT3G ONSEMI-1SMA36AT3G Datasheet
148Kb / 5P
   400 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 14
More results

Similar Description - 1SMA36AT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SZ1SMA24CAT3 ONSEMI-SZ1SMA24CAT3 Datasheet
145Kb / 5P
   400 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 12
1SMA10CAT3 ONSEMI-1SMA10CAT3_07 Datasheet
86Kb / 5P
   400 Watt Peak Power Zener Transient Voltage Suppressors
October, 2007 - Rev. 10
SZ1SMA30CAT3G ONSEMI-SZ1SMA30CAT3G Datasheet
129Kb / 5P
   400 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 12
1SMA5.0AT3 ONSEMI-1SMA5.0AT3 Datasheet
55Kb / 6P
   400 Watt Peak Power Zener Transient Voltage Suppressors
April, 2004 ??Rev. 6
1SMA10CAT3 ONSEMI-1SMA10CAT3 Datasheet
50Kb / 6P
   400 Watt Peak Power Zener Transient Voltage Suppressors
April, 2004 ??Rev. 6
1SMA5 ONSEMI-1SMA5_06 Datasheet
64Kb / 5P
   400 Watt Peak Power Zener Transient Voltage Suppressors
July, 2006 ??Rev. 9
1SMA10CAT3 ONSEMI-1SMA10CAT3_06 Datasheet
58Kb / 5P
   400 Watt Peak Power Zener Transient Voltage Suppressors
May, 2006 ??Rev. 9
1SMA10CAT3G ONSEMI-1SMA10CAT3G Datasheet
145Kb / 5P
   400 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 14
SZ1SMA24AT3G ONSEMI-SZ1SMA24AT3G Datasheet
148Kb / 5P
   400 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 14
1SMA5.0AT3G ONSEMI-1SMA5.0AT3G Datasheet
148Kb / 5P
   400 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 14
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com