Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMX644A Datasheet(PDF) 6 Page - CML Microcircuits

Part # CMX644A
Description  V.22 and Bell 212A Modem
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX644A Datasheet(HTML) 6 Page - CML Microcircuits

Back Button CMX644A Datasheet HTML 2Page - CML Microcircuits CMX644A Datasheet HTML 3Page - CML Microcircuits CMX644A Datasheet HTML 4Page - CML Microcircuits CMX644A Datasheet HTML 5Page - CML Microcircuits CMX644A Datasheet HTML 6Page - CML Microcircuits CMX644A Datasheet HTML 7Page - CML Microcircuits CMX644A Datasheet HTML 8Page - CML Microcircuits CMX644A Datasheet HTML 9Page - CML Microcircuits CMX644A Datasheet HTML 10Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
V22 and Bell 212A Modem
CMX644A
© 2000 Consumer Microcircuits Limited
6
D/644A/6
1.4
External Components
R1
100k
Ω *
C1, C2
18pF
X1
3.6864MHz, 7.372800MHz
or 11.0592MHz
C3, C4
C5
0.1
µF
1
µF
Resistors
±1%, capacitors ±20% unless otherwise stated.
* R1 should be selected so that the IRQN pin has returned to its normal
(high) state before the CSN pin goes high.
Figure 2 Recommended External Components for Typical Application
Notes on Xtal Osc and Clock Dividers
Frequency and timing accuracy of the CMX644A is determined by the clock present at the XTAL/CLOCK pin.
This may be generated by the on-chip oscillator inverter using the external components C1, C2 and X1 of
Figure 2, or may be supplied from an external source to the XTAL/CLOCK input. If the clock is supplied from
an external source, C1, C2 and X1 should not be fitted.
The on-chip oscillator is turned off in the 'Zero-Power' mode.
If the clock is provided by an external source which is not always running, then the 'Zero-Power' mode must
be set when the clock is not available. Failure to observe this rule may cause a rise in the supply current
drawn by CMX644A.


Similar Part No. - CMX644A

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
CMX641A CMLMICRO-CMX641A Datasheet
19Kb / 2P
   The Product Data Amendment series of documents
CMX649 CMLMICRO-CMX649 Datasheet
48Kb / 1P
   The Product Data Amendment series of documents
More results

Similar Description - CMX644A

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT35212A MITEL-MT35212A Datasheet
200Kb / 5P
   BELL 212A/CCITT V.22 Modem Filter
logo
TDK Electronics
73K224L TDK-73K224L Datasheet
206Kb / 32P
   V.22bis/V.22/V.21/ Bell 212A/Bell 103 Single-Chip Modem
73K222AL TDK-73K222AL Datasheet
160Kb / 28P
   V.22, V.21, Bell 212A, 103 Single-Chip Modem
73K222BL TDK-73K222BL Datasheet
273Kb / 26P
   V.22, V.21, Bell 212A, Bell 103 Single-Chip Modem with Integrated Hybrid
logo
List of Unclassifed Man...
73K324L ETC-73K324L Datasheet
183Kb / 31P
   CCITT V.22bis, V.22, V.21, V.23, Bell 212A Single-Chip Modem
logo
CML Microcircuits
CMX624 CMLMICRO-CMX624 Datasheet
707Kb / 26P
   V.23 / Bell 202 Modem
logo
Zarlink Semiconductor I...
MT3530 ZARLINK-MT3530 Datasheet
584Kb / 13P
   BELL 103/V.21 SINGLE CHIP MODEM
logo
TDK Electronics
TDK-73M2901CL TDK-TDK-73M2901CL Datasheet
282Kb / 18P
   V.22 BIS SINGLE CHIP MODEM
73K322L TDK-73K322L Datasheet
288Kb / 30P
   CCITT V.23, V.22, V.21 Single-Chip Modem
logo
Projects Unlimited, Inc...
AWB-25R6-24 PUI-AWB-25R6-24 Datasheet
56Kb / 1P
   BELL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com