Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMX644AD5 Datasheet(PDF) 7 Page - CML Microcircuits

Part # CMX644AD5
Description  V.22 and Bell 212A Modem
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX644AD5 Datasheet(HTML) 7 Page - CML Microcircuits

Back Button CMX644AD5 Datasheet HTML 3Page - CML Microcircuits CMX644AD5 Datasheet HTML 4Page - CML Microcircuits CMX644AD5 Datasheet HTML 5Page - CML Microcircuits CMX644AD5 Datasheet HTML 6Page - CML Microcircuits CMX644AD5 Datasheet HTML 7Page - CML Microcircuits CMX644AD5 Datasheet HTML 8Page - CML Microcircuits CMX644AD5 Datasheet HTML 9Page - CML Microcircuits CMX644AD5 Datasheet HTML 10Page - CML Microcircuits CMX644AD5 Datasheet HTML 11Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
V22 and Bell 212A Modem
CMX644A
© 2000 Consumer Microcircuits Limited
7
D/644A/6
1.5
General Description
1.5.1
‘C-BUS’ Interface
This block provides for the transfer of data and control or status information between the CMX644A’s internal
registers and the µC over the ‘C-BUS’ serial bus. Each transaction, see Figure 3, consists of a single Register
Address byte sent from the µC which may be followed by a single data byte sent from the µC to be written into
one of the CMX644A’s Write Only Registers, or a single byte of data read out from one of the CMX644A’s
Read Only Registers.
Data sent from the µC on the Command Data line is clocked into the CMX644A on the rising edge of the
Serial Clock input. Reply Data sent from the CMX644A to the µC is valid when the Serial Clock is high. The
interface is compatible with the most common µC serial interfaces such as SCI, SPI and Microwire, and may
also be easily implemented with general purpose µC I/O pins controlled by a simple software routine. See
section 1.7.1 and Figure 9 for detailed ‘C-BUS’ timing requirements.
Figure 3 ‘C-BUS’ Transactions


Similar Part No. - CMX644AD5

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
CMX641A CMLMICRO-CMX641A Datasheet
19Kb / 2P
   The Product Data Amendment series of documents
CMX649 CMLMICRO-CMX649 Datasheet
48Kb / 1P
   The Product Data Amendment series of documents
More results

Similar Description - CMX644AD5

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT35212A MITEL-MT35212A Datasheet
200Kb / 5P
   BELL 212A/CCITT V.22 Modem Filter
logo
TDK Electronics
73K224L TDK-73K224L Datasheet
206Kb / 32P
   V.22bis/V.22/V.21/ Bell 212A/Bell 103 Single-Chip Modem
73K222AL TDK-73K222AL Datasheet
160Kb / 28P
   V.22, V.21, Bell 212A, 103 Single-Chip Modem
73K222BL TDK-73K222BL Datasheet
273Kb / 26P
   V.22, V.21, Bell 212A, Bell 103 Single-Chip Modem with Integrated Hybrid
logo
List of Unclassifed Man...
73K324L ETC-73K324L Datasheet
183Kb / 31P
   CCITT V.22bis, V.22, V.21, V.23, Bell 212A Single-Chip Modem
logo
CML Microcircuits
CMX624 CMLMICRO-CMX624 Datasheet
707Kb / 26P
   V.23 / Bell 202 Modem
logo
Zarlink Semiconductor I...
MT3530 ZARLINK-MT3530 Datasheet
584Kb / 13P
   BELL 103/V.21 SINGLE CHIP MODEM
logo
TDK Electronics
TDK-73M2901CL TDK-TDK-73M2901CL Datasheet
282Kb / 18P
   V.22 BIS SINGLE CHIP MODEM
73K322L TDK-73K322L Datasheet
288Kb / 30P
   CCITT V.23, V.22, V.21 Single-Chip Modem
logo
Projects Unlimited, Inc...
AWB-25R6-24 PUI-AWB-25R6-24 Datasheet
56Kb / 1P
   BELL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com