Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-OG Datasheet(PDF) 3 Page - IC-Haus GmbH

Part # IC-OG
Description  8-BIT DIFFERENTIAL SCANNING OPTO ENCODER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-OG Datasheet(HTML) 3 Page - IC-Haus GmbH

  IC-OG Datasheet HTML 1Page - IC-Haus GmbH IC-OG Datasheet HTML 2Page - IC-Haus GmbH IC-OG Datasheet HTML 3Page - IC-Haus GmbH IC-OG Datasheet HTML 4Page - IC-Haus GmbH IC-OG Datasheet HTML 5Page - IC-Haus GmbH IC-OG Datasheet HTML 6Page - IC-Haus GmbH IC-OG Datasheet HTML 7Page - IC-Haus GmbH IC-OG Datasheet HTML 8Page - IC-Haus GmbH IC-OG Datasheet HTML 9Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
iC-OG
8-BIT DIFFERENTIAL SCANNING OPTO ENCODER
Rev C1, Page 3/9
CHIP LAYOUT
Dimensions in µm; chip size 3.05 mm × 5.1 mm
PAD DESCRIPTION
Name
Function
CSR
External capacitor for LED control
NI0
Track 0 Analog Push-Pull Output
NI1
Track 1 Analog Push-Pull Output
NI2
Track 2 Analog Push-Pull Output
LED
LED Driver Output
AGND
Reference Ground for ISET and CSR circuitry
ISET
LED Current Control Setup
TIN
Negative Test Aid Input
TIP
Positive Test Aid Input
NER
Error Message Output, low active
GND
Ground
S7
Track 7 Push-Pull Output
..
..
S0
Track 0 Push-Pull Output
VCC
+5V Supply Voltage


Similar Part No. - IC-OG

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-OG ICHAUS-IC-OG Datasheet
567Kb / 10P
   8-BIT DIFFERENTIAL SCANNING OPTO ENCODER
IC-OG ICHAUS-IC-OG_12 Datasheet
567Kb / 10P
   8-BIT DIFFERENTIAL SCANNING OPTO ENCODER
More results

Similar Description - IC-OG

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-OG ICHAUS-IC-OG_12 Datasheet
567Kb / 10P
   8-BIT DIFFERENTIAL SCANNING OPTO ENCODER
IC-WG ICHAUS-IC-WG Datasheet
321Kb / 11P
   14-BIT DIFFERENTIAL SCANNING OPTO ENCODER
IC-LV ICHAUS-IC-LV_16 Datasheet
468Kb / 15P
   5-BIT OPTO ENCODER
IC-OV ICHAUS-IC-OV Datasheet
412Kb / 9P
   5-BIT OPTO ENCODER
IC-LV ICHAUS-IC-LV Datasheet
196Kb / 12P
   5-BIT OPTO ENCODER
IC-LNB ICHAUS-IC-LNB_16 Datasheet
1Mb / 37P
   18-BIT OPTO ENCODER
IC-LNG ICHAUS-IC-LNG_14 Datasheet
1Mb / 30P
   16-BIT OPTO ENCODER
IC-OF ICHAUS-IC-OF Datasheet
143Kb / 6P
   3-BIT OPTO ENCODER
IC-OW ICHAUS-IC-OW Datasheet
243Kb / 7P
   INCREMENTAL OPTO ENCODER
logo
Hitachi Semiconductor
HD14532B HITACHI-HD14532B Datasheet
77Kb / 5P
   8-bit Priority Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com