Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX214 Datasheet(PDF) 10 Page - CML Microcircuits

Part # MX214
Description  Variable Split Band Inverter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

MX214 Datasheet(HTML) 10 Page - CML Microcircuits

Back Button MX214 Datasheet HTML 6Page - CML Microcircuits MX214 Datasheet HTML 7Page - CML Microcircuits MX214 Datasheet HTML 8Page - CML Microcircuits MX214 Datasheet HTML 9Page - CML Microcircuits MX214 Datasheet HTML 10Page - CML Microcircuits MX214 Datasheet HTML 11Page - CML Microcircuits MX214 Datasheet HTML 12Page - CML Microcircuits MX214 Datasheet HTML 13Page - CML Microcircuits MX214 Datasheet HTML 14Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Variable Split Band Inverter
10
MX214/224
1998 MX-COM, Inc.
www.mxcom.com Tel: 800 638 5577 336 744 5050 Fax: 336 744 5054
Doc. # 20480112.002
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
Pre-emphasis
MX214
Tx
Rx
MX214
De-emphasis
Amplitude
Control
Frequency
Inverter
Frequency
Inverter
(Additional)
Flat Amplitude
Channel
300-3400Hz
(Optional)
(Fitted)
De-emphasis
(Additional)
Pre-emphasis
(Fitted)
Figure 5: Recommended Basic Radio Communication Audio System Layout.
During the Transmit function the low pass and CTCSS filters are configured automatically as shown in Figure
6, with cut-off frequencies (-3dB) indicated.
BIAS
PS
3400Hz
3400Hz
BIAS
PS + ENABLE Tx
SCRAMBLE
C5
FC2
SCRAMBLE
CLEAR
CK3
FILTER 3
2700Hz
3400Hz
FILTER 4
CK3
2600Hz
2600Hz
C6
FC1
SCRAMBLE
CLEAR
CKA
FILTER 2
2900Hz
2900Hz
FILTER 1
CKA
Tx IN
CKB
CK4
300Hz
CLEAR
BIAS
Tx OUT
CTCSS
Σ
Figure 6: Basic Tx Path
During the Receive function the Low Pass and CTCSS filters are configured automatically as shown in Figure
7, with cut-off frequencies (-3dB) indicated.
BIAS
Rx
⋅ MUTE
2700Hz
3400Hz
BIAS
PS + ENABLE Tx
SCRAMBLE
C5
FC2
SCRAMBLE
CLEAR
CK4
FILTER 4
3400Hz
3400Hz
FILTER 3
CK3
2900Hz
2900Hz
C6
FC1
SCRAMBLE
CLEAR
CKA
FILTER 1
2600Hz
2600Hz
FILTER 2
CKA
Rx IN
CK4
CLEAR
BIAS
Rx OUT
Σ
CKB
300Hz
CTCSS
BIAS
PS
Figure 7: Basic Rx Path


Similar Part No. - MX214

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
MX21 SENSATA-MX21 Datasheet
1Mb / 3P
   Standup Mount
logo
List of Unclassifed Man...
MX210Q ETC1-MX210Q Datasheet
246Kb / 8P
   Low Cost, 10g, Dual Axis Accelerometer with Analog Outputs
MX210QC ETC1-MX210QC Datasheet
246Kb / 8P
   Low Cost, 10g, Dual Axis Accelerometer with Analog Outputs
MX210QL ETC1-MX210QL Datasheet
246Kb / 8P
   Low Cost, 10g, Dual Axis Accelerometer with Analog Outputs
More results

Similar Description - MX214

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
MX004 CMLMICRO-MX004 Datasheet
370Kb / 9P
   VOICE BAND INVERTER
MX014 CMLMICRO-MX014 Datasheet
200Kb / 12P
   Voice Band inverter
FX004 CMLMICRO-FX004 Datasheet
338Kb / 9P
   Voice Band Inverter
logo
List of Unclassifed Man...
855833 ETC-855833 Datasheet
535Kb / 7P
   1880 MHz SAW Split Band Filter
logo
WJ Communication. Inc.
VG101 WJCI-VG101 Datasheet
512Kb / 5P
   Cellular-band Variable Gain Amplifier
logo
Analog Devices
HMC8120 AD-HMC8120 Datasheet
360Kb / 16P
   E-Band Variable Gain Amplifier
HMC8121 AD-HMC8121 Datasheet
343Kb / 16P
   E-Band Variable Gain Amplifier
logo
WJ Communication. Inc.
VG111 WJCI-VG111_07 Datasheet
370Kb / 6P
   PCS/UMTS-band Variable Gain Amplifier
logo
TriQuint Semiconductor
TGA4541-SM TRIQUINT-TGA4541-SM_15 Datasheet
974Kb / 14P
   Ka Band Variable Gain Driver Amplifier
TGA4541-SM TRIQUINT-TGA4541-SM Datasheet
847Kb / 14P
   Ka-Band Variable Gain Driver Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com