Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX631 Datasheet(PDF) 6 Page - CML Microcircuits

Part # MX631
Description  LOW VOLTAGE SPM DETECTOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

MX631 Datasheet(HTML) 6 Page - CML Microcircuits

  MX631 Datasheet HTML 1Page - CML Microcircuits MX631 Datasheet HTML 2Page - CML Microcircuits MX631 Datasheet HTML 3Page - CML Microcircuits MX631 Datasheet HTML 4Page - CML Microcircuits MX631 Datasheet HTML 5Page - CML Microcircuits MX631 Datasheet HTML 6Page - CML Microcircuits MX631 Datasheet HTML 7Page - CML Microcircuits MX631 Datasheet HTML 8Page - CML Microcircuits MX631 Datasheet HTML 9Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
© 1997 MX•COM, INC.
www.mxcom.com Tele: 800 638 5577 910 744 5050 Fax: 910 744 5054
Doc.# 20480087.003
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies
Low Voltage SPM Detector
6
MX631
Characteristics
See Note
Min.
Typ.
Max.
Unit
Supply Voltage (V
DD) at 25°C
3.0
-
5.5
V
Supply Current
-
-
1.0
mA
Input Logic “1”
(High)
2.3
-
-
V
Input Logic “0”
(Low)
-
-
1.0
V
Output Logic “1”
(High)
2.9
-
-
V
Output Logic “0”
(Low)
-
-
0.4
V
Xtal/Clock or Clock In Frequency
3.558918
-
3.589368
MHz
“High” External Clock Pulse Width
0.1
-
-
µs
“Low” External Clock Pulse Width
0.1
-
-
µs
Input Amp
D.C. Gain
60.0
-
-
dB
Bandwidth (-3dB open loop)
-
100
-
Hz
Input Impedance
-
1.0
-
M
Logic Impedances
Input (System)
0.7
-
3.8
M
(Clock In)
10.0
-
-
M
Output
-
14.0
30.0
k
Overall Performance
12kHz Detect Bandwidth
1
11.820
12.180
kHz
12kHz Not-Detect Frequencies (below 12kHz)
1
-
-
11.520
kHz
12kHz Not-Detect Frequencies (above 12kHz) 1
12.480
-
-
kHz
16kHz Detect Bandwidth
1
15.760
16.240
kHz
16kHz Not-Detect Frequencies (below 16kHz)
1
-
-
15.360
kHz
16kHz Not-Detect Frequencies (above 12kHz) 1
16.640
-
-
kHz
Sensitivity
2
7.8
10.0
15.5
mVp-p
Tone Operation Characteristics
Signal-to-Noise Requirements (Amp Input)
3,4,5,6
22.0
20.0
-
dB
Signal-to-Voice Requirements (Amp Input)
3,4,5,7
-36.0
-40.0
-
dB
Signal-to-Voice Requirements (Amp Output)
5,6
-25.0
-
-29.0
dB
Tone Follower Output
Response and De-Response Times
1,8
-
-
10.0
ms
Packet Mode Output
Response and De-Response Times
1,8
40.0
-
48.0
ms
Specifications
Absolute Maximum Ratings
Exceeding the maximum rating can result in device
damage. Operation of the device outside the operat-
ing limits is not implied.
Supply voltage
-0.3 to 7.0V
Input voltage at any pin
(ref V
SS = 0V)
-0.3 to (V
DD + 0.3V)
Sink/source current (supply pins)
±30mA
(other pins)
±20mA
Total device dissipation
@ T
AMB 25°C
800mW Max.
Derating
10mW/°C
Operating Temperature
-40°C to +85°C
Storage temperature range
-40°C to +85°C
Operating Limits
All device characteristics are measured under the
following conditions unless otherwise specified:
V
DD = 3.3V
T
AMB = +25 °C
Audio Level 0dB ref: = 775mVrms
Noise Bandwidth = 50kHz
Xtal/Clock or ‘Clock In’ Frequency = 3.579545MHz
12kHz or 16kHz System Setting


Similar Part No. - MX631

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MX633 MICROSEMI-MX633 Datasheet
95Kb / 11P
   CALL PROCRESS TONE DETECTOR
MX633P MICROSEMI-MX633P Datasheet
95Kb / 11P
   CALL PROCRESS TONE DETECTOR
logo
Maxim Integrated Produc...
MX636 MAXIM-MX636 Datasheet
123Kb / 12P
   True RMS-to-DC Converters
Rev 2; 3/96
MX636JC/D MAXIM-MX636JC/D Datasheet
123Kb / 12P
   True RMS-to-DC Converters
Rev 2; 3/96
MX636JCWE MAXIM-MX636JCWE Datasheet
123Kb / 12P
   True RMS-to-DC Converters
Rev 2; 3/96
More results

Similar Description - MX631

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
FX631 CMLMICRO-FX631 Datasheet
156Kb / 9P
   Low-Voltage SPM Detector
MX641 CMLMICRO-MX641 Datasheet
201Kb / 17P
   Dual SPM Detector
logo
RICOH electronics devic...
RN5VS RICOH-RN5VS Datasheet
202Kb / 30P
   LOW VOLTAGE DETECTOR
R3111XXX1A RICOH-R3111XXX1A Datasheet
205Kb / 20P
   LOW VOLTAGE DETECTOR
R3111X RICOH-R3111X Datasheet
1Mb / 44P
   LOW VOLTAGE DETECTOR
R3111X091A RICOH-R3111X091A Datasheet
205Kb / 20P
   LOW VOLTAGE DETECTOR
R3113D RICOH-R3113D Datasheet
314Kb / 18P
   LOW VOLTAGE DETECTOR
R5VT09A RICOH-R5VT09A Datasheet
324Kb / 31P
   LOW VOLTAGE DETECTOR?
RX5VT RICOH-RX5VT Datasheet
324Kb / 31P
   LOW VOLTAGE DETECTOR
logo
Pericom Semiconductor C...
PT7M6418 PERICOM-PT7M6418 Datasheet
393Kb / 12P
   Low Power Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com