Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX224P Datasheet(PDF) 3 Page - CML Microcircuits

Part # MX224P
Description  Variable Split Band Inverter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

MX224P Datasheet(HTML) 3 Page - CML Microcircuits

  MX224P Datasheet HTML 1Page - CML Microcircuits MX224P Datasheet HTML 2Page - CML Microcircuits MX224P Datasheet HTML 3Page - CML Microcircuits MX224P Datasheet HTML 4Page - CML Microcircuits MX224P Datasheet HTML 5Page - CML Microcircuits MX224P Datasheet HTML 6Page - CML Microcircuits MX224P Datasheet HTML 7Page - CML Microcircuits MX224P Datasheet HTML 8Page - CML Microcircuits MX224P Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Variable Split Band Inverter
3
MX214/224
1998 MX-COM, Inc.
www.mxcom.com Tel: 800 638 5577 336 744 5050 Fax: 336 744 5054
Doc. # 20480112.002
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
1.
Block Diagram
CLEAR / SCRAMBLE
EN / MUTE
Rx / Tx
LOAD / LATCH
SERIAL CLOCK
ENABLE / MUTE
CLEAR / SCRAMBLE
Rx /
(SER / PAR)
Tx
A0
A1
A2
A3
A4
(SERIAL DATA IN)
Rx IN
PS
BIAS
EN
Rx
⋅⋅
PS
Rx
MUTE
BIAS
CK3
Tx
⋅ PS
Tx
⋅ PS
BIAS
CKA
Tx IN
PS
C6
Rx
Tx
FC1
Rx
Tx
FC2
CK4
CKA
Tx
Rx
BIAS
CLEAR
Tx
SCRAMBLE
CK4
BIAS
BIAS
BIAS
PS MUTE Rx
⋅⋅
Rx OUT
PS + EN Rx
CTCSS
CKB
Rx
Rx
PS EN Tx
⋅⋅
PS + EN Tx
Tx OUT
CLOCK
SWITCHING
Rx / Tx
VDD
VBIAS
VSS
CLOCK
DIVIDER
1MHz
PS
CKB CKB
CK3
CK4
CKA FC1 FC2
CLOCK
DIVIDER
ROM
1MHz
OSC
XTAL / CLOCK
XTAL
INPUT LATCHES
POWERSAVE
FILTER 3
FILTER 2
FILTER 1
FILTER 4
C5
Σ
Figure 1: Block Diagram


Similar Part No. - MX224P

ManufacturerPart #DatasheetDescription
logo
Lumberg
MX222-508 LUMBERG-MX222-508 Datasheet
577Kb / 3P
   Spring terminal blocks, pitch 5.08 mm
MX222-50802 LUMBERG-MX222-50802 Datasheet
577Kb / 3P
   Spring terminal blocks, pitch 5.08 mm
MX222-50803 LUMBERG-MX222-50803 Datasheet
577Kb / 3P
   Spring terminal blocks, pitch 5.08 mm
MX222-50804 LUMBERG-MX222-50804 Datasheet
577Kb / 3P
   Spring terminal blocks, pitch 5.08 mm
MX222-50806 LUMBERG-MX222-50806 Datasheet
577Kb / 3P
   Spring terminal blocks, pitch 5.08 mm
More results

Similar Description - MX224P

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
MX004 CMLMICRO-MX004 Datasheet
370Kb / 9P
   VOICE BAND INVERTER
MX014 CMLMICRO-MX014 Datasheet
200Kb / 12P
   Voice Band inverter
FX004 CMLMICRO-FX004 Datasheet
338Kb / 9P
   Voice Band Inverter
logo
List of Unclassifed Man...
855833 ETC-855833 Datasheet
535Kb / 7P
   1880 MHz SAW Split Band Filter
logo
WJ Communication. Inc.
VG101 WJCI-VG101 Datasheet
512Kb / 5P
   Cellular-band Variable Gain Amplifier
logo
Analog Devices
HMC8120 AD-HMC8120 Datasheet
360Kb / 16P
   E-Band Variable Gain Amplifier
HMC8121 AD-HMC8121 Datasheet
343Kb / 16P
   E-Band Variable Gain Amplifier
logo
WJ Communication. Inc.
VG111 WJCI-VG111_07 Datasheet
370Kb / 6P
   PCS/UMTS-band Variable Gain Amplifier
logo
TriQuint Semiconductor
TGA4541-SM TRIQUINT-TGA4541-SM_15 Datasheet
974Kb / 14P
   Ka Band Variable Gain Driver Amplifier
TGA4541-SM TRIQUINT-TGA4541-SM Datasheet
847Kb / 14P
   Ka-Band Variable Gain Driver Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com