Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-PN2624 Datasheet(PDF) 3 Page - IC-Haus GmbH

Part # IC-PN2624
Description  PHASED ARRAY NONIUS ENCODER 26-1024
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-PN2624 Datasheet(HTML) 3 Page - IC-Haus GmbH

  IC-PN2624 Datasheet HTML 1Page - IC-Haus GmbH IC-PN2624 Datasheet HTML 2Page - IC-Haus GmbH IC-PN2624 Datasheet HTML 3Page - IC-Haus GmbH IC-PN2624 Datasheet HTML 4Page - IC-Haus GmbH IC-PN2624 Datasheet HTML 5Page - IC-Haus GmbH IC-PN2624 Datasheet HTML 6Page - IC-Haus GmbH IC-PN2624 Datasheet HTML 7Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
preliminary
preliminary
iC-PN2624
PHASED ARRAY NONIUS ENCODER 26-1024
Rev B1, Page 3/7
PIN CONFIGURATION
oQFN32-5x5, oQFN32-N5x5 (5 mm x 5 mm)
dra_pnxx-oqfn32-n_pack_2, 10:1
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15 16
17
18
19
20
21
22
23
24
32 31 30 29 28 27 26 25
PIN FUNCTIONS
No. Name Function
1 VCC
+4.5..5.5 V Supply Voltage
2 VREF Reference Voltage Output
3 PS_N N-Track Sine +
4 NS_N N-Track Sine -
5 PS_M M-Track Sine +
6 NS_M M-Track Sine -
7 PS_S S-Track Sine +
8 NS_S S-Track Sine -
9 NC_S S-Track Cosine -
10 PC_S S-Track Cosine +
11 NC_M M-Track Cosine -
12 PC_M M-Track Cosine +
13 NC_N N-Track Cosine -
14 PC_N N-Track Cosine +
15 GND
Ground
BP
Backside pad (oQFN32-5x5 only):
not intended as an electrical connection
point; when using as shield a single link
to GND is permissible.
PIN CONFIGURATION
oBGA LSH2C (6.2 mm x 5.2 mm)
dra_lsh2c-pnxx_pack_2, 8:1
1
2
3
4
A
B
C
D
PIN FUNCTIONS
No. Name Function
A2 VCC
+4.5..5.5 V Supply Voltage
A3 VREF Reference Voltage Output
A4 GND
Ground
B1 PS_N N-Track Sine +
B2 NS_N N-Track Sine -
B3 NC_N N-Track Cosine -
B4 PC_N N-Track Cosine +
C1 PS_M M-Track Sine +
C2 NS_M M-Track Sine -
C3 NC_M M-Track Cosine -
C4 PC_M M-Track Cosine +
D1 PS_S S-Track Sine +
D2 NS_S S-Track Sine -
D3 NC_S S-Track Cosine -
D4 PC_S S-Track Cosine +


Similar Part No. - IC-PN2624

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-PN2624 ICHAUS-IC-PN2624 Datasheet
560Kb / 7P
   PHASED ARRAY NONIUS ENCODER 26-1024
IC-PN2624 ICHAUS-IC-PN2624_10 Datasheet
560Kb / 7P
   PHASED ARRAY NONIUS ENCODER 26-1024
More results

Similar Description - IC-PN2624

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-PN2624 ICHAUS-IC-PN2624_10 Datasheet
560Kb / 7P
   PHASED ARRAY NONIUS ENCODER 26-1024
IC-PN3324 ICHAUS-IC-PN3324 Datasheet
563Kb / 7P
   PHASED ARRAY NONIUS ENCODER 33-1024
IC-PN2656 ICHAUS-IC-PN2656 Datasheet
398Kb / 7P
   PHASED ARRAY NONIUS ENCODER 26-256
IC-PN2612 ICHAUS-IC-PN2612 Datasheet
562Kb / 7P
   PHASED ARRAY NONIUS ENCODER 26-512
IC-PN2656 ICHAUS-IC-PN2656_10 Datasheet
584Kb / 7P
   PHASED ARRAY NONIUS ENCODER 26-256
IC-PNH3348 ICHAUS-IC-PNH3348 Datasheet
481Kb / 10P
   PHASED ARRAY NONIUS ENCODER
IC-PN3312 ICHAUS-IC-PN3312 Datasheet
562Kb / 7P
   PHASED ARRAY NONIUS ENCODER 33-512
IC-PN ICHAUS-IC-PN Datasheet
719Kb / 11P
   PHASED ARRAY NONIUS ENCODERS
IC-PNH ICHAUS-IC-PNH Datasheet
483Kb / 10P
   PHASED ARRAY NONIUS ENCODERS
IC-PT3324 ICHAUS-IC-PT3324 Datasheet
640Kb / 9P
   6-CH. PHASED ARRAY OPTO ENCODER (33-1024)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com