Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP5100W Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP5100W
Description  1.2A Step-Down Converter with 1.4MHz Switching Frequency
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP5100W Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP5100W Datasheet HTML 2Page - Diodes Incorporated AP5100W Datasheet HTML 3Page - Diodes Incorporated AP5100W Datasheet HTML 4Page - Diodes Incorporated AP5100W Datasheet HTML 5Page - Diodes Incorporated AP5100W Datasheet HTML 6Page - Diodes Incorporated AP5100W Datasheet HTML 7Page - Diodes Incorporated AP5100W Datasheet HTML 8Page - Diodes Incorporated AP5100W Datasheet HTML 9Page - Diodes Incorporated AP5100W Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
AP5100
1.2A Step-Down Converter with 1.4MHz Switching
Frequency
AP5100
Document number: DS32130 Rev. 2 - 2
8 of 10
www.diodes.com
November 2010
© Diodes Incorporated
Applications Information (Continued)
Internal Soft Start
Soft start is traditionally implemented to prevent the
excess inrush current. This in turn prevents the converter
output
voltage
from
overshooting
when
it
reaches
regulation. The AP5100 has an internal current source
with a soft start capacitor to ramp the reference voltage
from 0V to 0.810V. The soft start time is internally fixed at
200us (TYP). The soft start sequence is reset when there
is a Thermal Shutdown, Under Voltage Lockout (UVLO) or
when the part is disabled using the EN pin.
Current Limit
The
AP5100
has
cycle-by-cycle
current
limiting
implementation. The voltage drop across the internal high-
side mosfet is sensed and compared with the internally set
current limit threshold.
This voltage drop is sensed at
about 30ns after the HS turns on. When the peak inductor
current exceeds the set current limit threshold, current limit
protection is activated.
During this time the feedback
voltage (VFB) drops down. When the voltage at the FB pin
reaches 0.4V, the internal oscillator shifts the frequency
from the normal operating frequency of 1.4MHz to a fold-
back frequency of 480kHz. The current limit is reduced to
70% of nominal current limit when the part is operating at
480kHz. This low Fold-back frequency prevents runaway
current.
Thermal Shutdown
The AP5100 has on-chip thermal protection that prevents
damage to the IC when the die temperature exceeds safe
margins. It implements a thermal sensing to monitor the
operating junction temperature of the IC. Once the die
temperature rises to approximately 140°C, the thermal
protection feature gets activated .The internal thermal
sense circuitry turns the IC off thus preventing the power
switch from damage.
A hysteresis in the thermal sense circuit allows the device
to cool down to approximately 120°C before the IC is
enabled again. This thermal hysteresis feature prevents
undesirable oscillations of the thermal protection circuit.
PC Board Layout
This is a high switching frequency converter. Hence
attention
must
be
paid
to
the
switching
currents
interference in the layout. Switching current from one
power device to another can generate voltage transients
across the impedances of the interconnecting bond wires
and circuit traces. These interconnecting impedances
should be minimized by using wide, short printed circuit
traces. The input capacitor needs to be as close as
possible to the IN and GND pins. The external feedback
resistors should be placed next to the FB pin.


Similar Part No. - AP5100W

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP5100WG-7 DIODES-AP5100WG-7 Datasheet
419Kb / 12P
   1.2A Step-Down Converter with 1.4MHz Switching Frequency
AP5100WG-7 DIODES-AP5100WG-7 Datasheet
389Kb / 12P
   1.2A STEP-DOWN CONVERTER with 1.4MHz SWITCHING FREQUENCY
Rev. 3 - 2 April 2012
More results

Similar Description - AP5100W

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP5100 DIODES-AP5100_V01 Datasheet
389Kb / 12P
   1.2A STEP-DOWN CONVERTER with 1.4MHz SWITCHING FREQUENCY
Rev. 3 - 2 April 2012
AP5100 DIODES-AP5100 Datasheet
419Kb / 12P
   1.2A Step-Down Converter with 1.4MHz Switching Frequency
logo
Unisonic Technologies
UD24121 UTC-UD24121 Datasheet
228Kb / 5P
   1.2A, 24V, 1.4MHz STEP-DOWN CONVERTER
UD32121 UTC-UD32121 Datasheet
202Kb / 5P
   1.2A, 32V, 1.4MHz STEP-DOWN CONVERTER
logo
BaiDu Micro electrons C...
AE2359 BAIDUMICRO-AE2359 Datasheet
461Kb / 11P
   1.2A, 24V, 1.4MHz Step-down Converter
logo
Richtek Technology Corp...
RT8259 RICHTEK-RT8259 Datasheet
209Kb / 13P
   1.2A, 24V, 1.4MHz Step-Down Converter
logo
Diodes Incorporated
AP5101 DIODES-AP5101 Datasheet
384Kb / 15P
   1.5A Step-Down Converter with 1.4MHz Switching Frequency
DS32258 Rev. 1 - 2
logo
SG Micro Corp
SGM6232 SGMICRO-SGM6232 Datasheet
372Kb / 14P
   1.4MHz Step-Down Converter
logo
Shenzhen Huazhimei Semi...
HM8112 HMSEMI-HM8112 Datasheet
1Mb / 7P
   30V 1.2A 1.4MHz Synchronous Step-Down Regulator
logo
SG Micro Corp
SGM6132 SGMICRO-SGM6132 Datasheet
404Kb / 14P
   1.4MHz Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com