Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-PN2624OQFN32-N5X5 Datasheet(PDF) 5 Page - IC-Haus GmbH

Part # IC-PN2624OQFN32-N5X5
Description  PHASED ARRAY NONIUS ENCODER 26-1024
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-PN2624OQFN32-N5X5 Datasheet(HTML) 5 Page - IC-Haus GmbH

  IC-PN2624OQFN32-N5X5 Datasheet HTML 1Page - IC-Haus GmbH IC-PN2624OQFN32-N5X5 Datasheet HTML 2Page - IC-Haus GmbH IC-PN2624OQFN32-N5X5 Datasheet HTML 3Page - IC-Haus GmbH IC-PN2624OQFN32-N5X5 Datasheet HTML 4Page - IC-Haus GmbH IC-PN2624OQFN32-N5X5 Datasheet HTML 5Page - IC-Haus GmbH IC-PN2624OQFN32-N5X5 Datasheet HTML 6Page - IC-Haus GmbH IC-PN2624OQFN32-N5X5 Datasheet HTML 7Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
preliminary
preliminary
iC-PN2624
PHASED ARRAY NONIUS ENCODER 26-1024
Rev B1, Page 5/7
ELECTRICAL CHARACTERISTICS
Operating conditions: VCC = 4.5...5.5 V, Tj = -40..125 °C, unless otherwise stated
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
Total Device
001
VCC
Permissible Supply Voltage
4.5
5.5
V
002
I(VCC)
Supply Current in VCC
no output load, photocurrents within linear op-
erating range (no override)
9.5
15
mA
003
Vc()hi
Clamp-Voltage hi at all pins
I() = 4 mA
11
V
004
Vc()lo
Clamp-Voltage lo at all pins
I() = -4 mA
-1.2
-0.3
V
Photosensors
101
λ ar
Spectral Application Range
Se(λ ar) = 0.25 x S(λ )max
400
950
nm
102
λ pk
Peak Sensitivity Wavelength
680
nm
103
Aph()
Radiant Sensitive Area
0.1
mm2
104
S(λ )
Spectral Sensitivity
λ LED = 740 nm
0.5
A/W
105
S(λ pk)max Maximum Spectral Sensitivity
λ LED = λ pk
0.55
A/W
106
E()mxr
Irradiance For Maximum Signal
Level
λ LED = 740 nm, Vout() not saturated
0.9
1.6
2.3
mW/
cm2
Photocurrent Amplifiers
201
Iph()
Permissible Photocurrent Operat-
ing Range
0
280
nA
202
η ()r
Photo Sensitivity
(light-to-voltage conversion ratio)
λ LED = 740 nm
0.8
1.2
2.0
V/µW
203
Z()
Equivalent Transimpedance Gain Z = Vout() / Iph()
2.69
4.0
5.46
MΩ
204
TCz
Temperature Coefficient of Tran-
simpedance Gain
-0.12
%/°C
209
Z()pn
Transimpedance Gain Matching
P vs. N path per diff. channel
-0.2
0.2
%
210
Vout()pn Signal Matching
no illumination, any output to any output
-35
35
mV
211
Vout()pn Signal Matching
no illumination, P.. output vs. corresponding N..
output
-2.5
2.5
mV
212
fc()hi
Cut-off Frequency (-3 dB)
120
180
280
kHz
213
VNoise()
RMS Output Noise
illuminated to 500 mV signal level above dark
level, 500 kHz band width
0.5
mV
Signal Outputs
301
Vout()mx
Permissible Maximum Output
Voltage
illumination to E()mxr, linear gain
2.45
2.72
3.02
V
302
Vout()d
Dark Signal Level
no illumination, load 20 kΩ vs. +2 V
600
770
1000
mV
303
Vout()acmx Maximum Signal Level
Vout()acmx = Vout()mx - Vout()d
1.48
1.96
2.35
V
304
Isc()hi
Short-Circuit Current hi
load current to ground
100
420
800
µA
305
Isc()lo
Short-Circuit Current lo
load current to IC
250
480
700
µA
306
Ri()
Internal Output Resistance
f = 1 kHz
70
110
180
307
ton()
Power-On Settling Time
VCC = 0 V → 5 V
100
µs
Reference Voltage VREF
401
VREF
Reference Voltage
I(VREF) = 0...+1.6 mA
600
770
1000
mV
402
dVout()
Load Balancing
I(VREF) = 0...+1.6 mA
-10
+10
mV
403
Isc()hi
Short-Circuit Current hi
load current to ground
200
420
800
µA
404
Isc()lo
Short-Circuit Current lo
load current to IC
2
4.5
10
mA


Similar Part No. - IC-PN2624OQFN32-N5X5

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-PN2624 ICHAUS-IC-PN2624 Datasheet
560Kb / 7P
   PHASED ARRAY NONIUS ENCODER 26-1024
IC-PN2624 ICHAUS-IC-PN2624_10 Datasheet
560Kb / 7P
   PHASED ARRAY NONIUS ENCODER 26-1024
More results

Similar Description - IC-PN2624OQFN32-N5X5

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-PN2624 ICHAUS-IC-PN2624_10 Datasheet
560Kb / 7P
   PHASED ARRAY NONIUS ENCODER 26-1024
IC-PN3324 ICHAUS-IC-PN3324 Datasheet
563Kb / 7P
   PHASED ARRAY NONIUS ENCODER 33-1024
IC-PN2656 ICHAUS-IC-PN2656 Datasheet
398Kb / 7P
   PHASED ARRAY NONIUS ENCODER 26-256
IC-PN2612 ICHAUS-IC-PN2612 Datasheet
562Kb / 7P
   PHASED ARRAY NONIUS ENCODER 26-512
IC-PN2656 ICHAUS-IC-PN2656_10 Datasheet
584Kb / 7P
   PHASED ARRAY NONIUS ENCODER 26-256
IC-PNH3348 ICHAUS-IC-PNH3348 Datasheet
481Kb / 10P
   PHASED ARRAY NONIUS ENCODER
IC-PN3312 ICHAUS-IC-PN3312 Datasheet
562Kb / 7P
   PHASED ARRAY NONIUS ENCODER 33-512
IC-PN ICHAUS-IC-PN Datasheet
719Kb / 11P
   PHASED ARRAY NONIUS ENCODERS
IC-PNH ICHAUS-IC-PNH Datasheet
483Kb / 10P
   PHASED ARRAY NONIUS ENCODERS
IC-PT3324 ICHAUS-IC-PT3324 Datasheet
640Kb / 9P
   6-CH. PHASED ARRAY OPTO ENCODER (33-1024)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com