Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-PT3320OQFN32-5X5 Datasheet(PDF) 6 Page - IC-Haus GmbH

Part # IC-PT3320OQFN32-5X5
Description  6-CH. PHASED ARRAY OPTO ENCODER (33-2000)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-PT3320OQFN32-5X5 Datasheet(HTML) 6 Page - IC-Haus GmbH

  IC-PT3320OQFN32-5X5 Datasheet HTML 1Page - IC-Haus GmbH IC-PT3320OQFN32-5X5 Datasheet HTML 2Page - IC-Haus GmbH IC-PT3320OQFN32-5X5 Datasheet HTML 3Page - IC-Haus GmbH IC-PT3320OQFN32-5X5 Datasheet HTML 4Page - IC-Haus GmbH IC-PT3320OQFN32-5X5 Datasheet HTML 5Page - IC-Haus GmbH IC-PT3320OQFN32-5X5 Datasheet HTML 6Page - IC-Haus GmbH IC-PT3320OQFN32-5X5 Datasheet HTML 7Page - IC-Haus GmbH IC-PT3320OQFN32-5X5 Datasheet HTML 8Page - IC-Haus GmbH IC-PT3320OQFN32-5X5 Datasheet HTML 9Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
preliminary
preliminary
iC-PT 3320
6-CH. PHASED ARRAY OPTO ENCODER (33-2000)
Rev A6, Page 6/9
ELECTRICAL CHARACTERISTICS
Operating conditions: VCC = 3.5...5.5 V, Tj = -40...125 °C, λLED = λr = 740 nm, unless otherwise noted
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
Total Device
001
VCC
Permissible Supply Voltage
3.5
5.5
V
002
I(VCC)
Supply Current in VCC
no load, photocurrents within op. range
3
10
mA
003
Vc()lo
Clamp-Voltage lo at all pins
I() = -4 mA, versus GND
-1.2
-0.3
V
004
Vc()hi
Clamp-Voltage hi at all pins
I() = 4 mA
11
V
005
Vc()hi
Clamp-Voltage hi at LED, PA, NA,
PB, NB, PZ, NZ, U, V, W
I() = 4 mA, versus VCC
0.3
1.2
V
006
Vc()hi
Clamp-Voltage hi at SEL, TIP,
TIN
I() = 4 mA, versus VCC
0.7
2.2
V
Photosensors
101
λ
ar
Spectral Application Range
Se(λar) = 0.25 x S(λ)max
400
950
nm
102
λ
pk
Peak Sensitivity Wavelength
680
nm
103
Aph()
Radiant Sensitive Area
PA, PB, NA, NB (sum of segments)
0.08
mm2
U, V, W (per segment)
0.125
mm2
PZ, NZ (sum of segments)
0.047
mm2
104
S(λr)
Spectral Sensitivity
λLED = 740 nm
0.5
A/W
105
S(λ)max
Maximum Spectral Sensitivity
λLED = λpk
0.55
A/W
106
E()mxpk
Permissible Irradiance
λLED = λpk, Vout() < Vout()mx;
PA, PB, NA, NB
2.2
mW/
cm2
U, V, W
1.1
mW/
cm2
PZ, NZ
2.9
mW/
cm2
Photocurrent Amplifiers
201
Iph()
Permissible Photocurrent
Operating Range
0
550
nA
202
η
()r
Photo Sensitivity
(light-to-voltage conversion ratio)
for PA, PB, NA, NB
0.1
0.3
0.5
V/µW
for PZ, NZ, U, V, W
0.2
0.4
0.6
V/µW
203
Z()
Equivalent Transimpedance Gain Z = Vout() / Iph(), Tj = 27 °C;
for PA, PB, NA, NB
0.56
0.75
1
MΩ
for PZ, NZ, U, V, W
0.66
1.0
1.36
MΩ
204
TCz
Temperature Coefficient of Tran-
simpedance Gain
-0.12
%/°C
205
Z()pn
Transimpedance Gain Matching
SEL open, P vs. N path per diff. channel
-0.2
0.2
%
206
Vout()
Dark Signal Matching
of A, B
SEL open, output vs. output
-8
8
mV
207
Vout()
Dark Signal Matching
of U, V, W
SEL open, output vs. output
-12
12
mV
208
Vout()
Dark Signal Matching
of A, B, Z, U, V, W
SEL open, any output vs. any output
-24
24
mV
209
Vout()pn Dark Signal Matching
SEL open, P vs. N path per diff. channel
-2.5
2.5
mV
211
fc()hi
Cut-off Frequency (-3 dB)
400
kHz
Analog Outputs PA, NA, PB, NB, PZ, NZ, U, V, W
301
Vout()mx
Maximum Output Voltage
illumination to E()mxpk
1.04
1.27
1.8
V
302
Vout()d
Dark Signal Level
load 100 kΩ vs. +2 V
640
770
985
mV
303
Vout()acmx Maximum Signal Level
Vout()acmx = Vout()mx - Vout()d
0.3
0.5
0.75
V
304
Isc()hi
Short-Circuit Current hi
SEL open, load current to ground
100
1800
3000
µA
305
Isc()lo
Short-Circuit Current lo
SEL open, load current to IC
20
40
200
µA
306
Ri()
Internal Output Resistance
f = 1 kHz
250
750
2250


Similar Part No. - IC-PT3320OQFN32-5X5

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-PT3324 ICHAUS-IC-PT3324 Datasheet
640Kb / 9P
   6-CH. PHASED ARRAY OPTO ENCODER (33-1024)
IC-PT3324OQFN32-5X5 ICHAUS-IC-PT3324OQFN32-5X5 Datasheet
640Kb / 9P
   6-CH. PHASED ARRAY OPTO ENCODER (33-1024)
IC-PT3325 ICHAUS-IC-PT3325 Datasheet
931Kb / 10P
   6-CH. PHASED ARRAY OPTO ENCODER (33-2500)
IC-PT3325OQFN32-5X5 ICHAUS-IC-PT3325OQFN32-5X5 Datasheet
931Kb / 10P
   6-CH. PHASED ARRAY OPTO ENCODER (33-2500)
More results

Similar Description - IC-PT3320OQFN32-5X5

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-PT3325 ICHAUS-IC-PT3325 Datasheet
931Kb / 10P
   6-CH. PHASED ARRAY OPTO ENCODER (33-2500)
IC-PT3324 ICHAUS-IC-PT3324 Datasheet
640Kb / 9P
   6-CH. PHASED ARRAY OPTO ENCODER (33-1024)
IC-PT3310 ICHAUS-IC-PT3310 Datasheet
641Kb / 9P
   6-CH. PHASED ARRAY OPTO ENCODER (33-1000)
IC-PT3313 ICHAUS-IC-PT3313 Datasheet
727Kb / 12P
   6-CH. PHASED ARRAY OPTO ENCODER (33-1250)
IC-PT2610 ICHAUS-IC-PT2610 Datasheet
900Kb / 11P
   6-CH. PHASED ARRAY OPTO ENCODER (26-1000)
IC-PT2613 ICHAUS-IC-PT2613 Datasheet
929Kb / 10P
   6-CH. PHASED ARRAY OPTO ENCODER (26-1250)
IC-PTH ICHAUS-IC-PTH Datasheet
1Mb / 14P
   6-CH. PHASED ARRAY OPTO ENCODERS
IC-LTA ICHAUS-IC-LTA_16 Datasheet
844Kb / 15P
   6-CH. INCREMENTAL OPTO ENCODER ARRAY
IC-LTA ICHAUS-IC-LTA_13 Datasheet
1,007Kb / 13P
   6-CH. INCREMENTAL OPTO ENCODER ARRAY
IC-LTA ICHAUS-IC-LTA Datasheet
784Kb / 14P
   6-CH. INCREMENTAL OPTO ENCODER ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com