Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EV9900 Datasheet(PDF) 1 Page - CML Microcircuits

Part # EV9900
Description  Evaluation Kit
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV9900 Datasheet(HTML) 1 Page - CML Microcircuits

  EV9900 Datasheet HTML 1Page - CML Microcircuits EV9900 Datasheet HTML 2Page - CML Microcircuits EV9900 Datasheet HTML 3Page - CML Microcircuits EV9900 Datasheet HTML 4Page - CML Microcircuits EV9900 Datasheet HTML 5Page - CML Microcircuits EV9900 Datasheet HTML 6Page - CML Microcircuits EV9900 Datasheet HTML 7Page - CML Microcircuits EV9900 Datasheet HTML 8Page - CML Microcircuits EV9900 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
CML Microcircuits
COMMUNICATION SEMICONDUCTORS
EV9900
Evaluation Kit
User Manual
UM9900/1 September 2005
Advance Information
Features
• Complete 800 / 900 MHz Transceiver (Initial
Configuration for 819 - 825MHz Tx / 864 -
870MHz Rx)
• Test Access for Important Signals
• Configurable for 400 MHz (e.g. 425 –
463MHz Transceiver)
• Parallel Interface to a µC
1
Brief Description
The EV9900 allows evaluation of the CMX990 Baseband and RF Modem IC. The design is a flexible
platform to allow users to configure and evaluate the CMX990 for various applications and frequency
bands. Initial configuration is for 864-870MHz receive and 819-825MHz transmit. Various RF circuits,
such as a VCO, PA and LNA, are provided on the EV9900 to facilitate easy evaluation.
2005 CML Microsystems Plc
©


Similar Part No. - EV9900

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
EV9900A CMLMICRO-EV9900A Datasheet
1Mb / 27P
   Test Access for Important Signals
More results

Similar Description - EV9900

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17681EVKITC MAXIM-MAX17681EVKITC Datasheet
2Mb / 11P
   Evaluation Kit
Rev 0; 2/16
logo
STMicroelectronics
UM0382 STMICROELECTRONICS-UM0382 Datasheet
1Mb / 32P
   Evaluation Kit
January 2007 Rev 2
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
   Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
   Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
   Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
   Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
   Evaluation Kit
Rev 1; 2/98
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
   Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
   Evaluation Kit
Rev 0; 11/03
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
   Evaluation Kit
Rev 0; 9/02
logo
Advantech Co., Ltd.
SOM-DK5992 ADVANTECH-SOM-DK5992 Datasheet
509Kb / 2P
   Evaluation Kit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com