Selected language     English  ▼


LA7160M Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part No. LA7160M
Description  VHF Band RF Modulator
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

   
 2 page
background image
LA7160M
No.5570-2/3
Operating Characteristics at Ta=25°C, VCC=5V
Parameter
Symbol
Conditions
Ratings
min
typ
max
Unit
Supply current 1
ICC1
No signal, pin 6, high
20
28
36
mA
Supply current 2
ICC2
No signal, pin 6, low
13
18
23
mA
ANT SW driver
ANT
Pin 6, high
3.2
3.5
3.8
V
RF output US
PUS
No signal
89
92
95
dBµ
RF output JP
PJP
No signal
89
92
95
dBµ
P/S ratio
P/S
S : fp+4.5MHz
13.5
16
18.5
dB
4.5MHz 2nd harmonics
P/S2
S2 : fp+2
×4.5MHz
50
65
dB
4.5MHz 3rd harmonics
P/S3
S3 : fp+3
×4.5MHz
45
55
dB
920kHz beat
P/CB
VIN=3.58MHz, 0.6Vp-p
65
72
dB
CB : fp+920kHz
Video harmonics
P/V2
VIN=1MHz, 1Vp-p
45
65
dB
V2 : fp+2MHz
Video modulation
Mp
VIN=Stair step, 1Vp-p
75
80
85
%
White clip level
WCL
VIN=Stair step, 1.5Vp-p
88
93
98
%
Differential gain
DG
VIN=Stair step, 1Vp-p
–5
+5
%
Differential phase
DP
VIN=Stair step, 1Vp-p
–5
+5
Deg
Audio modulation
MS
AIN=1kHz, 1Vp-p
90
100
110
%
Maximum audio modulation
MS max
THD<3%
400
%
Audio THD
THD
AIN=1kHz, 1Vp-p
0.4
2
%
Audio S/N
S/N
AIN=1kHz, 1Vp-p
45
51
dB
VIN=Color bar, 1Vp-p
Equivalent Circuit Block Diagram
15
16
14
13
12
11
10
9
1
2
3
4
5
6
7
8
A06397
BIAS
REG
4.0V
RF
OSC
ANT SW
DRIVER
RF
MIXER
PLL
FM
OSC
WHITE
CLIP
CARRIER
OFF SW
REF
OSC
PLL
CHANNEL
CLAMP
BUF
BUF
OFF
OFF




Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LA7161VVHF Band RF Modulator 1 2 3 4 5 Sanyo Semicon Device
NJM2519ARF Modulator for VHF Band 1 2 3 4 5 MoreNew Japan Radio
NJM2536ARF Modulator for VHF Band 1 2 3 4 5 MoreNew Japan Radio
2SC2094NPN EPITAXIAL PLANAR TYPE for RF power amplifiers in VHF band Mobile radio applications 1 2 3 Mitsubishi Electric Semiconductor
1SS268DIODE VHF TUNER BAND SWITCH APPLICATIONS 1 2 Toshiba Semiconductor
1SV307DIODE VHF TUNER BAND SWITCH APPLICATIONS 1 2 Toshiba Semiconductor
2SK161N CHANNEL JUNCTION TYPE FM TUNER VHF BAND AMPLIFIER APPLICATIONS 1 2 3 4 Toshiba Semiconductor
SPDC to Ku Band Mixer Detector Modulator Applications 1 2 Sanyo Semicon Device
KTC3770UEPITAXIAL PLANAR NPN TRANSISTOR VHF/UHF WIDE BAND AMPLIFIER 1 2 3 4 5 KEC(Korea Electronics)
2SC5772Silicon NPN Epitaxial UHF / VHF wide band amplifier 1 2 3 4 5 MoreHitachi Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl