Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-SM5LCHIP Datasheet(PDF) 1 Page - IC-Haus GmbH

Part # IC-SM5LCHIP
Description  LINEAR AMR SENSOR (5 mm)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-SM5LCHIP Datasheet(HTML) 1 Page - IC-Haus GmbH

  IC-SM5LCHIP Datasheet HTML 1Page - IC-Haus GmbH IC-SM5LCHIP Datasheet HTML 2Page - IC-Haus GmbH IC-SM5LCHIP Datasheet HTML 3Page - IC-Haus GmbH IC-SM5LCHIP Datasheet HTML 4Page - IC-Haus GmbH IC-SM5LCHIP Datasheet HTML 5Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
iC-SM5L
LINEAR AMR SENSOR (5 mm)
Rev A3, Page 1/5
FEATURES
APPLICATIONS
Ë
Magneto resistive position sensor based on the AMR effect
Ë
Strong field sensor for 5 mm N/S pole pitch
Ë
High interpolation due to a sine signal with few harmonics
Ë
Low saturation field strength
Ë
High amplitude consistency with changes in distance
Ë
Resistant to strong magnetic fields
Ë
Not sensitive to external homogenous magnetic fields
Ë
Linear position sensing
Ë
Length measuring systems
CHIP
5.10 mm x 1.24 mm
BLOCK DIAGRAM
Copyright © 2006, iC-Haus
www.ichaus.com


Similar Part No. - IC-SM5LCHIP

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-SM5L ICHAUS-IC-SM5L Datasheet
330Kb / 7P
   LINEAR AMR SENSOR
IC-SM5L ICHAUS-IC-SM5L_14 Datasheet
330Kb / 7P
   LINEAR AMR SENSOR
More results

Similar Description - IC-SM5LCHIP

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-SM2L ICHAUS-IC-SM2L Datasheet
140Kb / 5P
   LINEAR AMR SENSOR (2 mm)
IC-SM5L ICHAUS-IC-SM5L_14 Datasheet
330Kb / 7P
   LINEAR AMR SENSOR
IC-SM2L ICHAUS-IC-SM2L_14 Datasheet
439Kb / 8P
   LINEAR AMR SENSOR
logo
American Electronic Com...
AMR3001 AEC-AMR3001 Datasheet
439Kb / 4P
   AMR Angle Sensor
logo
TE Connectivity Ltd
MS32 TEC-MS32 Datasheet
287Kb / 6P
   AMR Switching-Sensor
logo
MultiDimension Technolo...
AMR3013P MULTIDIMENSION-AMR3013P Datasheet
643Kb / 4P
   AMR3013P AMR Angle Sensor
Ver. 1.2
logo
TE Connectivity Ltd
KMT36H TEC-KMT36H Datasheet
221Kb / 7P
   AMR Sensor with 360째 capability
KMT32B TEC-KMT32B Datasheet
307Kb / 6P
   AMR Sensor with 180째 period
logo
MultiDimension Technolo...
AMR3008 MULTIDIMENSION-AMR3008 Datasheet
665Kb / 8P
   Dual Axis AMR Magnetic Angle Sensor
Version 2.0.1
AMR3003 MULTIDIMENSION-AMR3003 Datasheet
664Kb / 8P
   Dual Axis AMR Magnetic Angle Sensor
Version 2.0.1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com