Selected language     English  â–¼


LA7170M Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part No. LA7170M
Description  RF Modulator for UHF Band (Supports SECAM)
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

   
 4 page
background image
No. 5675-4/8
LA7170M
Continued from preceding page.
Pin No.
Symbol
Pin Voltage
Pin Description
Equivalent Circuit
2.6
(open)
L (0 to 1.5 V) : PAL-TANK1
M (2.1 to 3.2 V) : PAL-TANK2
H (3.8 to 5.0 V) : SECAM-TANK2
10
FoCTL
2.5
1.8
1.8
2.5
This circuit forms a Colpitts oscillator.
11
12
13
14
OSC-B1
OSC-E1
OSC-E2
OSC-B2
0
Ground for RF oscillator
15
GND2
5.0
VCC for RF oscillator
16
VCC2
0
VCC for RF mixer
17
GND3
1.7
Grounding this pin through a capacitor or resistor
attenuates the sound intercarrier level.
18
P/S
3.0
RF mixer signal output
19
RF OUT
5.0
VCC for RF mixer
20
VCC3




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LA7051Video Audio Signal Processor for UHF Band RF Modulator 1 2 3 Sanyo Semicon Device
LA7054Video Audio Signal Processor for UHF Band RF Modulator 1 2 3 Sanyo Semicon Device
TA1326FNGUHF BAND RF MODULATOR IC FOR VTRS 1 2 3 4 5 MoreToshiba Semiconductor
LA7054ZVideo Audio Signal Processor for UHF Band RF Modulator Use 1 2 3 Sanyo Semicon Device
NJM2259RF Modulator for UHF Band 1 2 3 4 5 MoreNew Japan Radio
LA7058RVideo Audio Signal Processor for UHF Band RF Modulator Use  1 2 3 Sanyo Semicon Device
KDV153VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE TV VHF UHF TUNER AFC VCO FOR UHF BAND RADIO 1 KEC(Korea Electronics)
S-AU82LFM RF POWER AMPLIFIER MODULE for UHF BAND 1 2 3 4 Toshiba Semiconductor
UPC2794GSFREQUENCY DOWN CONVERTER FOR VHF TO UHF BAND TV/VCR TUNER 1 2 3 4 5 MoreNEC
1SV310DIODE VCO FOR UHF BAND RADIO 1 2 Toshiba Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl