Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-TW4QFN24 Datasheet(PDF) 2 Page - IC-Haus GmbH

Part # IC-TW4QFN24
Description  PROGRAMMABLE INTERPOLATOR WITH AUTOMATIC OFFSET CORRECTION
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-TW4QFN24 Datasheet(HTML) 2 Page - IC-Haus GmbH

  IC-TW4QFN24 Datasheet HTML 1Page - IC-Haus GmbH IC-TW4QFN24 Datasheet HTML 2Page - IC-Haus GmbH IC-TW4QFN24 Datasheet HTML 3Page - IC-Haus GmbH IC-TW4QFN24 Datasheet HTML 4Page - IC-Haus GmbH IC-TW4QFN24 Datasheet HTML 5Page - IC-Haus GmbH IC-TW4QFN24 Datasheet HTML 6Page - IC-Haus GmbH IC-TW4QFN24 Datasheet HTML 7Page - IC-Haus GmbH IC-TW4QFN24 Datasheet HTML 8Page - IC-Haus GmbH IC-TW4QFN24 Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
iC-TW4 PROGRAMMABLE INTERPOLATOR
WITH AUTOMATIC OFFSET CORRECTION
Rev D1, Page 2/14
DESCRIPTION
iC-TW4, operating on single-ended supplies of 3.3 V
to 5 V, is a low cost interpolation device featuring
an automatic signal conditioning and differential en-
coder quadrature outputs for cable drive.
The chip is pin configured with four external resis-
tors and needs no micro controller or EEPROM for
operation or configuration. An adaptive algorithm is
used to automatically cancel sensor and input ampli-
fier offset voltages, therefore eliminating the need for
cumbersome system calibration.
The pin configuration selects for the interpolation be-
tween factors of x2 and x64, and adapts the input
gain to cope with differential sensor signals between
10 mVpp to 1.5 Vpp.
The interpolation engine accepts two differential si-
nusoidal input signals (sine and cosine) to produce a
highly interpolated incremental output signal. Sensor
bridges are directly interfaced with no external com-
ponents required.
iC-TW4 can also operate on single-ended input sig-
nals when tying the negative input terminals to the
signal reference, usually VDD/2.
The index gating inputs can interface a wide range of
index sensors, a Hall switch or MR bridge sensor, for
instance. iC-TW4 generates the index pulse for every
sine/cosine signal period that is released by the gat-
ing signal. The pulse output is one increment wide
and is located at the positive crossover of the A ver-
sus the B inputs. By swapping pins PINA and NINA
or pins PINB and NINB it is possible to achieve any
desired phase relationship of the Z output versus the
A and B outputs, respectively.
The device also supports a variety of test modes
for device verification and production test. A built
in power-on-reset circuit keeps the device in reset
mode until the applied power supply voltage permits
reliable operation.
CONTENTS
PACKAGES
3
ABSOLUTE MAXIMUM RATINGS
4
THERMAL DATA
4
ELECTRICAL CHARACTERISTICS
5
INPUT STAGE
7
Programmable Gain Amplifier . . . . . . . . .
7
Automated Offset Adjustment . . . . . . . . .
7
Limits of Automated Offset Adjustment . . . .
7
CONFIGURATION
8
Interpolation
. . . . . . . . . . . . . . . . . .
8
Performance . . . . . . . . . . . . . . . . . .
9
Amplification . . . . . . . . . . . . . . . . . .
9
Test Modes . . . . . . . . . . . . . . . . . . .
9
INDEX GATING
10
Calibration Mode . . . . . . . . . . . . . . . .
11
START UP
12
TYPICAL APPLICATIONS
13


Similar Part No. - IC-TW4QFN24

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-TW11 ICHAUS-IC-TW11 Datasheet
786Kb / 25P
   10-BIT ULTRA LOW POWER MAGNETIC ABSOLUTE ROTARY ENCODER
IC-TW14 ICHAUS-IC-TW14 Datasheet
684Kb / 33P
   IC-PMX Companion Chip
IC-TW2 ICHAUS-IC-TW2 Datasheet
459Kb / 30P
   8-BIT SIN/COS INTERPOLATION IC WITH INTEGRATED EEPROM
IC-TW2 ICHAUS-IC-TW2 Datasheet
569Kb / 28P
   8-BIT SIN/COS INTERPOLATION IC
IC-TW28 ICHAUS-IC-TW28 Datasheet
2Mb / 80P
   10-BIT SIN/COS INTERPOLATOR
More results

Similar Description - IC-TW4QFN24

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN839 SILABS-AN839 Datasheet
131Kb / 5P
   Novel Current-Sense Measurement with Automatic Offset Correction
logo
Sanyo Semicon Device
LC7972VA SANYO-LC7972VA Datasheet
65Kb / 4P
   CMOS Operational Amplifier with Programmable Offset Correction Function
logo
Texas Instruments
PGA308 TI1-PGA308_16 Datasheet
1Mb / 30P
[Old version datasheet]   Programmable Gain and Offset
TMP451-Q1 TI1-TMP451-Q1_V01 Datasheet
1Mb / 37P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor With 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
TMP451-Q1 TI1-TMP451-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   짹1째C remote and local temperature sensor with 管-factor and offset correction, series-resistance cancellation, and programmable digital filter
logo
IC-Haus GmbH
IC-TW8 ICHAUS-IC-TW8 Datasheet
420Kb / 2P
   16-BIT SIN/COS INTERPOLATOR WITH AUTO-CALIBRATION
IC-TW8 ICHAUS-IC-TW8_13 Datasheet
1Mb / 63P
   16-BIT SIN/COS INTERPOLATOR WITH AUTO-CALIBRATION
logo
Texas Instruments
TMP451 TI-TMP451 Datasheet
990Kb / 27P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction
TMP451 TI1-TMP451_15 Datasheet
1Mb / 41P
[Old version datasheet]   TMP451 짹1째C Remote and Local Temperature Sensor With 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
logo
IC-Haus GmbH
TW8 ICHAUS-TW8 Datasheet
1Mb / 63P
   16-BIT SIN/COS INTERPOLATOR WITH AUTO-CALIBRATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com