Selected language     English  ▼


LA7170 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part No. LA7170
Description  RF Modulator for UHF Band (Supports SECAM)
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

   
 1 page
background image
Overview
The LA7170M is a UHF band RF modulator whose built-
in RF oscillator and mixer make it a single-chip RF
modulator solution. It also supports image positivity
modulation and AM sound modulation for SECAM
systems.
Package Dimensions
unit: mm
3036B-MFP20
Monolithic linear IC
43098HA (OT) No. 5675-1/8
SANYO: MFP20
[LA7170M]
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
RF Modulator for UHF Band (Supports SECAM)
LA7170M
Ordering number : EN5675
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
7V
Allowable power dissipation
Pd max
Ta
≤ 75°C
250
mW
Operating temperature
Topr
–20 to +75
°C
Storage temperature
Tstg
–55 to +150
°C
Specifications
Maximum Ratings at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended operating voltage
VCC
5.0
V
Operating supply voltage range
VCC op
4.5 to 5.5
V
Operating Conditions at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Current drain 1
ICC1
With no input
24
30
36
mA
Regulator voltage
Vreq
With no input
3.7
3.9
4.1
V
[RF Output Level] (S19A: A, S19B: A)
Picture carrier output
P
With no input, with 50
Ω terminator
77
79.5
82
dBµ
Sound carrier output ratio
P/S
Ratio of levels at fp and fp+fs
12.5
15
17.5
dB
Sound second harmonic distortion
P/S2
Ratio of levels at fp and fp+2fs
52
62
dB
Sound third harmonic distortion
P/S3
Ratio of levels at fp and fp+3fs
58
68
dB
Chrominance beat
P/CB
Ratio of P above to chrominance beat for
65
75
dB
VIN = 0.4 Vp-p with 4.43-MHz sine wave input
Picture harmonic distortion
P/V2
Ratio of P above to level at fp+2 MHz for
50
62
dB
VIN = 1 Vp-p with 1-MHz sine wave input
Operating Characteristics at Ta = 25°C, VCC = 5 V, Unless otherwise specified, fp = 591.25 MHz, fs = 5.5 MHz,
S9: ON, S10: B, S19A: B, S19B: B
Continued on next page.




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LA7051Video Audio Signal Processor for UHF Band RF Modulator 1 2 3 Sanyo Semicon Device
LA7054Video Audio Signal Processor for UHF Band RF Modulator 1 2 3 Sanyo Semicon Device
TA1326FNGUHF BAND RF MODULATOR IC FOR VTRS 1 2 3 4 5 MoreToshiba Semiconductor
LA7054ZVideo Audio Signal Processor for UHF Band RF Modulator Use 1 2 3 Sanyo Semicon Device
NJM2259RF Modulator for UHF Band 1 2 3 4 5 MoreNew Japan Radio
LA7058RVideo Audio Signal Processor for UHF Band RF Modulator Use  1 2 3 Sanyo Semicon Device
KDV153VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE TV VHF UHF TUNER AFC VCO FOR UHF BAND RADIO 1 KEC(Korea Electronics)
S-AU82LFM RF POWER AMPLIFIER MODULE for UHF BAND 1 2 3 4 Toshiba Semiconductor
UPC2794GSFREQUENCY DOWN CONVERTER FOR VHF TO UHF BAND TV/VCR TUNER 1 2 3 4 5 MoreNEC
1SV310DIODE VCO FOR UHF BAND RADIO 1 2 Toshiba Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl