Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-VJ Datasheet(PDF) 7 Page - IC-Haus GmbH

Part # IC-VJ
Description  LASER DIODE CONTROLLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-VJ Datasheet(HTML) 7 Page - IC-Haus GmbH

Back Button IC-VJ Datasheet HTML 2Page - IC-Haus GmbH IC-VJ Datasheet HTML 3Page - IC-Haus GmbH IC-VJ Datasheet HTML 4Page - IC-Haus GmbH IC-VJ Datasheet HTML 5Page - IC-Haus GmbH IC-VJ Datasheet HTML 6Page - IC-Haus GmbH IC-VJ Datasheet HTML 7Page - IC-Haus GmbH IC-VJ Datasheet HTML 8Page - IC-Haus GmbH IC-VJ Datasheet HTML 9Page - IC-Haus GmbH IC-VJ Datasheet HTML 10Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
iC-VJ, iC-VJZ
LASER DIODE CONTROLLER
Rev A1, Page 7/10
Oscillator
The internal oscillator operates in the range approx.
10 kHz to 4 MHz. This enables laser pulse repetition
frequencies from 1 to 200 kHz. Fig. 2 shows the pulse
repetition frequency as a function of the oscillator cir-
cuit.
Example
R1 = 620 Ω, C1 = 82 pF: f ≈ 200 kHz
200
100
f [kHz]
R1 [k
Ω]
1
2
3
4
5
6
7
8
C1= 82pF
C1= 1nF
C1= 220pF
Figure 2: Pulse repetition frequency
Averaging Control
The control of the average optical laser power requires
the external capacitor C2 at pin CI. This capacitor is
used for averaging and must be adjusted to the se-
lected pulse repetition frequency and the charging cur-
rent preset with RSET. The ratios are linear in both
cases, i.e. C2 must be increased in size proportionally
as the pulse repetition frequency slows or resistance
RSET decreases.
C2 ≥
440 ∗ I(ISET )
f ∗ V (ISET )
=
440
f ∗ RSET
Example
Frequency 10 kHz, RSET = 10 kΩ: C2 ≈ 4.7 µF
Otherwise the charging of C2 during the pulse pauses
(with I(ISET) = 1.22 V / RSET) will result in excessive
mean value potential at pin CI and the laser diode may
be destroyed with the next pulse. C2 is correctly di-
mensioned when the current through the laser diode
and the optical output signal do not show any over-
shooting on the rising edge.
In steady-state condition, signals will then appear at
the IC pins as shown in Fig. 3. In this case the laser
pulse exhibits a minimal overshoot on the rising edge,
but this can be tolerated. The increase in the current in
KLD and the laser pulse follow directly after the signal
at the divider output PRF. The outputs PRF and NPRF
are used for receiver synchronisation.
LASER Output
PRF [1V/div]
I(KDL) [50mA/div]
KDL [1V/div]
Timebase = 1:s/div
[2mW/div]
Figure 3: Settled control with 200 kHz pulse repeti-
tion frequency
Turn-on and Turn-off Behavior
Capacitor C2 also determines the starting time from
switching on the supply voltage VCC to steady-state
laser pulse operation. The values of C2 which are
necessary higher for low pulse repetition frequencies
increase this starting time to several milliseconds (Fig.
4). The following applies for estimating the starting
time:
Ton
2.5 V ∗ C2
I(ISET )
=
2.5 V ∗ C2 ∗ RSET
1.22 V
Example
C2 = 4.7 µF, RSET = 10 kΩ: Ton ≈ 96 ms
Timebase = 20 ms/div
LASER Output [2mW/div]
VCC [2V/div]
PRF [2V/div]
C [1V/div]
Figure 4: Turn-on behavior f = 10 kHz, RSET =
10 kΩ, C2 = 4.7 µF
LASER Output
LASER Output [1mW/div]
C [200mV/div]
Figure 5: Setteling of the averaging control
For high pulse repetition frequencies (200 kHz) and low
C2 values (220 nF) and for RSET = 10 kΩ the aver-
aging control achieves its operating point after 3.5 ms.
Fig. 5 shows the turn-on, Fig. 6 the turn-off behavior,
here in case of undervoltage.


Similar Part No. - IC-VJ

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-VP ICHAUS-IC-VP Datasheet
127Kb / 5P
   PHOTOSWITCH
IC-VP ICHAUS-IC-VP Datasheet
256Kb / 6P
   PHOTO SWITCH
IC-VP-BLCC ICHAUS-IC-VP-BLCC Datasheet
127Kb / 5P
   PHOTOSWITCH
IC-VP-BMST ICHAUS-IC-VP-BMST Datasheet
127Kb / 5P
   PHOTOSWITCH
IC-VP-TO18-4F ICHAUS-IC-VP-TO18-4F Datasheet
127Kb / 5P
   PHOTOSWITCH
More results

Similar Description - IC-VJ

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
VJSO16N ICHAUS-VJSO16N Datasheet
293Kb / 10P
   LASER DIODE CONTROLLER
logo
Mitsubishi Electric Sem...
M66515FP MITSUBISHI-M66515FP Datasheet
174Kb / 7P
   LASER-DIODE DRIVER/CONTROLLER
M61880FP MITSUBISHI-M61880FP Datasheet
160Kb / 6P
   Laser-diode driver / controller
logo
Renesas Technology Corp
M61880FP RENESAS-M61880FP Datasheet
228Kb / 21P
   Laser Diode Driver/Controller
logo
Mitsubishi Electric Sem...
M66516FP MITSUBISHI-M66516FP Datasheet
228Kb / 10P
   LASER-DIODE DRIVER/CONTROLLER
logo
Renesas Technology Corp
M66515FP RENESAS-M66515FP Datasheet
173Kb / 12P
   Laser Diode Driver/Controller
logo
Intersil Corporation
X9530_0511 INTERSIL-X9530_0511 Datasheet
372Kb / 28P
   Temperature Compensated Laser Diode Controller
logo
Micrel Semiconductor
SY88905 MICREL-SY88905_05 Datasheet
82Kb / 10P
   LASER DIODE CONTROLLER WITH APC
logo
Summit Microelectronics...
SML2108 SUMMIT-SML2108 Datasheet
452Kb / 21P
   Laser Diode Adaptive Power Controller
logo
Intersil Corporation
X9530 INTERSIL-X9530 Datasheet
444Kb / 30P
   Temperature Compensated Laser Diode Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com