Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-VRV Datasheet(PDF) 10 Page - IC-Haus GmbH

Part # IC-VRV
Description  BIDIRECTIONAL 關P INTERFACE TO 24V
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-VRV Datasheet(HTML) 10 Page - IC-Haus GmbH

Back Button IC-VRV Datasheet HTML 4Page - IC-Haus GmbH IC-VRV Datasheet HTML 5Page - IC-Haus GmbH IC-VRV Datasheet HTML 6Page - IC-Haus GmbH IC-VRV Datasheet HTML 7Page - IC-Haus GmbH IC-VRV Datasheet HTML 8Page - IC-Haus GmbH IC-VRV Datasheet HTML 9Page - IC-Haus GmbH IC-VRV Datasheet HTML 10Page - IC-Haus GmbH IC-VRV Datasheet HTML 11Page - IC-Haus GmbH IC-VRV Datasheet HTML 12Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
iC-VRV
BIDIRECTIONAL µP INTERFACE TO 24V
Rev A2, Page 10/12
ELECTRICAL CHARACTERISTICS
Operating Conditions: VCC= VCCA= VCCD= 5V ±10%, Tj= 0..125°C, unless otherwise noted
Item
Symbol
Parameter
Conditions
Tj
Fig.
Unit
°C
Min.
Typ.
Max.
Figure 1: DC load
t
I
IOxpeak
IOxdc
T
Figure 2: Pulse load, Pulse duration 2 ms
Switching Characteristics
501
tc(CLK)
Permissible Cycle Duration CLK
400
ns
502
tw(CLK)
Permissible Pulse Width lo
at CLK
200
ns
503
tc(BLFQ) Permissible Cycle Duration BLFQ
100
ms
504
tw(BLFQ) Permissible Pulse Width lo
at BLFQ
50
ms
505
tphl()
Propagation Delay until IOx= lo
Write Cycle, WRN: hi6lo
2
µs
506
tplh()
Propagation Delay until IOx= off
Write Cycle, WRN: hi6lo
3
µs
507
tp()Ion
Current Source Enable Time
at IOx
Write Cycle,
WRN: hi6lo
5
µs
508
tp()Ioff
Current Source Disable Time
at IOx
Write Cycle,
WRN: hi6lo
5
µs
509
tp(IOx6
up/dwn)
Propagation Delay Input
IOx to Up/Dwn Filter Input
5
µs
ELECTRICAL CHARACTERISTICS: WAVEFORMS


Similar Part No. - IC-VRV

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-VJ ICHAUS-IC-VJ Datasheet
293Kb / 10P
   LASER DIODE CONTROLLER
iC-VJEVALVJD ICHAUS-iC-VJEVALVJD Datasheet
293Kb / 10P
   LASER DIODE CONTROLLER
iC-VJSO16N ICHAUS-iC-VJSO16N Datasheet
293Kb / 10P
   LASER DIODE CONTROLLER
IC-VJZ ICHAUS-IC-VJZ Datasheet
293Kb / 10P
   LASER DIODE CONTROLLER
iC-VJZEVALVJD ICHAUS-iC-VJZEVALVJD Datasheet
293Kb / 10P
   LASER DIODE CONTROLLER
More results

Similar Description - IC-VRV

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D24V0LA1B2LPQ DIODES-D24V0LA1B2LPQ Datasheet
443Kb / 5P
   24V BIDIRECTIONAL TVS DIODE
December 2021 Rev. 1 - 2
D24V0L1B2LPS DIODES-D24V0L1B2LPS Datasheet
267Kb / 4P
   24V BIDIRECTIONAL TVS DIODE
D24V0L1B2LP DIODES-D24V0L1B2LP Datasheet
322Kb / 4P
   24V BIDIRECTIONAL TVS DIODE
D24V0L1B2LPSQ DIODES-D24V0L1B2LPSQ Datasheet
213Kb / 4P
   24V BIDIRECTIONAL TVS DIODE
logo
Maxim Integrated Produc...
MAX6314 MAXIM-MAX6314 Datasheet
114Kb / 8P
   68HC11/Bidirectional-Compatible 關P Reset Circuit
Rev 1; 1/99
logo
Diodes Incorporated
DESD24VF1BLP3 DIODES-DESD24VF1BLP3 Datasheet
415Kb / 5P
   24V ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
November 2022 Rev. 3 - 2
DESD24VF1BLQ DIODES-DESD24VF1BLQ Datasheet
344Kb / 5P
   24V ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
July 2020 Rev. 2 - 2
logo
Fujitsu Component Limit...
FTP-622 FUJITSU-FTP-622 Datasheet
69Kb / 8P
   24V DRIVE INTERFACE BOARD (PARALLEL)
logo
Diodes Incorporated
DESD24VF1BL DIODES-DESD24VF1BL Datasheet
430Kb / 5P
   24V ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
November 2022 Rev. 2 - 2
logo
Cystech Electonics Corp...
MTP304N3 CYSTEKEC-MTP304N3 Datasheet
314Kb / 8P
   -24V P-CHANNEL Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com