Selected language     English  â–Ľ


LA7191N Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part No. LA7191N
Description  Global VHS-format VCR Video Signal Processor
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 
 9 page
background image
LA7191N Control Pins
Pin No.
Function
Control
Contents
20
N.C control
Linear
When
→ high, N.C → Strong
22
Filter switching
H
3.58 MHz system
L or OPEN
4.43 MHz system
42
YNR/LNC selection
OPEN
YNR
L
LNC (line noise canceller)
Test Circuit Diagram
Unit (resistance:
Ω, capacitance: F)
LA7191N
LA7191N
No. 5471 - 9/11




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LA7391ANGlobal VHS-format VCR Video Signal Processor  1 2 3 4 5 MoreSanyo Semicon Device
LA7390NVHS-format VCR Video Signal Processor 1 2 3 4 5 MoreSanyo Semicon Device
NTE1712Integrated Circuit Record Video Signal Processor for VCR 1 2 NTE Electronics
LA7437Video Signal Processing IC for VHS VCR Systems 1 2 3 4 5 MoreSanyo Semicon Device
TA8819FNTSC VIDEO CHROMA SIGNAL PROCESSOR SYNC PLAY BACK IC FOR LCD TV 1 2 3 4 5 MoreToshiba Semiconductor
LA7282VCR Audio Signal Recording / Playback Processor 1 2 3 4 5 MoreSanyo Semicon Device
CXA2038RAFM Monaural Signal Processor for 8 mm VCR 1 2 3 4 5 MoreSony Corporation
LA70100MSECAM CHROMA- SIGNAL PROCESSOR IC FOR VCR 1 2 3 4 5 MoreSanyo Semicon Device
LA7440Video Signal Processing IC for VHS VCR Systems  1 2 3 4 5 MoreSanyo Semicon Device
LA7285VCR Audio Signal Recording and Playback Processor 1 2 3 4 5 MoreSanyo Semicon Device

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl