Selected language     English  â–¼


LA7191N Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part No. LA7191N
Description  Global VHS-format VCR Video Signal Processor
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 
 1 page
background image
Global VHS-format VCR
Video Signal Processor
Overview
The LA7191N is a multi-format, single-chip video signal
processing IC that supports TV systems around the world.
Features
.
Compatible with TV systems around the world (NTSC/
PAL/MESECAM/4.43 -NTSC/PAL-M/PAL-N).
.
All filters on chip, except for PB-LPF for chroma (cutoff
frequency requires no adjustment).
.
No adjustment of YNR and DOC levels.
.
Double high-pass noise canceller on chip.
.
Linear phase-type picture control on chip.
.
fsc output can be used as clock for OSD IC.
.
DCC circuit on chip.
.
Pilot burst erasure circuit on chip.
.
High-speed AFC circuit on chip.
.
Switching noise canceller on chip.
.
Smallest package in the industry.
.
Few components needed.
.
2fsc output.
.
I/O pin for CNR insertion added.
.
YNR/LNC switching possible.
Package Dimensions
unit: mm
3025B-DIP42S
[LA7191N]
SANYO : DIP42S
Specifications
Maximum Ratings at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
7.0
V
Allowable power dissipation
Pd max
Ta
%65°C
1020
mW
Operating temperature
Topr
–10 to +65
°C
Storage temperature
Tstg
–40 to +150
°C
Operating Conditions at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
VCC
5.0
V
Operating supply voltage range
VCCop
4.8 to 5.5
V
Ordering number: EN 5471
Monolithic Linear IC
LA7191N
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
22896HA (II) No.5471 - 1/11




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LA7391ANGlobal VHS-format VCR Video Signal Processor  1 2 3 4 5 MoreSanyo Semicon Device
LA7390NVHS-format VCR Video Signal Processor 1 2 3 4 5 MoreSanyo Semicon Device
NTE1712Integrated Circuit Record Video Signal Processor for VCR 1 2 NTE Electronics
LA7437Video Signal Processing IC for VHS VCR Systems 1 2 3 4 5 MoreSanyo Semicon Device
TA8819FNTSC VIDEO CHROMA SIGNAL PROCESSOR SYNC PLAY BACK IC FOR LCD TV 1 2 3 4 5 MoreToshiba Semiconductor
LA7282VCR Audio Signal Recording / Playback Processor 1 2 3 4 5 MoreSanyo Semicon Device
CXA2038RAFM Monaural Signal Processor for 8 mm VCR 1 2 3 4 5 MoreSony Corporation
LA70100MSECAM CHROMA- SIGNAL PROCESSOR IC FOR VCR 1 2 3 4 5 MoreSanyo Semicon Device
LA7440Video Signal Processing IC for VHS VCR Systems  1 2 3 4 5 MoreSanyo Semicon Device
LA7285VCR Audio Signal Recording and Playback Processor 1 2 3 4 5 MoreSanyo Semicon Device

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl