Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA7191N Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # LA7191N
Description  Global VHS-format VCR Video Signal Processor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA7191N Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LA7191N Datasheet HTML 3Page - Sanyo Semicon Device LA7191N Datasheet HTML 4Page - Sanyo Semicon Device LA7191N Datasheet HTML 5Page - Sanyo Semicon Device LA7191N Datasheet HTML 6Page - Sanyo Semicon Device LA7191N Datasheet HTML 7Page - Sanyo Semicon Device LA7191N Datasheet HTML 8Page - Sanyo Semicon Device LA7191N Datasheet HTML 9Page - Sanyo Semicon Device LA7191N Datasheet HTML 10Page - Sanyo Semicon Device LA7191N Datasheet HTML 11Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Control Pin Function Chart
Pin No.
L
M
H
Pin 5
R/P switching
Open
REC mode
Over 3.8V
PB mode
Pin 1
SP changeover
Open
Over 3.9 V
SP mode
Pin13
EDIT2
PIC-CTL
2Vto2.5 V
PIC-CTL
SOFT
2.5Vto3V
PIC-CTL
HARD
Over 3.6 V
EDIT ON
Pin 14
SECAM
CTL
Over 4.0 V
SECAM mode
Pin 17
Special playback switching
Open
Before comb in SP
Over 3.5 V
(over 200 µA)
After comb in SP
Pin 27
MESECAM
CTL
Open
Over 3.0 V
MESECAM mode
Pin 33
QV, QH, CHAR
Refer to Pin 33,
QV, QH, CHAR,
insertion diagram
Pin 36
NTSC-CTL
NTSC mode if current is
150 µA or more
Pin 40
DOC STOP control
Open
Normal mode
Over 3.9 V
DOC STOP
Pin 41
ROTARY pulse
LP switch
ROTARY
PULSE
Tape
speed
SP or EP mode
LP mode
Pin 42
YNR/LNC switch
Line NC when
under1VinPB
Open
SP: LNC, LP/EP: YNR
Pin 33
QV, QH, CHAR, insertion
Pin 33 control voltage
(V)
THROUGH
CHAR
QH
QV
Through
LA7191N
No. 5471 - 10/11


Similar Part No. - LA7191N

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7110 SANYO-LA7110 Datasheet
126Kb / 1P
   VTR TAPE END DETECTOR
LA7116 SANYO-LA7116 Datasheet
79Kb / 4P
   VCR Servo Interface
LA71170M SANYO-LA71170M Datasheet
463Kb / 34P
   LA71170M
LA71206M SANYO-LA71206M Datasheet
359Kb / 2P
   LA71206M
logo
List of Unclassifed Man...
LA71207M ETC-LA71207M Datasheet
359Kb / 2P
   LA71207M
More results

Similar Description - LA7191N

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7391AN SANYO-LA7391AN Datasheet
303Kb / 11P
   Global VHS-format VCR Video Signal Processor?
LA7390N SANYO-LA7390N Datasheet
295Kb / 10P
   VHS-format VCR Video Signal Processor
LA7316A-N SANYO-LA7316A-N Datasheet
127Kb / 5P
   VCR VHS Chroma Signal Processor
logo
Mitsubishi Electric Sem...
M52057FP MITSUBISHI-M52057FP Datasheet
617Kb / 10P
   VHS SYSTEM VCR CHROMA SIGNAL PROCESSOR???
logo
Sanyo Semicon Device
LA7437 SANYO-LA7437 Datasheet
215Kb / 8P
   Video Signal Processing IC for VHS VCR Systems
LA7440 SANYO-LA7440 Datasheet
404Kb / 14P
   Video Signal Processing IC for VHS VCR Systems?
LA7449 SANYO-LA7449 Datasheet
398Kb / 14P
   Video Signal Processing IC for VHS VCR Systems?
logo
Toshiba Semiconductor
TA1246F TOSHIBA-TA1246F Datasheet
2Mb / 74P
   HI-FI AUDIO SIGNAL PROCESSOR FOR VHS VCR
logo
Sanyo Semicon Device
LA71525M SANYO-LA71525M Datasheet
277Kb / 25P
   Video/audio signal processor for VHS VCRs
LA7425 SANYO-LA7425 Datasheet
225Kb / 7P
   NTSC Format Single-Chip Processing IC for VHS VCR Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com