Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VXDEMO Datasheet(PDF) 7 Page - IC-Haus GmbH

Part # VXDEMO
Description  3-CHANNEL DIFFERENTIAL LINE DRIVER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

VXDEMO Datasheet(HTML) 7 Page - IC-Haus GmbH

Back Button VXDEMO Datasheet HTML 3Page - IC-Haus GmbH VXDEMO Datasheet HTML 4Page - IC-Haus GmbH VXDEMO Datasheet HTML 5Page - IC-Haus GmbH VXDEMO Datasheet HTML 6Page - IC-Haus GmbH VXDEMO Datasheet HTML 7Page - IC-Haus GmbH VXDEMO Datasheet HTML 8Page - IC-Haus GmbH VXDEMO Datasheet HTML 9Page - IC-Haus GmbH VXDEMO Datasheet HTML 10Page - IC-Haus GmbH VXDEMO Datasheet HTML 11Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
iC-VX
3-CHANNEL DIFFERENTIAL LINE DRIVER
Rev C1, Page 7/11
L=5m, CL=500pF
PLC
24V
Z
5V
B
A
BIAS
THERMAL SHUTDOWN
iC-VX
CHAN3
CHAN2
CHAN1
2k
2k
2k
C1
1µF
C2
1µF
VSUB
12
E2
2
E1
1
E3
7
PROG
5
VEE
4
VB2
8
NA1 14
A1 15
A2 13
NA2 11
A3 10
NA3 9
VB1
16
VT
6
VCC
3
Fig. 1: Balanced data transmission at low capacitive load, PROG pin open: I(A)
$ 30mA
f
max .
200
kHz ×
500
pF
CL
×
24
V
VB
2
×
413
K
&T
a
70
K
×
75
K/W
R
thja
×
2
channels
(1.1)
f
max .
30
mA
VB×(CL
%1nF)
(1.2)
EXAMPLE 1: Short lines
Short lines of 5m, for example, are approximations of capacitive load for the iC; no adjustment of characteristic
impedance is required. With each switching slope changeover losses of Pc= 1/2 VB × I(A) per channel occur in
the iC. The load capacity is reloaded with the guaranteed driver current I(A)
$ 30mA. These changeover losses
determine the possible cut-off frequency, since the high chip power loss without cooling results in shutdown of
the iC. At high capacitive load the transmission rate can also be limited by the fall and rise times wich reduce the
signal strength.
As a typical application, Fig. 1 shows the transmission of the output signals of an incremental rotary encoder
(track A, track B, index pulse Z) to a programmable control (PLC). The maximum signal frequency which is
limited by the power loss can be estimated by standardizing the limiting values of the example for short lines:
If the slew-rate is the limiting factor, the following applies for the maximum signal frequency (saturation voltages
neglected):
CL
= Capacitive load at output A to output NA
VB
= Supply voltage
T
a
= Ambient temperature
R
thja
= Thermal resistance chip/board/ambient (R
thja = Rthjb + Rthba)


Similar Part No. - VXDEMO

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VXD1 VECTRON-VXD1 Datasheet
190Kb / 2P
   VXD1
VXD1 VECTRON-VXD1_06 Datasheet
194Kb / 2P
   VXD1
More results

Similar Description - VXDEMO

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-DL ICHAUS-IC-DL_17 Datasheet
530Kb / 10P
   3-CHANNEL DIFFERENTIAL LINE DRIVER
IC-DL ICHAUS-IC-DL Datasheet
305Kb / 9P
   3-CHANNEL DIFFERENTIAL LINE DRIVER
IC-HX ICHAUS-IC-HX Datasheet
430Kb / 11P
   3-CHANNEL DIFFERENTIAL COLD LINE DRIVER
IC-HX ICHAUS-IC-HX_17 Datasheet
913Kb / 14P
   3-CHANNEL DIFFERENTIAL COLD LINE DRIVER
logo
List of Unclassifed Man...
ET9600 ETC1-ET9600 Datasheet
34Kb / 2P
   THREE CHANNEL DIFFERENTIAL LINE DRIVER IC
logo
Intersil Corporation
ISL1532 INTERSIL-ISL1532 Datasheet
58Kb / 2P
   Dual Channel Differential DSL Line Driver
ISL1533AIRZ INTERSIL-ISL1533AIRZ Datasheet
928Kb / 14P
   Dual Channel Differential DSL Line Driver
May 9, 2014
logo
Renesas Technology Corp
ISL1539 RENESAS-ISL1539 Datasheet
763Kb / 11P
   Dual Channel Differential VDSL2 Line Driver
June 21, 2013
logo
National Semiconductor ...
DS89C387 NSC-DS89C387 Datasheet
158Kb / 10P
   Twelve Channel CMOS Differential Line Driver
logo
Texas Instruments
DS89C387 TI1-DS89C387_16 Datasheet
339Kb / 15P
[Old version datasheet]   Twelve Channel CMOS Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com