Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-WDDFN10 Datasheet(PDF) 6 Page - IC-Haus GmbH

Part # IC-WDDFN10
Description  SWITCHED-MODE DUAL VOLTAGE REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-WDDFN10 Datasheet(HTML) 6 Page - IC-Haus GmbH

Back Button IC-WDDFN10 Datasheet HTML 2Page - IC-Haus GmbH IC-WDDFN10 Datasheet HTML 3Page - IC-Haus GmbH IC-WDDFN10 Datasheet HTML 4Page - IC-Haus GmbH IC-WDDFN10 Datasheet HTML 5Page - IC-Haus GmbH IC-WDDFN10 Datasheet HTML 6Page - IC-Haus GmbH IC-WDDFN10 Datasheet HTML 7Page - IC-Haus GmbH IC-WDDFN10 Datasheet HTML 8Page - IC-Haus GmbH IC-WDDFN10 Datasheet HTML 9Page - IC-Haus GmbH IC-WDDFN10 Datasheet HTML 10Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
iC-WD A/B/C
SWITCHED-MODE DUAL VOLTAGE REGULATOR
Rev D1, Page 6/12
DESCRIPTION OF FUNCTIONS
Fig. 1 illustrates the operating principle of the switching
converter in simplified form. When the switch S closes
in steady-state condition, a linearly increasing charg-
ing current for the capacitor CVH flows through the coil
LVH in addition to the load current in RL. The energy
from the supply VB is stored in the coil’s magnetic field.
When the switch opens, the current flows via the diode
through the coil; its energy content is supplied to ca-
pacitor and load.
VH
VB
Vsat
V(LVH)
VD
S
LVH
CVH
RL
Figure 1: Principle of operation
The block diagram on page 1 shows the iC-WD with
typical wiring. The internally generated clock pulse
closes the switch between VBR and VHL and the cur-
rent in the coil rises (charging phase). A control vari-
able, ∆VR in accordance with the regulating charac-
teristic in Fig. 2, is obtained from the voltage VH and
the internal reference voltage and is compared to the
voltage at shunt RVB. When the cut-off current Ioff =
VR/RVB is reached, the switch opens and the coil
current runs free via the integrated power diode (dis-
charge phase). When the next clock signal occurs, this
charging and discharging process is repeated. Fig. 6
shows the resulting current and voltage characteristics.
The current rise (tr ) and fall times (tf ) depend on the
voltage VH at the inductor. The following approxima-
tion applies:
tr = LVH
Ioff
VB − Vsat − VH
tf = LVH
Ioff
VH + VD
(1)
Vsat = VB − VHL: Saturation voltage of the switching
transistor plus voltage drop at RVB
VD: Forward voltage of the free-wheeling diode
The current dependencies of the saturation and diode
forward voltage (Fig. 3 and 4) are ignored here, as are
the losses due to the internal resistance of the coil.
The regulator operates at a constant frequency under
load. To prevent VH from rising without load, the os-
cillator frequency is reduced as the level of voltage VH
rises (Fig. 5).
5.5V
6.0V
6.5V
7.0V
7.5V
VH
500mV
400mV
300mV
200mV
100mV
0V
typ.
Figure 2: Regulating characteristic ∆VR = f (VH)
0A
100mA
200mA
300mA
400mA
500mA
I(VHL)
1.5V
1.0V
0.5V
0V
typ.
max.
Figure 3: Saturation voltage of switching transistor
0A
100mA
200mA
300mA
400mA
500mA
I(VHL)
1.5V
1.0V
0.5V
0V
max.
typ.
Figure 4: Forward voltage of free-wheeling diode


Similar Part No. - IC-WDDFN10

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-WE ICHAUS-IC-WE Datasheet
380Kb / 10P
   3-CHANNEL 75 廓 LINE DRIVER
IC-WESO16W ICHAUS-IC-WESO16W Datasheet
380Kb / 10P
   3-CHANNEL 75 廓 LINE DRIVER
IC-WESO20 ICHAUS-IC-WESO20 Datasheet
380Kb / 10P
   3-CHANNEL 75 廓 LINE DRIVER
IC-WETSSOP20 ICHAUS-IC-WETSSOP20 Datasheet
380Kb / 10P
   3-CHANNEL 75 廓 LINE DRIVER
IC-WG ICHAUS-IC-WG Datasheet
321Kb / 11P
   14-BIT DIFFERENTIAL SCANNING OPTO ENCODER
More results

Similar Description - IC-WDDFN10

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1054L LINER-LT1054L_15 Datasheet
294Kb / 16P
   Switched-Capacitor Voltage Converter with Regulator
LT1054 LINER-LT1054 Datasheet
334Kb / 16P
   Switched-Capacitor Voltage Converter with Regulator
LT1054L LINER-LT1054L Datasheet
228Kb / 16P
   Switched-Capacitor Voltage Converter with Regulator
LT1054 LINER-LT1054_15 Datasheet
294Kb / 16P
   Switched-Capacitor Voltage Converter with Regulator
logo
TOKO, Inc
TK75018 TOKO-TK75018 Datasheet
91Kb / 8P
   SWITCHED CAPACITOR VOLTAGE CONVERTER WITH REGULATOR
logo
Linear Technology
LT1054IS8PBF LINER-LT1054IS8PBF Datasheet
274Kb / 16P
   Switched-Capacitor Voltage Converter with Regulator
LT1054 LINER-LT1054_10 Datasheet
268Kb / 16P
   Switched-Capacitor Voltage Converter with Regulator
logo
TOKO, Inc
TK65018 TOKO-TK65018 Datasheet
33Kb / 5P
   CMOS SWITCHED CAPACITOR VOLTAGE CONVERTER WITH REGULATOR
logo
Texas Instruments
TPS55065-Q1 TI-TPS55065-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS55065-Q1 Buck and Boost Switched-Mode Regulator
logo
National Semiconductor ...
LM2685 NSC-LM2685 Datasheet
244Kb / 9P
   Dual Output Regulated Switched Capacitor Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com